Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMI-AU-5W Datasheet(PDF) 1 Page - CUI INC

Part # SMI-AU-5W
Description  AUSTRALIA BLADE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

SMI-AU-5W Datasheet(HTML) 1 Page - CUI INC

  SMI-AU-5W Datasheet HTML 1Page - CUI INC SMI-AU-5W Datasheet HTML 2Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
cui.com
date 11/20/2020
page 1 of 2
MODEL: SMI-AU-5W
│ DESCRIPTION: AUSTRALIA BLADE
MECHANICAL DRAWING
units: mm
tolerance:
0.2~2: ±0.15 mm
2~15: ±0.25 mm
15~30: ±0.30 mm
30~50: ±0.35 mm
unless otherwise noted
color: white
Additional Resources: Product Page


Similar Part No. - SMI-AU-5W

ManufacturerPart #DatasheetDescription
logo
CUI INC
SMI-AU-5 CUI-SMI-AU-5 Datasheet
176Kb / 2P
   AUSTRALIA BLADE
More results

Similar Description - SMI-AU-5W

ManufacturerPart #DatasheetDescription
logo
CUI INC
SMI-AU-3L-W CUI-SMI-AU-3L-W Datasheet
347Kb / 2P
   AUSTRALIA BLADE
12/15/2020
SMI-AU-3L CUI-SMI-AU-3L Datasheet
391Kb / 2P
   AUSTRALIA BLADE
SMI-AU-1 CUI-SMI-AU-1_V01 Datasheet
253Kb / 2P
   AUSTRALIA BLADE
03/17/2020
SMI-AU-3 CUI-SMI-AU-3 Datasheet
337Kb / 2P
   AUSTRALIA BLADE
SMI-AU-3 CUI-SMI-AU-3_V01 Datasheet
371Kb / 2P
   AUSTRALIA BLADE
06/20/2019
SMI-AU-1 CUI-SMI-AU-1 Datasheet
230Kb / 2P
   AUSTRALIA BLADE
SMI-AU-5 CUI-SMI-AU-5 Datasheet
176Kb / 2P
   AUSTRALIA BLADE
logo
Phihong USA Inc.
PSM03S-050Q-3W-R PHIHONG-PSM03S-050Q-3W-R Datasheet
80Kb / 2P
   2.75W Compact Fixed Blade Charger (Australia/New Zealand) Level V Efficient USB Adapter
logo
CUI INC
AC-C13-AU CUI-AC-C13-AU Datasheet
96Kb / 2P
   3 PRONG AC CORD, AUSTRALIA
logo
CUI Devices
AC-C13AU CUID-AC-C13AU Datasheet
267Kb / 2P
   3 PRONG AC CORD, AUSTRALIA
10/25/2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com