Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P7803-2000-S Datasheet(PDF) 1 Page - CUI INC

Part # P7803-2000-S
Description  NON-ISOLATED SWITCHING REGULATOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

P7803-2000-S Datasheet(HTML) 1 Page - CUI INC

  P7803-2000-S Datasheet HTML 1Page - CUI INC P7803-2000-S Datasheet HTML 2Page - CUI INC P7803-2000-S Datasheet HTML 3Page - CUI INC P7803-2000-S Datasheet HTML 4Page - CUI INC P7803-2000-S Datasheet HTML 5Page - CUI INC P7803-2000-S Datasheet HTML 6Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
cui.com
date 09/23/2021
page 1 of 6
SERIES: P78-2000-S
│ DESCRIPTION: NON-ISOLATED SWITCHING REGULATOR
date 09/23/2021
page 1 of 6
FEATURES
• 2 A of output current
• high efficiency up to 95%
• EN 62368-1 certified
• no-load input current as low as 0.1 mA
• wide temperature range: -40°C ~ +85°C
• output short circuit protection
• pin-out compatible with linear regulators
PART NUMBER KEY
MODEL
input
voltage
output
voltage
output
current
output
power
ripple
and noise1,2
efficiency
typ
(Vdc)
range
(Vdc)
(Vdc)
max
(mA)
max
(W)
max
(mVp-p)
typ
(%)
P7803-2000-S
24
6~36
3.3
2000
6.6
75
87
P7805-2000-S
24
8~36
5
2000
10
75
90
P7809-2000-S
24
13~36
9
2000
18
75
93
P7812-2000-S
24
16~36
12
2000
24
75
94
P7815-2000-S
24
18~36
15
2000
30
75
95
Notes:
1. Ripple and noise are measured at 20 MHz BW by “parallel cable” method with 1 µF ceramic and 10 µF electrolytic capacitors on the output.
2.20~100%loadripple&noise≤100mVp-p.0~20%loadripple&noise≤180mVp-p
Input Voltage
Base Number
Packaging Style
P78XX - 2000 - S
Additional Resources: Product Page | 3D Model | PCB Footprint
Additional Resources: Product Page | 3D Model | PCB Footprint


Similar Part No. - P7803-2000-S

ManufacturerPart #DatasheetDescription
logo
CUI INC
P7803-2000R-S CUI-P7803-2000R-S Datasheet
1Mb / 6P
   NON-ISOLATED SWITCHING REGULATOR
08/08/2022
More results

Similar Description - P7803-2000-S

ManufacturerPart #DatasheetDescription
logo
CUI INC
V78-1000 CUI-V78-1000 Datasheet
578Kb / 7P
   NON-ISOLATED SWITCHING REGULATOR
V78-1500 CUI-V78-1500 Datasheet
670Kb / 6P
   NON-ISOLATED SWITCHING REGULATOR
V78-500 CUI-V78-500_V01 Datasheet
457Kb / 7P
   NON-ISOLATED SWITCHING REGULATOR
06/24/2019
V78-1500 CUI-V78-1500_V01 Datasheet
1Mb / 6P
   NON-ISOLATED SWITCHING REGULATOR
09/22/2021
P78-2000R-S CUI-P78-2000R-S Datasheet
1Mb / 6P
   NON-ISOLATED SWITCHING REGULATOR
08/08/2022
V78-1000 CUI-V78-1000_V01 Datasheet
1Mb / 7P
   NON-ISOLATED SWITCHING REGULATOR
09/22/2021
P783-S CUI-P783-S Datasheet
1Mb / 7P
   NON-ISOLATED SWITCHING REGULATOR
09/23/2021
V7802-1000-SMT CUI-V7802-1000-SMT Datasheet
453Kb / 6P
   NON-ISOLATED SWITCHING REGULATOR
P7805-S CUI-P7805-S Datasheet
480Kb / 6P
   NON-ISOLATED SWITCHING REGULATOR
V78-500-SMT CUI-V78-500-SMT_V01 Datasheet
1Mb / 8P
   NON-ISOLATED SWITCHING REGULATOR
08/17/2021
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com