Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P7803-2000-S Datasheet(PDF) 5 Page - CUI INC

Part # P7803-2000-S
Description  NON-ISOLATED SWITCHING REGULATOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

P7803-2000-S Datasheet(HTML) 5 Page - CUI INC

  P7803-2000-S Datasheet HTML 1Page - CUI INC P7803-2000-S Datasheet HTML 2Page - CUI INC P7803-2000-S Datasheet HTML 3Page - CUI INC P7803-2000-S Datasheet HTML 4Page - CUI INC P7803-2000-S Datasheet HTML 5Page - CUI INC P7803-2000-S Datasheet HTML 6Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
cui.com
CUI Inc
│ SERIES: P78-2000-S │ DESCRIPTION: NON-ISOLATED SWITCHING REGULATOR
date 09/23/2021
│ page 5 of 6
Figure 2
TYPICAL APPLICATION CIRCUIT
Part No.
C1
(ceramic capacitor)
C2
(ceramic capacitor)
P7803-2000-S
22μF/50V
22μF/10V
P7805-2000-S
22μF/50V
22μF/10V
P7809-2000-S
22μF/50V
22μF/16V
P7812-2000-S
22μF/50V
22μF/25V
P7815-2000-S
22μF/50V
22μF/25V
Table 1
Recommended external circuit
components
FUSE
choose according to
practical input current
C0
100μF/100V
LDM1
22μH
C4
680μF/50V
C1/C2
10μF/50V
C3
22μF/25V
Figure 3
EMC RECOMMENDED CIRCUIT
Table 2
Note:
1. C1 and C2 are required and should be connected close to the pin terminal of the module.
2. The capacitance of C1 and C2 refer to Sheet 1.
3.Toreducetheoutputripplefurtherly,C2canbeincreasedproperlyifrequired,tantalumcapacitorandaluminumelectrolyticcapacitoroflowESRmayalsosuffice.
4. Cannot be used in parallel to enlarge the power for output and hot swap.
Note:
Part ① in the Fig. 4 is for EMS test, part ➁isforEMIfiltering;parts① and ➁ can be added based on actual requirement.
Additional Resources: Product Page | 3D Model | PCB Footprint
Additional Resources: Product Page | 3D Model | PCB Footprint


Similar Part No. - P7803-2000-S

ManufacturerPart #DatasheetDescription
logo
CUI INC
P7803-2000R-S CUI-P7803-2000R-S Datasheet
1Mb / 6P
NON-ISOLATED SWITCHING REGULATOR
08/08/2022
More results

Similar Description - P7803-2000-S

ManufacturerPart #DatasheetDescription
logo
CUI INC
V78-1000 CUI-V78-1000 Datasheet
578Kb / 7P
NON-ISOLATED SWITCHING REGULATOR
V78-1500 CUI-V78-1500 Datasheet
670Kb / 6P
NON-ISOLATED SWITCHING REGULATOR
V78-500 CUI-V78-500_V01 Datasheet
457Kb / 7P
NON-ISOLATED SWITCHING REGULATOR
06/24/2019
V78-1500 CUI-V78-1500_V01 Datasheet
1Mb / 6P
NON-ISOLATED SWITCHING REGULATOR
09/22/2021
P78-2000R-S CUI-P78-2000R-S Datasheet
1Mb / 6P
NON-ISOLATED SWITCHING REGULATOR
08/08/2022
V78-1000 CUI-V78-1000_V01 Datasheet
1Mb / 7P
NON-ISOLATED SWITCHING REGULATOR
09/22/2021
P783-S CUI-P783-S Datasheet
1Mb / 7P
NON-ISOLATED SWITCHING REGULATOR
09/23/2021
V7802-1000-SMT CUI-V7802-1000-SMT Datasheet
453Kb / 6P
NON-ISOLATED SWITCHING REGULATOR
P7805-S CUI-P7805-S Datasheet
480Kb / 6P
NON-ISOLATED SWITCHING REGULATOR
V78-500-SMT CUI-V78-500-SMT_V01 Datasheet
1Mb / 8P
NON-ISOLATED SWITCHING REGULATOR
08/17/2021
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com