Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P7803-2000-S Datasheet(PDF) 2 Page - CUI INC

Part # P7803-2000-S
Description  NON-ISOLATED SWITCHING REGULATOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

P7803-2000-S Datasheet(HTML) 2 Page - CUI INC

  P7803-2000-S Datasheet HTML 1Page - CUI INC P7803-2000-S Datasheet HTML 2Page - CUI INC P7803-2000-S Datasheet HTML 3Page - CUI INC P7803-2000-S Datasheet HTML 4Page - CUI INC P7803-2000-S Datasheet HTML 5Page - CUI INC P7803-2000-S Datasheet HTML 6Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
cui.com
CUI Inc
│ SERIES: P78-2000-S │ DESCRIPTION: NON-ISOLATED SWITCHING REGULATOR
date 09/23/2021
│ page 2 of 6
INPUT
parameter
conditions/description
min
typ
max
units
operating input voltage
3.3 Vdc output
5.0 Vdc output
6
8
24
24
36
36
Vdc
Vdc
no load input current
input voltage range
0.1
1
mA
filter
capacitancefilter
OUTPUT
parameter
conditions/description
min
typ
max
units
capacitive load
3.3 V model
5 V model
9 V model
12 & 15 V models
1800
1000
680
470
μF
μF
μF
μF
line regulation
input voltage range, full load
±0.4
±0.8
%
load regulation
from 10% to 100% load
±0.5
±1.5
%
voltage accuracy
100% load, input voltage range
P7803-2000-S
all other models
±2
±2
±4
±3
%
%
switching frequency
100% load, nominal input
400
kHz
transient recovery time
25% load step change
0.2
1
mS
transient response deviation
25% load step change
50
150
mV
temperaturecoefficient
-40°C ~ 85°C
±0.03
%/°C
PROTECTIONS
parameter
conditions/description
min
typ
max
units
short circuit protection
continuous, automatic recovery
SAFETY AND COMPLIANCE
parameter
conditions/description
min
typ
max
units
safety approvals
EN62368-1
conducted emissions
CISPR32/EN55032classB(seefig.4-➁ for recommended circuit)
radiated emissions
CISPR32/EN55032classB(seefig.4-➁ for recommended circuit)
ESD
IEC/EN 61000-4-2, contact ± 6kV, perf. Criteria B
radiated immunity
IEC/EN 61000-4-3, 10V/m, perf. Criteria A
EFT/burst
IEC/EN61000-4-4,±1kV(seefig.4-① for recommended circuit), perf. Criteria B
surge
IEC/EN61000-4-5,linetoline±1kV(seefig.4-① for recommended circuit), perf. Criteria B
conducted immunity
IEC/EN 61000-4-6, 3 Vr.ms, perf. Criteria A
MTBF
as per MIL-HDBK-217F @ 25°C
2,000
K hours
RoHS
2011/65/EU
Additional Resources: Product Page | 3D Model | PCB Footprint
Additional Resources: Product Page | 3D Model | PCB Footprint


Similar Part No. - P7803-2000-S

ManufacturerPart #DatasheetDescription
logo
CUI INC
P7803-2000R-S CUI-P7803-2000R-S Datasheet
1Mb / 6P
NON-ISOLATED SWITCHING REGULATOR
08/08/2022
More results

Similar Description - P7803-2000-S

ManufacturerPart #DatasheetDescription
logo
CUI INC
V78-1000 CUI-V78-1000 Datasheet
578Kb / 7P
NON-ISOLATED SWITCHING REGULATOR
V78-1500 CUI-V78-1500 Datasheet
670Kb / 6P
NON-ISOLATED SWITCHING REGULATOR
V78-500 CUI-V78-500_V01 Datasheet
457Kb / 7P
NON-ISOLATED SWITCHING REGULATOR
06/24/2019
V78-1500 CUI-V78-1500_V01 Datasheet
1Mb / 6P
NON-ISOLATED SWITCHING REGULATOR
09/22/2021
P78-2000R-S CUI-P78-2000R-S Datasheet
1Mb / 6P
NON-ISOLATED SWITCHING REGULATOR
08/08/2022
V78-1000 CUI-V78-1000_V01 Datasheet
1Mb / 7P
NON-ISOLATED SWITCHING REGULATOR
09/22/2021
P783-S CUI-P783-S Datasheet
1Mb / 7P
NON-ISOLATED SWITCHING REGULATOR
09/23/2021
V7802-1000-SMT CUI-V7802-1000-SMT Datasheet
453Kb / 6P
NON-ISOLATED SWITCHING REGULATOR
P7805-S CUI-P7805-S Datasheet
480Kb / 6P
NON-ISOLATED SWITCHING REGULATOR
V78-500-SMT CUI-V78-500-SMT_V01 Datasheet
1Mb / 8P
NON-ISOLATED SWITCHING REGULATOR
08/17/2021
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com