Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

749020111A Datasheet(PDF) 3 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 749020111A
Description  LAN-Transformer WE-LAN
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

749020111A Datasheet(HTML) 3 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  749020111A Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 749020111A Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 749020111A Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Kunde / customer :
Artikelnummer / part number :
Bezeichnung :
LAN-Übertrager WE-LAN
description :
LAN-Transformer WE-LAN
DATUM / DATE : 2016-02-16
I Rollenspezifikation / tape and reel specification :
A
10,20 ± 0,10
mm
B
16,00 ± 0,10
mm
C
14,20 ± 0,10
mm
D
28,40 ± 0,10
mm
F
17,00 ± 0,10
mm
G
0,20 ± 0,05
mm
J
2,00 ± 0,10
mm
L
1,75 ± 0,10
mm
Rollenspezifikation / Reel specification:
a
330,0 ± 2,0
mm
b
21,00 ± 0,8
mm
c
13,60 ± 0,5
mm
d
100,0 ± 1,0
mm
Freigabe erteilt / general release:
..................................................................................
..................................................................................
Datum / date
JaB
2016-02-16
JaB
2015-05-15
...............................................
..................................................
Mle
2013-08-05
Geprüft / checked
Name
Datum / date
mm
I
4,00
D-74638 Waldenburg · Max-Eyth-Straße 1 - 3 · Germany · Telefon (+49) (0) 7942 - 945 - 0 · Telefax (+49) (0) 7942 - 945 - 400
http://www.we-online.com
Spezifikation für Freigabe / specification for release
749020111A
Kunde / customer
Würth Elektronik
Würth Elektronik eiSos GmbH & Co.KG
Version 03
Version 02
Version 01
mm
E
32,00
mm
± 0,10
± 0,10
± 0,10
H
1,50
Kontrolliert / approved
Unterschrift / signature
Änderung / modification
Gurtspezifikation / Tape specification:
Ø c
a
d
b
The force for tearing off cover tape is
10 to 120 grams in arrow direction
165 to 180
°
feeding direction
This electronic component has been designed and developed for usage in general electronic equipment. Before incorporating this component into any equipment where higher safety and reliability is especially required
or if there is the possibility of direct damage or injury to human body, for example in the range of aerospace, aviation, nuclear control, submarine, transportation, (automotive control, train control, ship control),
transportation signal, disaster prevention, medical, public information network etc, Würth Elektronik eiSos GmbH must be informed before the design-in stage. In addition, sufficient reliability evaluation checks for safety
must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.
SEITE 3 VON 3


Similar Part No. - 749020111A

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
749020111 WURTH-749020111 Datasheet
215Kb / 1P
ELECTRICAL SPECIFICATIONS
More results

Similar Description - 749020111A

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
749010012 WURTH-749010012 Datasheet
169Kb / 3P
LAN-Transformer WE-LAN
749023010A WURTH-749023010A Datasheet
373Kb / 3P
LAN-Transformer WE-LAN
7490100110A WURTH-7490100110A Datasheet
260Kb / 3P
LAN-Transformer WE-LAN
7490100111A WURTH-7490100111A Datasheet
503Kb / 4P
LAN-Transformer WE-LAN
749020100A WURTH-749020100A Datasheet
221Kb / 3P
LAN-Transformer WE-LAN
749020022A WURTH-749020022A Datasheet
300Kb / 3P
LAN-Transformer WE-LAN
2016-09-26 Revision 03
749010012A WURTH-749010012A Datasheet
278Kb / 3P
LAN-Transformer WE-LAN
2015-01-26
749020112B WURTH-749020112B Datasheet
357Kb / 3P
LAN-Transformer WE-LAN
2017-05-24 Revision 01
749023113C WURTH-749023113C Datasheet
319Kb / 3P
LAN-Transformer WE-LAN
2018-09-11 Revision 01
7490220120 WURTH-7490220120_V01 Datasheet
209Kb / 3P
LAN-Transformer WE-LAN
2018-09-10
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com