Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

203L-30KV-POS-3P400 Datasheet(PDF) 1 Page - TDK Electronics

Part # 203L-30KV-POS-3P400
Description  High Voltage Power Supplies
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

203L-30KV-POS-3P400 Datasheet(HTML) 1 Page - TDK Electronics

  203L-30KV-POS-3P400 Datasheet HTML 1Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
High Voltage Power Supplies
1 of 1
Creation Date : April 08, 2022 (GMT)
203L-30kV-POS-3P400
! Images are for reference only and show exemplary products.
! This PDF document was created based on the data listed on the TDK Corporation website.
! All specifications are subject to change without notice.
Copyright(c) TDK Corporation. All rights reserved.
Sales Region
Worldwide (except Japan)
Series
ALE
Model
ALE-Rack mount
Status
Production
Option
Positive polarity
Option Lineup
Please refer to here.
Accessories
Please refer to the catalog
Electrical Characteristics
Input
3-phase
Input Voltage Range[AC]
340 to 460VAC
Input Frequency Range
47 to 63Hz
Rated Output Voltage[DC]
30000Vdc
Output Voltage Range[DC]
0 to 30000V
Average Capacitor Charging Power
20000J/sec
Peak Capacitor Charging Power
25000J/sec
Charge Current
1.65A
Continuous DC Current
1A
Continuous DC Power
30kW
Polarity
Positive
Power Factor
0.9
Efficiency
85% Typ.
Package Type & Size
Package / Mounting
Rack mount
Width(W)
482mm Nom. (18.98in Nom.)
Height(H)
311mm Nom. (12.24in Nom.)
Depth(D)
571mm Nom. (22.48in Nom.)
Weight
100kg Typ. (220.5lbs Typ.)
Other
Operating Temp. Range
0 to 55°C
Storage Temp. Range
-40 to 70°C
Cooling
Water
Safety Standard(Certified)
Safety Standard(Conformed)
Remarks
This page only shows representative characteristics. Please refer to the
technical data for detailed specifications and conditions.


Similar Part No. - 203L-30KV-POS-3P400

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
203L-30KV-POS-3P480 TDK-203L-30KV-POS-3P480 Datasheet
78Kb / 1P
High Voltage Power Supplies
April 08, 2022
More results

Similar Description - 203L-30KV-POS-3P400

ManufacturerPart #DatasheetDescription
logo
High Voltage Power Solu...
ACN2132L8 HVPSI-ACN2132L8 Datasheet
56Kb / 2P
HIGH VOLTAGE POWER SUPPLIES
ACN2234L25 HVPSI-ACN2234L25_15 Datasheet
515Kb / 2P
High Voltage Power Supplies
ACN2422L10 HVPSI-ACN2422L10_15 Datasheet
608Kb / 2P
High Voltage Power Supplies
logo
TDK Electronics
203L-5KV-POS-3P480 TDK-203L-5KV-POS-3P480 Datasheet
78Kb / 1P
High Voltage Power Supplies
April 08, 2022
203L-15KV-NEG-3P208 TDK-203L-15KV-NEG-3P208 Datasheet
78Kb / 1P
High Voltage Power Supplies
April 07, 2022
203L-15KV-POS-3P400 TDK-203L-15KV-POS-3P400 Datasheet
78Kb / 1P
High Voltage Power Supplies
April 08, 2022
203S-15KV-NEG-3P208 TDK-203S-15KV-NEG-3P208 Datasheet
78Kb / 1P
High Voltage Power Supplies
April 08, 2022
203S-1KV-POS-3P480 TDK-203S-1KV-POS-3P480 Datasheet
78Kb / 1P
High Voltage Power Supplies
April 08, 2022
203S-2KV-NEG-3P208 TDK-203S-2KV-NEG-3P208 Datasheet
78Kb / 1P
High Voltage Power Supplies
April 08, 2022
203L-30KV-POS-3P208 TDK-203L-30KV-POS-3P208 Datasheet
78Kb / 1P
High Voltage Power Supplies
April 08, 2022
203L-40KV-NEG-3P208 TDK-203L-40KV-NEG-3P208 Datasheet
78Kb / 1P
High Voltage Power Supplies
April 08, 2022
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com