Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

6684 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 6684
Description  OR gate
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

6684 Datasheet(HTML) 1 Page - Festo Corporation.

  6684 Datasheet HTML 1Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
OR gate
OS-PK-3
Part number: 6684
Data sheet
Feature
Value
Valve function
OR function
Pneumatic connection 1
PK-3
Pneumatic connection 2
PK-3
Type of mounting
With through-hole
Standard nominal flow rate
120 l/min
Operating pressure
1.6 bar ... 8 bar
Ambient temperature
-10 °C ... 60 °C
Housing material
POM
Operating medium
Compressed air as per ISO 8573-1:2010 [7:-:-]
Nominal width
2.4 mm
Mounting position
Any
Symbol
00991102
Information on operating and pilot media
Operation with oil lubrication possible (required for further use)
Temperature of medium
-10 °C ... 60 °C
Product weight
9 g
Pneumatic connection 3
PK-3
Note on materials
RoHS-compliant
Seals material
NBR
4/15/22 - Subject to change - Festo SE & Co. KG
1/1


Similar Part No. - 6684

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
6684 APITECH-6684 Datasheet
387Kb / 1P
10/100 Base-T Single Port
logo
AVX Corporation
668489001021000 AVX-668489001021000 Datasheet
395Kb / 7P
Style M Connectors
668489001022000 AVX-668489001022000 Datasheet
395Kb / 7P
Style M Connectors
668489001023000 AVX-668489001023000 Datasheet
395Kb / 7P
Style M Connectors
logo
Keysight Technologies
6684A KEYSIGHT-6684A Datasheet
1Mb / 5P
6680A Series Single-Output, 5000 W DC Power Supplies, GPIB
More results

Similar Description - 6684

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCC4071B STMICROELECTRONICS-HCC4071B Datasheet
281Kb / 11P
OR GATE
logo
Toshiba Semiconductor
TC7S86F TOSHIBA-TC7S86F Datasheet
201Kb / 5P
EXCLUSIVE OR GATE
logo
National Semiconductor ...
MM54HC51 NSC-MM54HC51 Datasheet
126Kb / 4P
Dual AND-OR-Invert Gate / Dual AND-OR Gate
logo
Toshiba Semiconductor
TC7SG86FU TOSHIBA-TC7SG86FU Datasheet
152Kb / 6P
EXCLUSIVE OR Gate
TC7SH86FE TOSHIBA-TC7SH86FE Datasheet
149Kb / 5P
Exclusive OR Gate
logo
Festo Corporation.
10412 FESTO-10412 Datasheet
77Kb / 1P
OR gate
4/15/22
10413 FESTO-10413 Datasheet
76Kb / 1P
OR gate
4/15/22
3427 FESTO-3427 Datasheet
84Kb / 1P
OR gate
4/15/22
6681 FESTO-6681 Datasheet
77Kb / 1P
OR gate
4/15/22
6682 FESTO-6682 Datasheet
76Kb / 1P
OR gate
4/15/22
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com