Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BNI00C7 Datasheet(PDF) 1 Page - Balluff Korea Ltd.

Part # BNI00C7
Description  I/O modules
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BNI00C7 Datasheet(HTML) 1 Page - Balluff Korea Ltd.

  BNI00C7 Datasheet HTML 1Page - Balluff Korea Ltd. BNI00C7 Datasheet HTML 2Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
I/O modules
BNI IOL-740-002-E023
Order Code: BNI00C7
Internet
www.balluff.com
eCl@ss 9.1: 27-24-26-02
Subject to change without notice: 253873
ETIM 6.0: EC001599
BNI00C7_3_2019-08-15
1 / 2
Basic features
Approval/Conformity
CE
EAC
WEEE
Scope of delivery
User manual
Display/Operation
IO-Link communication indicator
Green LED
Module supply indicator
Green LED
Electrical connection
Connection (COM 1)
M12x1-Male, 4-pin, A-coded
Connection slots
M12x1-Female, 5-pin, A-coded
Contact, surface protection
nickel plated 2 µm/gold plated 0.4
µm
Electrical data
Configurable inputs/outputs
no
Current consumption without load,
max.
60 mA
Current sum UA, actuator
4.0 A
Current sum US, sensor
4.0 A
IO-Link function
Device
IO-Link ports, number
1
Operating voltage Ub
18...30.2 VDC
Rated operating voltage Ue DC
24 V
Environmental conditions
Ambient temperature
-5...70 °C
IP rating
IP67, when threaded in
Storage temperature
-25...70 °C
Functional safety
MTTF (40 °C)
129 a


Similar Part No. - BNI00C7

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BNI00C1 BALLUFF-BNI00C1 Datasheet
105Kb / 2P
   I/O modules
0.67_2021-05-03
BNI00C6 BALLUFF-BNI00C6 Datasheet
109Kb / 2P
   I/O modules
3_2019-08-15
BNI00C8 BALLUFF-BNI00C8 Datasheet
107Kb / 2P
   I/O modules
3_2019-08-15
BNI00C9 BALLUFF-BNI00C9 Datasheet
108Kb / 2P
   I/O modules
3_2019-08-15
More results

Similar Description - BNI00C7

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
PB-8M CRYDOM-PB-8M Datasheet
1Mb / 3P
   I/O Modules
PB4H CRYDOM-PB4H Datasheet
354Kb / 3P
   I/O Modules
C4_INPUT CRYDOM-C4_INPUT Datasheet
1Mb / 4P
   I/O Modules
M_INPUT CRYDOM-M_INPUT Datasheet
456Kb / 4P
   I/O Modules
PB4 CRYDOM-PB4 Datasheet
350Kb / 3P
   I/O Modules
logo
Balluff Korea Ltd.
BNI00F4 BALLUFF-BNI00F4 Datasheet
132Kb / 2P
   I/O modules
BNI0041 BALLUFF-BNI0041 Datasheet
118Kb / 2P
   I/O modules
0.46_2021-08-25
logo
Crydom Inc.,
PB4C4 CRYDOM-PB4C4 Datasheet
352Kb / 3P
   I/O Modules
C4_OUTPUT CRYDOM-C4_OUTPUT Datasheet
1Mb / 4P
   I/O Modules
M_OUTPUT CRYDOM-M_OUTPUT Datasheet
1Mb / 5P
   I/O Modules
PB-8SM CRYDOM-PB-8SM Datasheet
1Mb / 3P
   I/O Modules
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com