Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS-105386-001 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # PS-105386-001
Description  RF SPRING
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

PS-105386-001 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  PS-105386-001 Datasheet HTML 1Page - Molex Electronics Ltd. PS-105386-001 Datasheet HTML 2Page - Molex Electronics Ltd. PS-105386-001 Datasheet HTML 3Page - Molex Electronics Ltd. PS-105386-001 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PRODUCT SPECIFICATION
REVISION:
ECR/ECN INFORMATION: TITLE:
RF SPRING
SHEET No.
A
EC No:
SH2015-0239
2 of 4
DATE:
2015/03/09
DOCUMENT NUMBER:
CREATED / REVISED BY:
CHECKED BY:
APPROVED BY:
PS-105386-001
RLI09
FYANG05
RZHANG
TEMPLATE FILENAME: PRODUCT_SPEC[SIZE_A4](V.1).DOC
3.0 APPLICABLE DOCUMENTS AND SPECIFICATIONS
The following documents are part of this specification between the requirements of this specified
herewith. In the event of conflict between the requirements of this specification and the product
drawings, the product drawings shall take precedence. In the event of conflict between the
requirements of this specification and reference documents, this specification shall take
precedence.
4.0 RATINGS
4.1 VOLTAGE
10 Volts DC
4.2 CURRENT
1.5 Amps
4.3 FIELD LIFE AND TEMPERATURE
Field Life: 1 years
Field Temperature: -40°C~85
C
4.4 OPERATING TEMPERTURE
-40
C ~ +85C
4.5 NON OPERATING TEMPERTURE
-55
C ~ +85C
5.0 PERFORMANCE
5.1 ELECTRICAL REQUIREMENTS
ITEM
DESCRIPTION
TEST CONDITION
REQUIREMENT
1
Contact
Resistance
(Low Level)
Mate connectors at minimum deflection:
apply a maximum voltage of 20 mV and
a maximum current of 100 mA.
(EIA-364-23)
Initial: 50 m
 Max.
R: 10 m Max.
2
Contact Current
Rating
Mate the connectors, single contact and
measure the temperature rise at the
rated current of 1.5A.
Maximum Temperature Rise:
30 °C above ambient.


Similar Part No. - PS-105386-001

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
PS-105384-001 MOLEX-PS-105384-001 Datasheet
185Kb / 4P
   CONTACT SPRING
2015/11/09
More results

Similar Description - PS-105386-001

ManufacturerPart #DatasheetDescription
logo
Mill-Max Mfg. Corp.
807-22-001-30-000101 MILL-MAX-807-22-001-30-000101 Datasheet
118Kb / 3P
   Spring-Loaded Insulated Spring Pin Spring-Loaded Header
0900-0-00-00-00-00-11-0 MILL-MAX-0900-0-00-00-00-00-11-0 Datasheet
318Kb / 1P
   SPRING-LOADED CONNECTORS Discrete Spring-Loaded Contacts
logo
List of Unclassifed Man...
SSA-50 ETC2-SSA-50 Datasheet
358Kb / 1P
   SPRING ANCHORS
logo
Molex Electronics Ltd.
0690280660 MOLEX-0690280660 Datasheet
18Kb / 1P
   Drag Spring
09/12/2022
logo
List of Unclassifed Man...
561-SCP375132 ETC2-561-SCP375132 Datasheet
179Kb / 2P
   Spring Clip
logo
Molex Electronics Ltd.
PS-105384-001 MOLEX-PS-105384-001 Datasheet
185Kb / 4P
   CONTACT SPRING
2015/11/09
69028-0660 MOLEX11-69028-0660 Datasheet
42Kb / 1P
   Drag Spring
logo
CUI INC
CDM-15008 CUI-CDM-15008 Datasheet
1Mb / 4P
   spring contacts
logo
Tyco Electronics
1903646-1 MACOM-1903646-1 Datasheet
4Mb / 6P
   Spring Fingers
logo
List of Unclassifed Man...
H1315 ETC2-H1315 Datasheet
505Kb / 8P
   SPRING TERMINOLOGY
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com