Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UNH0003 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # UNH0003
Description  Circuit Protector Elements
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

UNH0003 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  UNH0003 Datasheet HTML 1Page - Panasonic Semiconductor UNH0003 Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Circuit Protector Elements
1
Publication date: January 2004
SQB00023BED
UNH0003
Circuit Protector Elements
For overcurrent protection
■ Features
• Sharp cutoff characteristics and low voltage drop
• Flame retardant package and low heat generation, high density
mounting is possible.
• The package is molded with high dimensional accuracy.
■ Absolute Maximum Ratings T
a = 25°C
1: For use
2: N.C.
3: For use
TO-92-C1 Package
5.0±0.2
0.7±0.1
0.45
+0.15
–0.1
2.5
+0.6
–0.2
2.5
+0.6
–0.2
0.45
+0.15
–0.1
4.0±0.2
123
Parameter
Symbol
Rating
Unit
Operating ambient temperature
Topr
−55 to +125
°C
Storage temperature
Tstg
−55 to +125
°C
■ Usage Notes
• Package shall be overheated and dangerous for overcurrent.
• This device should be used only to the secondary circuit.
Package will be damaged for added overpower.
• This device is not electrical fuse legally. Please draw a clear line between electrical fuse from this device.
Parameter
Min
Typ
Max
Unit
Rated voltage
50
V
Rated current
0.6
A
Internal resistance
70
83
96
m
Cutoff current *
1.7
A
Standard temperature rise
7
°C
■ Electrical Characteristics T
a
= 25°C ± 3°C
Marking Symbol: 0003
Unit: mm
Note) *: Measurement condition of cutoff current shall be at Ta = 25°C, t = 1s
Tolerance of cutoff current shall be
± 25%


Similar Part No. - UNH0003

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
UNH0006 PANASONIC-UNH0006 Datasheet
51Kb / 2P
Circuit Protector Elements
More results

Similar Description - UNH0003

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
UNH0110 PANASONIC-UNH0110 Datasheet
34Kb / 2P
Circuit Protector Elements
UNH0120 PANASONIC-UNH0120 Datasheet
34Kb / 2P
Circuit Protector Elements
UN11015 PANASONIC-UN11015 Datasheet
41Kb / 2P
Circuit Protector Elements
UN10004 PANASONIC-UN10004 Datasheet
27Kb / 1P
Circuit Protector Elements
UNHZ202 PANASONIC-UNHZ202 Datasheet
65Kb / 3P
Circuit Protector Elements
UNH0006 PANASONIC-UNH0006 Datasheet
51Kb / 2P
Circuit Protector Elements
UNH1115 PANASONIC-UNH1115 Datasheet
36Kb / 2P
Circuit Protector Elements
UNH0127 PANASONIC-UNH0127 Datasheet
35Kb / 2P
Circuit Protector Elements
UNH0104 PANASONIC-UNH0104 Datasheet
38Kb / 2P
Circuit Protector Elements
UNHS200 PANASONIC-UNHS200 Datasheet
72Kb / 3P
Circuit Protector Elements
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com