Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC6754 Datasheet(PDF) 19 Page - Analog Devices

Part # LTC6754
Description  Four-Channel Transimpedance Amplifier with Output Multiplexing
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6754 Datasheet(HTML) 19 Page - Analog Devices

Back Button LTC6754 Datasheet HTML 15Page - Analog Devices LTC6754 Datasheet HTML 16Page - Analog Devices LTC6754 Datasheet HTML 17Page - Analog Devices LTC6754 Datasheet HTML 18Page - Analog Devices LTC6754 Datasheet HTML 19Page - Analog Devices LTC6754 Datasheet HTML 20Page - Analog Devices LTC6754 Datasheet HTML 21Page - Analog Devices LTC6754 Datasheet HTML 22Page - Analog Devices LTC6754 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 34 page
background image
LTC6563
19
Rev. 0
For more information www.analog.com
Output Offset and Current Control
The output stage of the LTC6563 has many options. The
ADJ1 and ADJ0 pins provide four options for the output
current drive. The output voltage swing is dependent on
the adjust setting, the external differential termination
resistor, and the Tilt input. The purpose of the Tilt input is
to offset the DC output voltages, thereby increasing the
full output swing of the TIA for unipolar inputs. Output
TILT is essential for the ADC as the input from the pho-
todetector is unipolar. To maximize the input swing of
the ADC, the DC value of OUT is offset low while the DC
value of OUT is offset high. This allows the LTC6563 to
maximize the full dynamic range of the ADC. These pins
should be connected to low noise inputs.
LTC6563 transimpedance gain (RT) consists of the over-
all gain from the multi-stages involved in producing the
output for a given input current. The output is differential
and ½ RT is achieved if only one of the outputs is utilized.
It is possible to change the transimpedance gain (RT)
by changing RL_EXT as shown in Table 1, and Table 2.
Also, since the ADJ pins respond in less than 100ns,
these pins can be used for on the fly gain switching if the
application needs that. An example would be to reduce
the TIA gain if an overly strong signal is received by the
LTC6563. It’s important to note the following regarding
gain adjustment:
• The linear input current range (40µA with no Tilt, 90µA
with full Tilt) is not affected by these changes.
• RLDIFF refers to the total load seen by the differential
output(s) whereas RL_EXT is the external differential
load. Refer to Figure 17 to Figure 19 to see examples
of various external single-ended load (50Ω, 75Ω, and
100Ω) illustrated.
APPLICATIONS INFORMATION
Table 1. Output Stage when Tilt Pin = 0V, OUT Connected to TERM and OUT Connected to TERM1
IIN (µA)
ADJ1
ADJ0
OUT (mA)
OUTBAR (mA)
RT (Ω)
RL_EXT = 100Ω DIFF
RT (Ω)
RL_EXT = 200Ω DIFF
RT (Ω)
RL_EXT = OPEN
0
0
0
7
7
5.55k
7.4k
11.1k
0
1
14
14
11.1k
14.8k
22.2k
1
0
21
21
16.65k
22.2k
33.3k
1
1
28
28
22.2k
29.6k
44.4k
45
0
0
12
2
5.55k
7.4k
11.1k
0
1
24
4
11.1k
14.8k
22.2k
1
0
36
6
16.65k
22.2k
33.3k
1
1
48
8
22.2k
29.6k
44.4k
1 Output voltage compliance to be observed at higher RL_EXT and higher ADJ settings.
Table 2. Output Stage when Tilt Pin = VCC, OUT Connected to TERM and OUT Connected to TERM1
IIN (µA)
ADJ1
ADJ0
OUT (mA)
OUTBAR (mA)
RT (Ω)
RL_EXT = 100Ω DIFF
RT (Ω)
RL_EXT = 200Ω DIFF
RT (Ω)
RL_EXT = OPEN
0
0
0
2
12
5.55k
7.4k
11.1k
0
1
4
24
11.1k
14.8k
22.2k
1
0
6
36
16.65k
22.2k
33.3k
1
1
8
48
22.2k
29.6k
44.4k
90
0
0
12
2
5.55k
7.4k
11.1k
0
1
24
4
11.1k
14.8k
22.2k
1
0
36
6
16.65k
22.2k
33.3k
1
1
48
8
22.2k
29.6k
44.4k
1 Output voltage compliance to be observed at higher RL_EXT and higher ADJ settings.


Similar Part No. - LTC6754

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6754 LINER-LTC6754 Datasheet
1Mb / 22P
   High Speed Rail-to-Rail Input Comparator with LVDS Compatible Outputs
More results

Similar Description - LTC6754

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LTC6561 AD-LTC6561 Datasheet
858Kb / 18P
   Four-Channel Multiplexed Transimpedance Amplifier
logo
Texas Instruments
LMH32404 TI-LMH32404 Datasheet
2Mb / 37P
[Old version datasheet]   LMH32404 Four-Channel, Differential Output, Multiplexed Transimpedance Amplifier With Integrated Clamping and Ambient Light Cancellation
LMH32404 TI-LMH32404_V01 Datasheet
1Mb / 41P
[Old version datasheet]   LMH32404 Four-Channel, Differential Output, Multiplexed Transimpedance Amplifier With Integrated Clamping and Ambient Light Cancellation
REVISED NOVEMBER 2022
LMH32404-Q1 TI-LMH32404-Q1 Datasheet
1Mb / 25P
[Old version datasheet]   LMH32404-Q1 Four-Channel, Differential Output, Multiplexed Transimpedance Amplifier With Integrated Clamping and Ambient Light Cancellation
LMH32404-Q1 TI-LMH32404-Q1_V01 Datasheet
2Mb / 39P
[Old version datasheet]   LMH32404-Q1 Automotive Four-Channel, Differential Output, Multiplexed Transimpedance Amplifier With Integrated Clamping and Ambient Light Cancellation
NOVEMBER 2021
logo
Analog Devices
AD8015 AD-AD8015 Datasheet
153Kb / 8P
   Wideband/Differential Output Transimpedance Amplifier
REV. A
AD8015 AD-AD8015_15 Datasheet
156Kb / 8P
   Wideband/Differential Output Transimpedance Amplifier
REV. A
AD8015ARZ AD-AD8015ARZ Datasheet
156Kb / 8P
   Wideband/Differential Output Transimpedance Amplifier
REV. A
logo
M/A-COM Technology Solu...
02011-BRF-001-A MA-COM-02011-BRF-001-A Datasheet
115Kb / 2P
   622Mbps Transimpedance Amplifier with AGC
logo
Intersil Corporation
ISL59421 INTERSIL-ISL59421 Datasheet
561Kb / 12P
   865MHz Multiplexing Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com