Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC6754 Datasheet(PDF) 18 Page - Analog Devices

Part # LTC6754
Description  Four-Channel Transimpedance Amplifier with Output Multiplexing
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6754 Datasheet(HTML) 18 Page - Analog Devices

Back Button LTC6754 Datasheet HTML 14Page - Analog Devices LTC6754 Datasheet HTML 15Page - Analog Devices LTC6754 Datasheet HTML 16Page - Analog Devices LTC6754 Datasheet HTML 17Page - Analog Devices LTC6754 Datasheet HTML 18Page - Analog Devices LTC6754 Datasheet HTML 19Page - Analog Devices LTC6754 Datasheet HTML 20Page - Analog Devices LTC6754 Datasheet HTML 21Page - Analog Devices LTC6754 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 34 page
background image
LTC6563
18
Rev. 0
For more information www.analog.com
BLOCK DIAGRAM
R
R
OMUX
OUT
OUT
TERM
TERM
PWRMD
OUTPUT
STAGE
TILT
ADJ0
ADJ1
BIAS
CTRL
50
50
LTC6563 BD
IN1
IN2
IN3
IN4
TIA
TIA
TIA
TIA
4:1
MUX
OFFSET
CHSEL0
CHSEL1
12
11
10
9
CM
CM
×2
×1
OUTPUT
CLAMPS
LO
HI
CM CONROL
LOOP
+
+
8
22
23
15
13
7
6
17
16
19
21
24
2
4
OPERATION
The LTC6563 is a four channel transimpedance ampli-
fier with an integrated 4-to-1 multiplexer and ADC driver
stage. Each of the transimpedance amplifiers converts
an input current to an output voltage. The integrated
4:1 multiplexer simplifies the system design while sav-
ing space and power. In addition, output multiplexing is
possible by using the OMUX pin. This allows multiple
4-channel LTC6563 devices to be combined. 8, 12, 16
… 32 input channels are easily multiplexed into a single
differential output.
The LTC6563 is optimized to drive high speed differential
input analog-to-digital converters (ADCs). OUT and OUT
have single-ended swings from as low as about 180mV
to about VCCO – 1V. The LTC6563 provides four modes of
output drive for matching input swing of high-speed ADCs.
The tilt feature allows the output stage to offset to take
advantage of the full differential input range of the ADCs.
The outputs have programmable clamps that limit the
output swing in saturation events. These clamps provide
protection to the front end of the ADC. The HI pin sets
the maximum swing, while a symmetric minimum swing
limit is set up internally.
In typical LIDAR applications, the LTC6563 amplifies the
output current of an APD. APD are biased near breakdown
to achieve high current gain. Under intense optical illumi-
nation, they can conduct large currents, often in excess
of 1A. The LTC6563 survives and quickly recovers from
large overload currents of this magnitude. During recover,
any TIA is blinded from subsequent pulses. The LTC6563
recovers from 1mA saturation events in less than 2.5ns
without phase reversal, minimizing this form of data loss.
Ambient light is problematic for LIDAR receiver chains.
The DC current can easily saturate the linear range of any
TIA. The LTC6563 provides a control for DC cancelation to
the inputs and can cancel up to 200μA of DC current. The
DC cancelation is designed to minimizing additive noise.


Similar Part No. - LTC6754

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6754 LINER-LTC6754 Datasheet
1Mb / 22P
High Speed Rail-to-Rail Input Comparator with LVDS Compatible Outputs
More results

Similar Description - LTC6754

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LTC6561 AD-LTC6561 Datasheet
858Kb / 18P
Four-Channel Multiplexed Transimpedance Amplifier
logo
Texas Instruments
LMH32404 TI-LMH32404 Datasheet
2Mb / 37P
LMH32404 Four-Channel, Differential Output, Multiplexed Transimpedance Amplifier With Integrated Clamping and Ambient Light Cancellation
LMH32404 TI-LMH32404_V01 Datasheet
1Mb / 41P
LMH32404 Four-Channel, Differential Output, Multiplexed Transimpedance Amplifier With Integrated Clamping and Ambient Light Cancellation
REVISED NOVEMBER 2022
LMH32404-Q1 TI-LMH32404-Q1 Datasheet
1Mb / 25P
LMH32404-Q1 Four-Channel, Differential Output, Multiplexed Transimpedance Amplifier With Integrated Clamping and Ambient Light Cancellation
LMH32404-Q1 TI-LMH32404-Q1_V01 Datasheet
2Mb / 39P
LMH32404-Q1 Automotive Four-Channel, Differential Output, Multiplexed Transimpedance Amplifier With Integrated Clamping and Ambient Light Cancellation
NOVEMBER 2021
logo
Analog Devices
AD8015 AD-AD8015 Datasheet
153Kb / 8P
Wideband/Differential Output Transimpedance Amplifier
REV. A
AD8015 AD-AD8015_15 Datasheet
156Kb / 8P
Wideband/Differential Output Transimpedance Amplifier
REV. A
AD8015ARZ AD-AD8015ARZ Datasheet
156Kb / 8P
Wideband/Differential Output Transimpedance Amplifier
REV. A
logo
M/A-COM Technology Solu...
02011-BRF-001-A MA-COM-02011-BRF-001-A Datasheet
115Kb / 2P
622Mbps Transimpedance Amplifier with AGC
logo
Intersil Corporation
ISL59421 INTERSIL-ISL59421 Datasheet
561Kb / 12P
865MHz Multiplexing Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com