Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC6754 Datasheet(PDF) 16 Page - Analog Devices

Part # LTC6754
Description  Four-Channel Transimpedance Amplifier with Output Multiplexing
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6754 Datasheet(HTML) 16 Page - Analog Devices

Back Button LTC6754 Datasheet HTML 12Page - Analog Devices LTC6754 Datasheet HTML 13Page - Analog Devices LTC6754 Datasheet HTML 14Page - Analog Devices LTC6754 Datasheet HTML 15Page - Analog Devices LTC6754 Datasheet HTML 16Page - Analog Devices LTC6754 Datasheet HTML 17Page - Analog Devices LTC6754 Datasheet HTML 18Page - Analog Devices LTC6754 Datasheet HTML 19Page - Analog Devices LTC6754 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 34 page
background image
LTC6563
16
Rev. 0
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS
R2
50
R3
50
C2
100pF
R1
2k
LTC6563
INx
OUT
S-PARAMETER MEASUREMENT
PORT1
PORT2
PORT3
PORT4
OUT
AC-COUPLED 50 PORTS
0.5pF,
2pF,
or
4pF
CIN,TOT
6563 F02
TERM
TERM
Figure 2. S-Parameters Test Circuit
Figure 3. Driving HMCAD1511 (ADJ11, Tilt = 3.3V, CM = 0.9V, FS = 2.4VP-P)
75
75
R
R
OMUX
OUT
OUT
TERM
TERM
PWRMD
OUTPUT
STAGE
TILT
ADJ0
ADJ1
BIAS
CTRL
50
50
IO CTRL
IO CTRL
6563 F03
VCC
LTC6563
OUTPUT SECTION
HMCAD1511
VCM
CM
0.1µF
CM
×2
×1
OUTPUT
CLAMPS
LO
HI
CM CONROL
LOOP
HI CTRL
+
+


Similar Part No. - LTC6754

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6754 LINER-LTC6754 Datasheet
1Mb / 22P
   High Speed Rail-to-Rail Input Comparator with LVDS Compatible Outputs
More results

Similar Description - LTC6754

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LTC6561 AD-LTC6561 Datasheet
858Kb / 18P
   Four-Channel Multiplexed Transimpedance Amplifier
logo
Texas Instruments
LMH32404 TI-LMH32404 Datasheet
2Mb / 37P
[Old version datasheet]   LMH32404 Four-Channel, Differential Output, Multiplexed Transimpedance Amplifier With Integrated Clamping and Ambient Light Cancellation
LMH32404 TI-LMH32404_V01 Datasheet
1Mb / 41P
[Old version datasheet]   LMH32404 Four-Channel, Differential Output, Multiplexed Transimpedance Amplifier With Integrated Clamping and Ambient Light Cancellation
REVISED NOVEMBER 2022
LMH32404-Q1 TI-LMH32404-Q1 Datasheet
1Mb / 25P
[Old version datasheet]   LMH32404-Q1 Four-Channel, Differential Output, Multiplexed Transimpedance Amplifier With Integrated Clamping and Ambient Light Cancellation
LMH32404-Q1 TI-LMH32404-Q1_V01 Datasheet
2Mb / 39P
[Old version datasheet]   LMH32404-Q1 Automotive Four-Channel, Differential Output, Multiplexed Transimpedance Amplifier With Integrated Clamping and Ambient Light Cancellation
NOVEMBER 2021
logo
Analog Devices
AD8015 AD-AD8015 Datasheet
153Kb / 8P
   Wideband/Differential Output Transimpedance Amplifier
REV. A
AD8015 AD-AD8015_15 Datasheet
156Kb / 8P
   Wideband/Differential Output Transimpedance Amplifier
REV. A
AD8015ARZ AD-AD8015ARZ Datasheet
156Kb / 8P
   Wideband/Differential Output Transimpedance Amplifier
REV. A
logo
M/A-COM Technology Solu...
02011-BRF-001-A MA-COM-02011-BRF-001-A Datasheet
115Kb / 2P
   622Mbps Transimpedance Amplifier with AGC
logo
Intersil Corporation
ISL59421 INTERSIL-ISL59421 Datasheet
561Kb / 12P
   865MHz Multiplexing Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com