Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC6754 Datasheet(PDF) 15 Page - Analog Devices

Part # LTC6754
Description  Four-Channel Transimpedance Amplifier with Output Multiplexing
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6754 Datasheet(HTML) 15 Page - Analog Devices

Back Button LTC6754 Datasheet HTML 11Page - Analog Devices LTC6754 Datasheet HTML 12Page - Analog Devices LTC6754 Datasheet HTML 13Page - Analog Devices LTC6754 Datasheet HTML 14Page - Analog Devices LTC6754 Datasheet HTML 15Page - Analog Devices LTC6754 Datasheet HTML 16Page - Analog Devices LTC6754 Datasheet HTML 17Page - Analog Devices LTC6754 Datasheet HTML 18Page - Analog Devices LTC6754 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 34 page
background image
LTC6563
15
Rev. 0
For more information www.analog.com
Unless otherwise noted specifications are at
CHSEL0 = TILT = OFFSET = 0V, HI = CHSEL1 = PWRMD = ADJ0 = ADJ1 = VCCI = VCCO = 3.3V, and CM = 1.5V. VOUTCM is defined as (OUT
+ OUT)/2 and VOUTDIFF is defined as (OUT – OUT), RL_EXT = 100Ω differential, OUT connected to TERM and OUT connected to TERM.
High Side Clamp vs HI Pin Voltage
Low Side Clamp vs HI Pin Voltage
LIMITED BY OUTPUT
LOAD CURRENT
HI PIN VOLTAGE (V)
1.5 1.6 1.7 1.8 1.9 2.0 2.1 2.2 2.3
1.5
1.6
1.7
1.8
1.9
2.0
0
0.1
0.2
0.3
0.4
0.5
RL_EXT = 100
VCM = 1.5V
ADJ = 11
6563 G77
125°C
85°C
25°C
–40°C
DOWNWARD SWING CLAMP = 2VCM – VHI
HI PIN VOLTAGE (V)
1.5 1.6 1.7 1.8 1.9 2.0 2.1 2.2 2.3
1.0
1.1
1.2
1.3
1.4
1.5
–0.5
–0.4
–0.3
–0.2
–0.1
0
LIMITED BY OUTPUT
LOAD CURRENT
RL_EXT = 100
VCM = 1.5V
ADJ = 11
6563 G78
125°C
85°C
25°C
–40°C
TYPICAL PERFORMANCE CHARACTERISTICS
Figure 1. Electrical Characterization Test Circuit
CM
1.5V
50
50
R
R
V1
V
2k
2k
2k
2k
V2
V
0.1µF
OMUX
OUT
OUT
TERM
TERM
CM
PWRMD
OUTPUT
STAGE
TILT
ADJ0
ADJ1
×2
×1
OUTPUT
CLAMPS
LO
HI
BIAS
CTRL
50
50
6563 F01
VCC
CM CONROL
LOOP
IN1
IN2
IN3
IN4
TIA
TIA
TIA
TIA
4:1
MUX
OFFSET
CHSEL0
CHSEL1
IO CTRL
VCC
VCC
VCC
+–
+
+


Similar Part No. - LTC6754

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6754 LINER-LTC6754 Datasheet
1Mb / 22P
   High Speed Rail-to-Rail Input Comparator with LVDS Compatible Outputs
More results

Similar Description - LTC6754

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LTC6561 AD-LTC6561 Datasheet
858Kb / 18P
   Four-Channel Multiplexed Transimpedance Amplifier
logo
Texas Instruments
LMH32404 TI-LMH32404 Datasheet
2Mb / 37P
[Old version datasheet]   LMH32404 Four-Channel, Differential Output, Multiplexed Transimpedance Amplifier With Integrated Clamping and Ambient Light Cancellation
LMH32404 TI-LMH32404_V01 Datasheet
1Mb / 41P
[Old version datasheet]   LMH32404 Four-Channel, Differential Output, Multiplexed Transimpedance Amplifier With Integrated Clamping and Ambient Light Cancellation
REVISED NOVEMBER 2022
LMH32404-Q1 TI-LMH32404-Q1 Datasheet
1Mb / 25P
[Old version datasheet]   LMH32404-Q1 Four-Channel, Differential Output, Multiplexed Transimpedance Amplifier With Integrated Clamping and Ambient Light Cancellation
LMH32404-Q1 TI-LMH32404-Q1_V01 Datasheet
2Mb / 39P
[Old version datasheet]   LMH32404-Q1 Automotive Four-Channel, Differential Output, Multiplexed Transimpedance Amplifier With Integrated Clamping and Ambient Light Cancellation
NOVEMBER 2021
logo
Analog Devices
AD8015 AD-AD8015 Datasheet
153Kb / 8P
   Wideband/Differential Output Transimpedance Amplifier
REV. A
AD8015 AD-AD8015_15 Datasheet
156Kb / 8P
   Wideband/Differential Output Transimpedance Amplifier
REV. A
AD8015ARZ AD-AD8015ARZ Datasheet
156Kb / 8P
   Wideband/Differential Output Transimpedance Amplifier
REV. A
logo
M/A-COM Technology Solu...
02011-BRF-001-A MA-COM-02011-BRF-001-A Datasheet
115Kb / 2P
   622Mbps Transimpedance Amplifier with AGC
logo
Intersil Corporation
ISL59421 INTERSIL-ISL59421 Datasheet
561Kb / 12P
   865MHz Multiplexing Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com