Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC6754 Datasheet(PDF) 14 Page - Analog Devices

Part # LTC6754
Description  Four-Channel Transimpedance Amplifier with Output Multiplexing
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6754 Datasheet(HTML) 14 Page - Analog Devices

Back Button LTC6754 Datasheet HTML 10Page - Analog Devices LTC6754 Datasheet HTML 11Page - Analog Devices LTC6754 Datasheet HTML 12Page - Analog Devices LTC6754 Datasheet HTML 13Page - Analog Devices LTC6754 Datasheet HTML 14Page - Analog Devices LTC6754 Datasheet HTML 15Page - Analog Devices LTC6754 Datasheet HTML 16Page - Analog Devices LTC6754 Datasheet HTML 17Page - Analog Devices LTC6754 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 34 page
background image
LTC6563
14
Rev. 0
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS Unless otherwise noted specifications are at
CHSEL0 = TILT = OFFSET = 0V, HI = CHSEL1 = PWRMD = ADJ0 = ADJ1 = VCCI = VCCO = 3.3V, and CM = 1.5V. VOUTCM is defined as (OUT
+ OUT)/2 and VOUTDIFF is defined as (OUT – OUT), RL_EXT = 100Ω differential, OUT connected to TERM and OUT connected to TERM.
Pulse Stretching vs Input Current
Output Offset Histogram
Output Response to VOFFSET
Pin Step
Output Response to VOFFSET
Pin Step
Output Response to VOFFSET
Pin Step
Output Response to VOFFSET
Pin Step
Input-Referred Noise Density for
Various Input Current Cancellation
with CIN,TOT = 0.5pF
Integrated Input-Referred
Noise for Various Input Current
Cancellation with CIN,TOT = 0.5pF
Output-Referred Noise Density for
Various Input Current Cancellation
with CIN,TOT = 0.5pF
INPUT CURRENT (mA)
0.01
0.1
1
5
0
0.5
1.0
1.5
2.0
2.5
3.0
125°C
85°C
25°C
–40°C
6563 G68
–100
0
100
200
300
400
500
VOFFSET
200ns/DIV
VOUTDIFF
6563 G71
FOR ANY ADJ SETTING
ICANCEL = 0µA
ICANCEL = 20µA
ICANCEL = 40µA
ICANCEL = 100µA
ICANCEL = 250µA
FREQUENCY (MHz)
1
10
100
1000 3000
1
10
100
500
6563 G74
41500 UNITS FROM 3
WAFER LOTS
DIFF OUTPUT OFFSET (mV)
–50 –40 –30 –20 –10 0 10 20 30 40 50
0
5
10
15
20
25
30
35
40
6563 G69
–100
0
100
200
300
400
500
600
VOFFSET
200ns/DIV
VOUTDIFF
6563 G72
INTEGRATED STARTING FROM 100kHz
FREQUENCY (MHz)
100
200
300
400
500
600
0
25
50
75
100
125
150
175
200
225
FOR ANY ADJ SETTING
ICANCEL = 0µA
ICANCEL = 20µA
ICANCEL = 40µA
ICANCEL = 100µA
ICANCEL = 250µA
6563 G75
VOFFSET
200ns/DIV
–100
0
100
200
300
400
VOUTDIFF
6563 G70
–100
0
100
200
300
400
500
600
700
VOFFSET
200ns/DIV
VOUTDIFF
6563 G73
ADJ = 11
FREQUENCY (MHz)
1
10
100
1000 3000
10
100
1k
ICANCEL = 0µA
ICANCEL = 20µA
ICANCEL = 40µA
ICANCEL = 100µA
ICANCEL = 250µA
6563 G76


Similar Part No. - LTC6754

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6754 LINER-LTC6754 Datasheet
1Mb / 22P
   High Speed Rail-to-Rail Input Comparator with LVDS Compatible Outputs
More results

Similar Description - LTC6754

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LTC6561 AD-LTC6561 Datasheet
858Kb / 18P
   Four-Channel Multiplexed Transimpedance Amplifier
logo
Texas Instruments
LMH32404 TI-LMH32404 Datasheet
2Mb / 37P
[Old version datasheet]   LMH32404 Four-Channel, Differential Output, Multiplexed Transimpedance Amplifier With Integrated Clamping and Ambient Light Cancellation
LMH32404 TI-LMH32404_V01 Datasheet
1Mb / 41P
[Old version datasheet]   LMH32404 Four-Channel, Differential Output, Multiplexed Transimpedance Amplifier With Integrated Clamping and Ambient Light Cancellation
REVISED NOVEMBER 2022
LMH32404-Q1 TI-LMH32404-Q1 Datasheet
1Mb / 25P
[Old version datasheet]   LMH32404-Q1 Four-Channel, Differential Output, Multiplexed Transimpedance Amplifier With Integrated Clamping and Ambient Light Cancellation
LMH32404-Q1 TI-LMH32404-Q1_V01 Datasheet
2Mb / 39P
[Old version datasheet]   LMH32404-Q1 Automotive Four-Channel, Differential Output, Multiplexed Transimpedance Amplifier With Integrated Clamping and Ambient Light Cancellation
NOVEMBER 2021
logo
Analog Devices
AD8015 AD-AD8015 Datasheet
153Kb / 8P
   Wideband/Differential Output Transimpedance Amplifier
REV. A
AD8015 AD-AD8015_15 Datasheet
156Kb / 8P
   Wideband/Differential Output Transimpedance Amplifier
REV. A
AD8015ARZ AD-AD8015ARZ Datasheet
156Kb / 8P
   Wideband/Differential Output Transimpedance Amplifier
REV. A
logo
M/A-COM Technology Solu...
02011-BRF-001-A MA-COM-02011-BRF-001-A Datasheet
115Kb / 2P
   622Mbps Transimpedance Amplifier with AGC
logo
Intersil Corporation
ISL59421 INTERSIL-ISL59421 Datasheet
561Kb / 12P
   865MHz Multiplexing Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com