Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1848216 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1848216
Description  Plug - MSTB 2,5/ 5-STZ-5,08GY(1245)BD
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1848216 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1848216 Datasheet HTML 1Page - PHOENIX CONTACT 1848216 Datasheet HTML 2Page - PHOENIX CONTACT 1848216 Datasheet HTML 3Page - PHOENIX CONTACT 1848216 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
https://www.phoenixcontact.com/pi/products/1848216
11/05/2018   Page 1 / 4
Plug - MSTB 2,5/ 5-STZ-5,08GY(1245)BD - 1848216
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
PCB connector, nominal current: 12 A, rated voltage (III/2): 320 V, number of positions: 5, pitch: 5.08 mm,
connection method: Screw connection with tension sleeve, color: gray, contact surface: Tin
The figure shows a 10-position
version of the product
Your advantages
 Well-known connection principle allows worldwide use
 Pull-out aid facilitates handling and allows the tensile force to be reduced at the contact point
 Allows connection of two conductors
Key Commercial Data
Packing unit
50 pc
GTIN
GTIN
4017918264130
Technical data
Dimensions
Length [ l ]
54.3 mm
Width [ w ]
24.4 mm
Height [ h ]
15.5 mm
Pitch
5.08 mm
Dimension a
20.32 mm
General
Range of articles
MSTB 2,5/..-STZ
Number of positions
5
Connection method
Screw connection with tension sleeve
Insulating material group
I
Rated surge voltage (III/3)
4 kV


Similar Part No. - 1848216

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1848215 PHOENIX-1848215 Datasheet
86Kb / 2P
   ZFKDSA 2,5-5,08- 2 EX 1RZ
11/05/2018
More results

Similar Description - 1848216

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1826681 PHOENIX-1826681 Datasheet
96Kb / 3P
   MSTB 2,5/ 5-ST BD:1-5
1776168 PHOENIX-1776168 Datasheet
150Kb / 7P
   MSTB 2,5/ 3-STZ-5,08
1776142 PHOENIX-1776142 Datasheet
130Kb / 10P
   Printed-circuit board connector - MSTB 2,5/ 5-STZ-5,08
1709288 PHOENIX-1709288 Datasheet
41Kb / 2P
   MSTB 2,5/ 8-STZ-5,08 OG
1730702 PHOENIX-1730702 Datasheet
96Kb / 2P
   MSTB 2,5/ 3-STZ-5,08 YE
1776184 PHOENIX-1776184 Datasheet
117Kb / 7P
   MSTB 2,5/ 6-STZ-5,08 BK
1709290 PHOENIX-1709290 Datasheet
41Kb / 2P
   MSTB 2,5/ 3-STZ-5,08 RD
1776197 PHOENIX-1776197 Datasheet
44Kb / 3P
   Printed-circuit board connector - MSTB 2,5/ 5-STZ-5,08 BK
1834589 PHOENIX-1834589 Datasheet
42Kb / 2P
   Printed-circuit board connector - MSTB 2,5/ 5-STZ-5,08 AU
1739114 PHOENIX-1739114 Datasheet
55Kb / 4P
   Printed-circuit board connector - MSTB 2,5/ 4-STZ
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com