Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1848216 Datasheet(PDF) 4 Page - PHOENIX CONTACT

Part # 1848216
Description  Plug - MSTB 2,5/ 5-STZ-5,08GY(1245)BD
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1848216 Datasheet(HTML) 4 Page - PHOENIX CONTACT

  1848216 Datasheet HTML 1Page - PHOENIX CONTACT 1848216 Datasheet HTML 2Page - PHOENIX CONTACT 1848216 Datasheet HTML 3Page - PHOENIX CONTACT 1848216 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
https://www.phoenixcontact.com/pi/products/1848216
11/05/2018   Page 4 / 4
Plug - MSTB 2,5/ 5-STZ-5,08GY(1245)BD - 1848216
Approvals
VDE Gutachten mit
Fertigungsüberwachung 
 http://www2.vde.com/de/Institut/Online-Service/
VDE-gepruefteProdukte/Seiten/Online-Suche.aspx
 40004701
 
 
Nominal voltage UN
250 V
Nominal current IN
12 A
mm²/AWG/kcmil
0.2-2.5
EAC 
 
 B.01742
cULus Recognized 
 http://database.ul.com/cgi-bin/XYV/template/LISEXT/1FRAME/index.htm  E60425-19931011
 
D
B
Nominal voltage UN
300 V
250 V
Nominal current IN
10 A
12 A
mm²/AWG/kcmil
30-12
30-12
Phoenix Contact 2018 © - all rights reserved
http://www.phoenixcontact.com
PHOENIX CONTACT GmbH & Co. KG
Flachsmarktstr. 8
32825 Blomberg
Germany
Tel. +49 5235 300
Fax +49 5235 3 41200
http://www.phoenixcontact.com


Similar Part No. - 1848216

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1848215 PHOENIX-1848215 Datasheet
86Kb / 2P
   ZFKDSA 2,5-5,08- 2 EX 1RZ
11/05/2018
More results

Similar Description - 1848216

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1826681 PHOENIX-1826681 Datasheet
96Kb / 3P
   MSTB 2,5/ 5-ST BD:1-5
1776168 PHOENIX-1776168 Datasheet
150Kb / 7P
   MSTB 2,5/ 3-STZ-5,08
1776142 PHOENIX-1776142 Datasheet
130Kb / 10P
   Printed-circuit board connector - MSTB 2,5/ 5-STZ-5,08
1709288 PHOENIX-1709288 Datasheet
41Kb / 2P
   MSTB 2,5/ 8-STZ-5,08 OG
1730702 PHOENIX-1730702 Datasheet
96Kb / 2P
   MSTB 2,5/ 3-STZ-5,08 YE
1776184 PHOENIX-1776184 Datasheet
117Kb / 7P
   MSTB 2,5/ 6-STZ-5,08 BK
1709290 PHOENIX-1709290 Datasheet
41Kb / 2P
   MSTB 2,5/ 3-STZ-5,08 RD
1776197 PHOENIX-1776197 Datasheet
44Kb / 3P
   Printed-circuit board connector - MSTB 2,5/ 5-STZ-5,08 BK
1834589 PHOENIX-1834589 Datasheet
42Kb / 2P
   Printed-circuit board connector - MSTB 2,5/ 5-STZ-5,08 AU
1739114 PHOENIX-1739114 Datasheet
55Kb / 4P
   Printed-circuit board connector - MSTB 2,5/ 4-STZ
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com