Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1848216 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 1848216
Description  Plug - MSTB 2,5/ 5-STZ-5,08GY(1245)BD
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1848216 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  1848216 Datasheet HTML 1Page - PHOENIX CONTACT 1848216 Datasheet HTML 2Page - PHOENIX CONTACT 1848216 Datasheet HTML 3Page - PHOENIX CONTACT 1848216 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
https://www.phoenixcontact.com/pi/products/1848216
11/05/2018   Page 3 / 4
Plug - MSTB 2,5/ 5-STZ-5,08GY(1245)BD - 1848216
Technical data
Standards and Regulations
Connection in acc. with standard
EN-VDE
CSA
Flammability rating according to UL 94
V0
Environmental Product Compliance
REACh SVHC
Lead 7439-92-1
China RoHS
Environmentally Friendly Use Period = 50
For details about hazardous substances go to tab “Downloads”,
Category “Manufacturer's declaration”
Approvals
Approvals
Approvals
CSA / IECEE CB Scheme / VDE Gutachten mit Fertigungsüberwachung / EAC / cULus Recognized
Ex Approvals
Approval details
CSA 
 http://www.csagroup.org/services-industries/product-listing/
 13631
 
D
B
Nominal voltage UN
300 V
300 V
Nominal current IN
10 A
15 A
mm²/AWG/kcmil
28-12
28-12
IECEE CB Scheme 
 http://www.iecee.org/
 DE1-58978-B1B2
 
 
Nominal voltage UN
250 V
Nominal current IN
12 A
mm²/AWG/kcmil
0.2-2.5


Similar Part No. - 1848216

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1848215 PHOENIX-1848215 Datasheet
86Kb / 2P
   ZFKDSA 2,5-5,08- 2 EX 1RZ
11/05/2018
More results

Similar Description - 1848216

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1826681 PHOENIX-1826681 Datasheet
96Kb / 3P
   MSTB 2,5/ 5-ST BD:1-5
1776168 PHOENIX-1776168 Datasheet
150Kb / 7P
   MSTB 2,5/ 3-STZ-5,08
1776142 PHOENIX-1776142 Datasheet
130Kb / 10P
   Printed-circuit board connector - MSTB 2,5/ 5-STZ-5,08
1709288 PHOENIX-1709288 Datasheet
41Kb / 2P
   MSTB 2,5/ 8-STZ-5,08 OG
1730702 PHOENIX-1730702 Datasheet
96Kb / 2P
   MSTB 2,5/ 3-STZ-5,08 YE
1776184 PHOENIX-1776184 Datasheet
117Kb / 7P
   MSTB 2,5/ 6-STZ-5,08 BK
1709290 PHOENIX-1709290 Datasheet
41Kb / 2P
   MSTB 2,5/ 3-STZ-5,08 RD
1776197 PHOENIX-1776197 Datasheet
44Kb / 3P
   Printed-circuit board connector - MSTB 2,5/ 5-STZ-5,08 BK
1834589 PHOENIX-1834589 Datasheet
42Kb / 2P
   Printed-circuit board connector - MSTB 2,5/ 5-STZ-5,08 AU
1739114 PHOENIX-1739114 Datasheet
55Kb / 4P
   Printed-circuit board connector - MSTB 2,5/ 4-STZ
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com