Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCIE-1672 Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # PCIE-1672
Description  2-Port PCI Express GigE Vision Frame Grabber
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

PCIE-1672 Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  PCIE-1672 Datasheet HTML 1Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Intelligent Motion Control and Machine Vision
Features
PCIE-1672
PCIE-1674
2-Port PCI Express GigE Vision Frame Grabber
4-Port PCI Express GigE Vision Frame Grabber
NEW
PCIE-1672E
PCIE-1674E
RoHS
COMPLIANT
2002/95/EC
Specifications
Ethernet Communications
ƒ
Compatibility
IEEE 802.3, IEEE 802.3u, IEEE802.3ab, IEEE802.3x,
IEEE802.3af
ƒ
Speed
10/100/1000 Mbps
ƒ
No. of Ports
2 or 4 Gigabit Ethernet Media Access Control (MAC)
and physical layer (PHY) ports.
ƒ
Port Connector
8-pin RJ45
ƒ
Bus Interface
PCI Express® x4 compliant
Protection
ƒ
ESD
8KV (air), 4KV (contact)
ƒ
EFT
2 KV
ƒ
Surge Protection
1 KV
Power Requirements
ƒ
Input Voltage
12 VDC direct from PCIe slot, or AT/ATX System power
input
ƒ
Overload Current
Present
Protection
ƒ
Connection
AT/ATX Power Jack
ƒ
Output PoE Power
48 VDC PoE Power output, total Max. 18W
(total Max. 60W with AT/ATX System power input)
Environment
ƒ
Operating Temperature 0 ~ 50°C (32 ~ 122°F)
ƒ
Storage Temperature
-20 ~ 80°C (-4 ~ 176°F)
ƒ
Operating Humidity
5 ~ 95% RH
Mechanics
ƒ
Dimensions (W x D)
185 x 110 mm (7.3" x 3.9")
Certification
ƒ
Patent
http://www.advantech.com/legal/patent
Ordering Information
ƒ
PCIE-1672E-AE
2-port PCI Express GigE Vision Frame Grabber
ƒ
PCIE-1674E-AE
4-port PCI Express GigE Vision Frame Grabber
ƒ
PCIE-1672V-CE
2-port PCIe programmable power on/off Frame
Grabber
ƒ
PCIE-1674V-CE
4-port PCIe programmable power on/off Frame
Grabber
Introduction
The PCIE-1672/PCIE-1674 PoE (Power over Ethernet) PCIE series is PCI express Network Interface Card which supports 2 or 4 independent 10/100/1000BaseT(X) 802.3af (PoE)
compliant Ethernet ports. With 12 VDC AT/ATX power input, the PCIE-1672/PCIE-1674 can boost then provides up to 15.4 watts at 48 VDC power to maximum 2 or 4 x PoE ports
on each module. It allows power to be supplied to connected devices, such as PoE-based GigE cameras in machine vision inspection systems, without the need to use separate PoE
injectors for those applications. The PCIE-1672/PCIE-1674 is ideally designed for scientific research instrumentations, Medical Research Instrumentations, Machine Vision System,
which can also benefit from a scalable Gigabit backbone construction with Power-over-Ethernet support.
ƒ Intel® server-grade GbE Mac Controller
ƒ PCI Express® x4 compliant
ƒ PoE power from PCIe slot(Total Max. 18W)
ƒ Powered Device (PD) auto detection and classification
ƒ Supports IEEE 802.3u Auto-Negotiation
ƒ Supports Jumbo frame (9,500 byte) and link aggregation
ƒ Supports IEEE-1588 and IEEE-802.1 AS
ƒ Per port power on/off control (PCIE-1672V/PCIE-1674V)
All product specifications are subject to change without notice.
Last updated: 21-Feb-2018


Similar Part No. - PCIE-1672

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PCIE-1672E ADVANTECH-PCIE-1672E Datasheet
481Kb / 2P
Machine Vision Edge Solution Ready Platform
3-Jun-2021
PCIE-1672PC ADVANTECH-PCIE-1672PC Datasheet
245Kb / 1P
2-port 10/100/1000 BaseT(X) 802.3af (PoE) Compliant Ethernet ports, PCI Express Communication Card
14 - Nov- 2013
PCIE-1672PC-AE ADVANTECH-PCIE-1672PC-AE Datasheet
955Kb / 2P
Micro Computer, Intel® Core™ i7/i5/i3 CPU, H81, 2 Expansions, 250W 80Plus PSU
23-Oct-2020
PCIE-1672PC-AE ADVANTECH-PCIE-1672PC-AE Datasheet
845Kb / 2P
Micro Computer, Intel® Core™ i7/i5/i3 CPU, H81, 4 Expansions 2PCI/2PCIe, 300W 80Plus PSU
5-Dec-2014
More results

Similar Description - PCIE-1672

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
AX92320 AXIOMTEK-AX92320 Datasheet
345Kb / 1P
4-port PCI Express GigE Vision Frame Grabber Card
logo
Adlink Technology Inc.
PCIE-GIE7X ADLINK-PCIE-GIE7X Datasheet
430Kb / 2P
2/4CH PCI Express GigE Vision PoE Frame Grabbers
PCIE-CPL64 ADLINK-PCIE-CPL64 Datasheet
177Kb / 2P
2-CH PCI Express짰 PoCL Frame Grabber
PCIE-GIEIMX ADLINK-PCIE-GIEIMX Datasheet
162Kb / 2P
Intel Movidius Myriad based GigE AI Frame Grabber
logo
Advantech Co., Ltd.
AMAX-5410 ADVANTECH-AMAX-5410 Datasheet
311Kb / 1P
2-port GigE/PoE Vision Frame Grabber Module
3-Mar-2022
DS_PCIE-1672 ADVANTECH-DS_PCIE-1672 Datasheet
301Kb / 1P
2-Port PCI Express GigE Vision Frame Grabber
21-Feb-2018
PCIE-1154 ADVANTECH-PCIE-1154 Datasheet
267Kb / 1P
4-port PCI Express USB Vision Frame Grabber
26-Oct-2021
PCIE-1181 ADVANTECH-PCIE-1181 Datasheet
245Kb / 1P
1-port PCI Express 10 GigE Vision Frame Grabber
23-Jun-2021
logo
AAEON Technology
PER-T481 AAEON-PER-T481 Datasheet
1Mb / 1P
4-Port/ 2-Port Intel® GbE LAN/ PoE PCI-E [x4] Frame Grabber Card
2022/02/21
PER-T499 AAEON-PER-T499 Datasheet
1,011Kb / 1P
2-Port USB 3.1 PCI-E [x4] Frame Grabber Card
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com