Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADAM-6022 Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # ADAM-6022
Description  Ethernet-based Dual-loop PID Controller
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

ADAM-6022 Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  ADAM-6022_V02 Datasheet HTML 1Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Ethernet I/O Modules: ADAM-6000
ADAM-6022
ADAM-6024
Specifications
General
ƒ
Loop Number
2 (3 AI, 1 AO, 1 DI, 1 DO for each control loop)
Analog Input
ƒ
Channels
6 (differential)
ƒ
Input Range
±10 VDC, 0 ~ 20 mA, 4 ~ 20 mA
Analog Output
ƒ
Channels
2
ƒ
Output Type
V, mA
ƒ
Output Range
0 ~ 10 VDC, 4 ~ 20 mA, 0 ~ 20 mA
Digital Input
ƒ
Channels
2
ƒ
Dry Contact
Logic level 0: close to GND
Logic level 1: open
ƒ
Wet Contact
Logic level 0: 0 ~ 3 VDC
Logic level 1: 10 ~ 30 VDC
Digital Output
ƒ
Channels
2, open collector to 30 V, 100 mA max. load
ƒ
Power Dissipation
300 mW for each module
Ordering Information
ƒ
ADAM-6022
Ethernet-based Dual-loop PID Controller
ADAM-6022
Ethernet-based Dual-loop PID Controller
12-ch Isolated Universal Input/Output
Modbus TCP Module
Specifications
Analog Input
ƒ
Channels
6 (differential)
ƒ
Input Range
±10 VDC, 0 ~ 20 mA, 4 ~ 20 mA
Analog Output
ƒ
Channels
2
ƒ
Output Type
V, mA
ƒ
Output Range
0 ~ 10 VDC, 4 ~ 20 mA, 0 ~ 20 mA
Digital Input
ƒ
Channels
2
ƒ
Dry Contact
Logic level 0: close to GND
Logic level 1: open
ƒ
Wet Contact
Logic level 0: 0 ~ 3 VDC
Logic level 1: 10 ~ 30 VDC
Digital Output
ƒ
Channels
2, open collector to 30 V, 100 mA max. load
ƒ
Power Dissipation
300 mW for each module
Supports
ƒ
Peer-to-Peer (Receiver only)
ƒ
GCL (Receiver only)
Ordering Information
ƒ
ADAM-6024
12-ch Isolated Universal I/O Modbus TCP Module
ADAM-6024
Common Specifications
General
ƒ
Certification
CE, FCC, UL
ƒ
LAN
10/100Base-T(X)
ƒ
Power Consumption
4 W @ 24 VDC
ƒ
Connectors
1 x RJ-45 (LAN), Plug-in screw
terminal block (I/O and power)
ƒ
Watchdog
System (1.6 second)
and Communication
(programmable)
ƒ
Power Input
10 ~ 30 VDC
ƒ
Supports Modbus/TCP, TCP/IP, UDP, RESTful
(D version), MQTT (D version), SNMP (D version)
Analog Input
ƒ
Input Impedance
20 MΩ
ƒ
Accuracy
±0.1% of FSR
ƒ
Resolution
16-bit
ƒ
Sampling Rate
10 sample/second
ƒ
CMR @ 50/60 Hz
90 dB
ƒ
NMR @ 50/60 Hz
60 dB
ƒ
Span Drift
±25 ppm/° C
ƒ
Zero Drift
±6 μV/° C
Analog Output
ƒ
Accuracy
±0.1% of FSR
ƒ
Resolution
12-bit
ƒ
Drift
±50 ppm/° C
ƒ
Current Load Resistor
Max. 500Ω
ƒ
Voltage Load Resistor
Min. 1K Ω
Protection
ƒ
Isolation Protection
2,000 VDC
ƒ
Built-in TVS/ESD Protection
ƒ
DI Over Voltage Protection 35 VDC
ƒ
Power Reversal Protection
Environment
ƒ
Operating Temperature
-10 ~ 50° C (14 ~ 122° F)
D version: -40 ~ 70° C
(-40~158°F)
ƒ
Storage Temperature
-20 ~ 80° C (-4 ~ 176° F)
D version: -40 ~ 80° C
(-40~176° F)
ƒ
Operating Humidity
20 ~ 95% RH
(non-condensing)
ƒ
Storage Humidity
0 ~ 95% RH
(non-condensing)
RoHS
COMPLIANT
2002/95/EC
RoHS
COMPLIANT
2002/95/EC
All product specifications are subject to change without notice.
Last updated: 13-Aug-2021


Similar Part No. - ADAM-6022_V02

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ADAM-6022 ADVANTECH-ADAM-6022 Datasheet
635Kb / 1P
Ethernet-based Dual-loop PID Controller
More results

Similar Description - ADAM-6022_V02

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ADAM-6022 ADVANTECH-ADAM-6022 Datasheet
635Kb / 1P
Ethernet-based Dual-loop PID Controller
logo
Red Lion Controls. Inc
PAX2C REDLION-PAX2C Datasheet
593Kb / 2P
Dual-Line PID Controller
PXU10020 REDLION-PXU10020 Datasheet
564Kb / 3P
PXU PID Controller
logo
M-System Co.,Ltd.
SC200 MSYSTEM-SC200 Datasheet
530Kb / 12P
Single Loop Controller Series MULTI-FUNCTION PID CONTROLLER
SC110 MSYSTEM-SC110 Datasheet
437Kb / 12P
Single Loop Controller Series MULTI-FUNCTION PID CONTROLLER
SC100 MSYSTEM-SC100 Datasheet
395Kb / 10P
Single Loop Controller Series MULTI-FUNCTION PID CONTROLLER
SC200D MSYSTEM-SC200D Datasheet
419Kb / 11P
Single Loop Controller Series MULTI-FUNCTION PID CONTROLLER
SC200W MSYSTEM-SC200W Datasheet
436Kb / 10P
Single Loop Controller Series MULTI-FUNCTION PID CONTROLLER
SC210 MSYSTEM-SC210 Datasheet
579Kb / 14P
Single Loop Controller Series MULTI-FUNCTION PID CONTROLLER
SC210W MSYSTEM-SC210W Datasheet
482Kb / 13P
Single Loop Controller Series MULTI-FUNCTION PID CONTROLLER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com