Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2708355 Datasheet(PDF) 4 Page - PHOENIX CONTACT

Part # 2708355
Description  FO converters - PSI-MOS-RS422/FO 850 E
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2708355 Datasheet(HTML) 4 Page - PHOENIX CONTACT

  2708355 Datasheet HTML 1Page - PHOENIX CONTACT 2708355 Datasheet HTML 2Page - PHOENIX CONTACT 2708355 Datasheet HTML 3Page - PHOENIX CONTACT 2708355 Datasheet HTML 4Page - PHOENIX CONTACT 2708355 Datasheet HTML 5Page - PHOENIX CONTACT 2708355 Datasheet HTML 6Page - PHOENIX CONTACT 2708355 Datasheet HTML 7Page - PHOENIX CONTACT 2708355 Datasheet HTML 8Page - PHOENIX CONTACT 2708355 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
https://www.phoenixcontact.com/pi/products/2708355
09/12/2020   Page 4 / 17
FO converters - PSI-MOS-RS422/FO 850 E - 2708355
Technical data
Conformance/approvals
Identification
Class I, Zone 2, AEx nc IIC T5
Class I, Zone 2, Ex nC nL IIC T5 X
Class I, Div. 2, Groups A, B, C, D
Designation
Corrosive gas test
Identification
ISA-S71.04-1985 G3 Harsh Group A
Designation
Shipbuilding
Identification
DNV GL
Temperature
B
Humidity
A
Vibration
A
EMC
B
Enclosure
Required protection according to the Rules shall be provided upon
installation on board
Standards and Regulations
Electromagnetic compatibility
Conformance with EMC Directive 2014/30/EU
Type of test
Vibration resistance in acc. with EN 60068-2-6/IEC 60068-2-6
Test result
5g, 10...150 Hz, 2.5 h, in XYZ direction
Type of test
Shock in acc. with EN 60068-2-27/IEC 60068-2-27
Test result
15g, 11 ms period, half-sine shock pulse
Noise emission
EN 55011
Noise immunity
EN 61000-6-2:2005
Connection in acc. with standard
CUL
Standards/regulations
EN 61000-4-2
Contact discharge
± 6 kV
Standards/regulations
EN 61000-4-3
EN 61000-4-4
Comments
Criterion B
Standards/regulations
EN 61000-4-5
Signal
± 1 kV
Standards/regulations
EN 55011
EN 61000-4-6
Environmental Product Compliance
REACh SVHC
Lead 7439-92-1
China RoHS
Environmentally Friendly Use Period = 50 years
For details about hazardous substances go to tab “Downloads”,
Category “Manufacturer's declaration”
Drawings


Similar Part No. - 2708355

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2708300 PHOENIX-2708300 Datasheet
342Kb / 7P
   Can be combined with the PSI copper repeater in a modular way using DIN rail connectors
2708313 PHOENIX-2708313 Datasheet
1Mb / 36P
   FO converters - PSI-MOS-RS485W2/FO 660 E
Dec 2, 2022
2708326 PHOENIX-2708326 Datasheet
370Kb / 7P
   Supply voltage and data signals routed through via DIN rail connectors
2708339 PHOENIX-2708339 Datasheet
370Kb / 7P
   Can be combined with the PSI copper repeater in a modular way using DIN rail connectors
2708342 PHOENIX-2708342 Datasheet
1Mb / 27P
   FO converters - PSI-MOS-RS422/FO 660 E
Dec 2, 2022
More results

Similar Description - 2708355

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2708397 PHOENIX-2708397 Datasheet
1Mb / 31P
   FO converters - PSI-MOS-RS422/FO 850 T
Dec 2, 2022
2708342 PHOENIX-2708342 Datasheet
1Mb / 27P
   FO converters - PSI-MOS-RS422/FO 660 E
Dec 2, 2022
2313999 PHOENIX-2313999 Datasheet
333Kb / 7P
   FO converters - PSI-MOS-DNET/FO 850 E
2708274 PHOENIX-2708274 Datasheet
1Mb / 39P
   FO converters - PSI-MOS-PROFIB/FO 850 E
Dec 2, 2022
2708575 PHOENIX-2708575 Datasheet
958Kb / 25P
   FO converters - PSI-MOS-RS422/FO1300 E
Dec 2, 2022
2708711 PHOENIX-2708711 Datasheet
1Mb / 31P
   FO converters - PSI-MOS-PROFIB/FO 850 E-SO
Dec 2, 2022
2708384 PHOENIX-2708384 Datasheet
176Kb / 14P
   FO converters - PSI-MOS-RS422/FO 660 T
09/12/2020
101974 PHOENIX-101974 Datasheet
1Mb / 18P
   PSI-MOS-RS422/FO
2313986 PHOENIX-2313986 Datasheet
337Kb / 7P
   FO converters - PSI-MOS-DNET/FO 850 T
2708261 PHOENIX-2708261 Datasheet
1Mb / 38P
   FO converters - PSI-MOS-PROFIB/FO 850 T
Dec 2, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com