Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2708355 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 2708355
Description  FO converters - PSI-MOS-RS422/FO 850 E
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2708355 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  2708355 Datasheet HTML 1Page - PHOENIX CONTACT 2708355 Datasheet HTML 2Page - PHOENIX CONTACT 2708355 Datasheet HTML 3Page - PHOENIX CONTACT 2708355 Datasheet HTML 4Page - PHOENIX CONTACT 2708355 Datasheet HTML 5Page - PHOENIX CONTACT 2708355 Datasheet HTML 6Page - PHOENIX CONTACT 2708355 Datasheet HTML 7Page - PHOENIX CONTACT 2708355 Datasheet HTML 8Page - PHOENIX CONTACT 2708355 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
https://www.phoenixcontact.com/pi/products/2708355
09/12/2020   Page 3 / 17
FO converters - PSI-MOS-RS422/FO 850 E - 2708355
Technical data
Interfaces
Conductor cross section flexible max.
2.5 mm²
Conductor cross section AWG min.
24
Conductor cross section AWG max.
14
Serial transmission speed
≤ 2 Mbps
Optical interface FO
No. of channels
1
Transmit capacity, minimum
-4.6 dBm (200/230 µm)
-17.6 dBm (50/125 µm)
-13.6 dBm (62,5/125 µm)
Minimum receiver sensitivity
-33.2 dBm
Wavelength
850 nm
Transmission length incl. 3 dB system reserve
2800 m (with F-K 200/230 8 dB/km with quick mounting connector)
4200 m (with F-G 50/125 2.5 dB/km)
4800 m (with F-G 62,5/125 3.0 dB/km)
Transmission medium
PCF fiber
Multi-mode fiberglass
Transmission protocol
Transparent to protocol for RS-422 interface
Connection method
B-FOC (ST®)
Digital outputs
Output name
Relay output
Output description
Alarm output
Number of outputs
1
Maximum switching voltage
60 V DC
42 V AC
Limiting continuous current
0.46 A
Conformance/approvals
Designation
CE
Identification
CE-compliant
Designation
EAC
Identification
EAC
Designation
ATEX
Identification
 II 3 G Ex nA nC IIC T4 Gc X
Additional text
Please follow the special installation instructions in the documentation!
Designation
ATEX, FO interface
Identification
 II (2) G [Ex op is Gb] IIC
 II (2) D [Ex op is Db] IIIC
Certificate
PTB 06 ATEX 2042 U
Additional text
Please follow the special installation instructions in the documentation!
Designation
UL, USA/Canada


Similar Part No. - 2708355

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2708300 PHOENIX-2708300 Datasheet
342Kb / 7P
Can be combined with the PSI copper repeater in a modular way using DIN rail connectors
2708313 PHOENIX-2708313 Datasheet
1Mb / 36P
FO converters - PSI-MOS-RS485W2/FO 660 E
Dec 2, 2022
2708326 PHOENIX-2708326 Datasheet
370Kb / 7P
Supply voltage and data signals routed through via DIN rail connectors
2708339 PHOENIX-2708339 Datasheet
370Kb / 7P
Can be combined with the PSI copper repeater in a modular way using DIN rail connectors
2708342 PHOENIX-2708342 Datasheet
1Mb / 27P
FO converters - PSI-MOS-RS422/FO 660 E
Dec 2, 2022
More results

Similar Description - 2708355

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2708397 PHOENIX-2708397 Datasheet
1Mb / 31P
FO converters - PSI-MOS-RS422/FO 850 T
Dec 2, 2022
2708342 PHOENIX-2708342 Datasheet
1Mb / 27P
FO converters - PSI-MOS-RS422/FO 660 E
Dec 2, 2022
2313999 PHOENIX-2313999 Datasheet
333Kb / 7P
FO converters - PSI-MOS-DNET/FO 850 E
2708274 PHOENIX-2708274 Datasheet
1Mb / 39P
FO converters - PSI-MOS-PROFIB/FO 850 E
Dec 2, 2022
2708575 PHOENIX-2708575 Datasheet
958Kb / 25P
FO converters - PSI-MOS-RS422/FO1300 E
Dec 2, 2022
2708711 PHOENIX-2708711 Datasheet
1Mb / 31P
FO converters - PSI-MOS-PROFIB/FO 850 E-SO
Dec 2, 2022
2708384 PHOENIX-2708384 Datasheet
176Kb / 14P
FO converters - PSI-MOS-RS422/FO 660 T
09/12/2020
101974 PHOENIX-101974 Datasheet
1Mb / 18P
PSI-MOS-RS422/FO
2313986 PHOENIX-2313986 Datasheet
337Kb / 7P
FO converters - PSI-MOS-DNET/FO 850 T
2708261 PHOENIX-2708261 Datasheet
1Mb / 38P
FO converters - PSI-MOS-PROFIB/FO 850 T
Dec 2, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com