Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCE-7214 Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # PCE-7214
Description  Dual LGA771 Quad Core Xeon/Xeon LV SHB with VGA Dual GbE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

PCE-7214 Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  PCE-7214_V01 Datasheet HTML 1Page - Advantech Co., Ltd. PCE-7214_V01 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Slot SBC & Passive Backplanes
All product specifications are subject to change without notice
Last updated : 25-Apr-2011
Features
PCE-7214 DualLGA771QuadCoreXeon/XeonLVSHB
with VGA Dual GbE
ƒ Compliant with PICMG 1.3
ƒ Supports Dual LGA 771 Quad Core Xeon/Xeon LV FSB processors with
1333 MHz processors
ƒ Supports Dual Channel DDR2 533/667 ECC REG SDRAM up to 32 GB
ƒ Two PCIe x8 or one x16 and four x1 backplane
ƒ Supports both PCE-5000 and PCE-7000 series backplanes
ƒ Dual Gigabit Ethernet via two PCIe x1 link
ƒ 6 SATA2 ports supports S/W SATA RAID 0, 1, 10, 5
Note: Purchasing PCE-7214's proprietary CPU cooler(s) from Advantech is a must.
Other brands' CPU coolers are NOT compatible with PCE-7214.
Specifications
Processor System
CPU
Quad Core Xeon
Dual Core Xeon
Number
3.16 GHz
3.33 GHz
L2 Cache
12 MB
6 MB
Chipset
Intel E5100 + ICH9R
BIOS
AMI 32 Mb SPI Flash
Front Side Bus
1333/1066 MHz
Bus
PCIe
Two x 8/one x 16 & Four x 1 to backplane
PCI
Four 32-bit/33 MHz PCI Masters to backplane
Memory
Technology
Dual-channel DDR2 533/667 MHz Registered ECC DIMMs
Max. Capacity
32 GB
Socket
240-pin DIMM x 4
Graphics
External Card
PCIe x16 Graphics Card (The two x8 can be configured to one x16)
Onboard Chipset
XGI Volari Z11 via PCIe x1 Link
VRAM
32 MB
Video Output
15-pin D-sub Connector x1
Ethernet
Interface
10/100/1000 Mbps
Controller
LAN1: Intel 82566DM
LAN2: Intel 82573V
Connector
RJ-45 with LED Connector x 2
SATA2
Max. Data Transfer Rate
300 MB/s
Channel
6 on SHB; support S/W RAID 0, 1, 10, 5
EIDE
Mode
ATA 100/66/33
Channel
1 (supports up to 2 IDE devices)
I/O Interface
USB 2.0
8 ports on the SHB, 4 ports to the BP
Serial
2 RS-232 with pin headers
Parallel
1 (EPP/ECP)
FDD
1
PS/2
1 (for mouse and keyboard, an Y cable is included in the package)
Watchdog Timer
Output
System reset
Interval
Programmable, 1~255 sec/min
Miscellaneous
Audio Output
Intel High Definition audio interface (requires an audio extension module P/N: PCA-AUDIO-HDA1E)
Power Requirement
CPU
Configuration 1: Intel Xeon Processor 5130 2.0 GHz (SLAGC), TDP 65W x 2
Memory
4 GB DDR2 667 MHz with REG & ECC x 4
Voltage
+12 V
+5 V
+3.3 V
+5 VSB
-12 V
-5 V
Current
9.7 A
7.4 A
2.5 A
0.71 A
0 A
0 A
CPU
Configuration 2: Intel Dual Xeon Processor 5450 3.0 GHz (SLAGC), TDP 80W x 2
Memory
4 GB DDR2 667 MHz with REG & ECC x 4
Voltage
+12 V
+5 V
+3.3 V
+5 VSB
-12 V
-5 V
Current
16.12 A
7.31 A
2.76 A
0.73 A
0 A
0 A
Environment
Operating
Non-Operating (Storage)
Temperature
0 ~ 60° C (32 ~ 140° F) (operation humidity:
40° C @ 85% RH Non-Condensing)
-40° C ~ 85° C and 60° C @ 95% RH
Non-Condensing
Physical
Dimensions
338.58 mm (L) x 126.39 mm (W) (13.3" x 4.98")
RoHS
COMPLIANT
2002/95/EC
Socket LGA 771
Quad-Core / Dual-Core
Xeon 5000 Series
DDR2 667 ECC & REG
Up To 32 GB
Six SATA II with
RAID 0, 1, 10, 5
Dual
COMs
12 USB 2.0
(8 on SHB,
4 on BP)
Dual GbE
8-bit GPIO
ICH9R I/O Hub
Intel 5100 MCH


Similar Part No. - PCE-7214_V01

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PCE-7214G2-00A1E ADVANTECH-PCE-7214G2-00A1E Datasheet
411Kb / 2P
   Dual LGA771 Quad Core Xeon/Xeon LV SHB with VGA Dual GbE
More results

Similar Description - PCE-7214_V01

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PCE-7214 ADVANTECH-PCE-7214 Datasheet
411Kb / 2P
   Dual LGA771 Quad Core Xeon/Xeon LV SHB with VGA Dual GbE
SYS-1U1010-4A01 ADVANTECH-SYS-1U1010-4A01 Datasheet
265Kb / 1P
   1U Intel짰 Core?? Quad ATX/ LGA771 Xeon LV System
SYS-1U1010-5S01 ADVANTECH-SYS-1U1010-5S01 Datasheet
265Kb / 1P
   1U Intel짰 Core?? Quad ATX/ LGA771 Xeon LV System
PCA-6289 ADVANTECH-PCA-6289 Datasheet
196Kb / 1P
   Socket 604 Dual Xeon짰/LV Xeon Processor Card with VGA/Dual GbE LAN
PCE-5020 ADVANTECH-PCE-5020_11 Datasheet
1Mb / 2P
   LGA775 Intel짰 Core?? Duo SHB with VGA/Dual GbE
PCE-5124 ADVANTECH-PCE-5124_11 Datasheet
1Mb / 2P
   LGA775 Intel짰 Core??2 Quad SHB with VGA/Dual GbE/6 COM Ports
PCE-5020 ADVANTECH-PCE-5020 Datasheet
368Kb / 2P
   LGA775 Intel짰 Core??2 Duo SHB with VGA/Dual GbE
logo
Intel Corporation
313079-001 INTEL-313079-001 Datasheet
3Mb / 104P
   Dual-Core Intel Xeon Processor
314915-002 INTEL-314915-002 Datasheet
2Mb / 102P
   Dual-Core Intel Xeon Processor
logo
Advantech Co., Ltd.
PCE-5125 ADVANTECH-PCE-5125 Datasheet
662Kb / 2P
   Intel Core i7/i5/i3/Xeon SHB with DDR3/Dual GbEs/SATA RAID/Dual Display
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com