Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCE-7214 Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # PCE-7214
Description  Dual LGA771 Quad Core Xeon/Xeon LV SHB with VGA Dual GbE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

PCE-7214 Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  PCE-7214_V01 Datasheet HTML 1Page - Advantech Co., Ltd. PCE-7214_V01 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
Board Diagram
PCE-7214
Ordering Information
Part Number
Gigabit LAN
VGA
PCE-7214G2-00A1E
Dual
Yes
Bracket View
5100 MCH
DDR 2 533/667 ECC REG
DDR 2 533/667 ECC REG
DDR 2 533/667 ECC REG
DDR 2 533/667 ECC REG
Channel A
Channel B
PCIe x1
GLCI
Fout PCIe x1
32bit/33MHz
PCI
Bus
Quad / Dual Core Xeon /
Xeon LV
Quad / Dual Core Xeon /
Xeon LV
ICH9R
Connector A
PCIe x8
Connector B
G-LAN1:
Intel 82566DM
G-LAN2:
Intel 82573V
Connector A
Connector D
Super IO
Winbond
W83627UHG
6 SATA 2
ports
PCIe x8
300 MB/s
USB 2.0/1.1
HD Audio
VGA
XGI Volari Z11
32 MB VRAM
Connector C
ALC 888 Codec
PCA-AUDIO-HDA1E
(Optional)
BIOS
8 USB Ports
PCIe x1
DIB FSB
1066/1333
Packing List
Part Number
Description
Quantity
1700340640
FDD cable
x 1
1701400452
Ultra ATA 66/100 HDD cable
x 2
1700003194
Serial ATA HDD data cable
x 2
1703150102
Serial ATA HDD power cable
x 2
1701260305
Printer + COM cable
x 1
1700060202
Y-cable for PS/2 keyboard and mouse
x 1
1700008461
4-port USB cable kit
x 1
9689000068
Jumper pack
x 1
2002721020
User note for full-sized CPU card
x 1
2190000902
Warranty card
x 1
2002721410
Startup manual
x 1
2062721400
Utility CD
x 1
Optional Accessories
Part Number
Description
1750000282
Xeon CPU Cooler for 110W TDP CPU
1750001660
Low Profile Xeon CPU Cooler for 55W TDP CPU
PCA-AUDIO-HDA1E
Audio extension module
1701092300
Single COM Cable Kit
Note: Purchasing PCE-7214's proprietary CPU cooler(s) from Advantech is a must. Other
brands' CPU coolers are NOT compatible with PCE-7214.
PCE-7214G2-00A1E


Similar Part No. - PCE-7214_V01

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PCE-7214G2-00A1E ADVANTECH-PCE-7214G2-00A1E Datasheet
411Kb / 2P
   Dual LGA771 Quad Core Xeon/Xeon LV SHB with VGA Dual GbE
More results

Similar Description - PCE-7214_V01

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PCE-7214 ADVANTECH-PCE-7214 Datasheet
411Kb / 2P
   Dual LGA771 Quad Core Xeon/Xeon LV SHB with VGA Dual GbE
SYS-1U1010-4A01 ADVANTECH-SYS-1U1010-4A01 Datasheet
265Kb / 1P
   1U Intel짰 Core?? Quad ATX/ LGA771 Xeon LV System
SYS-1U1010-5S01 ADVANTECH-SYS-1U1010-5S01 Datasheet
265Kb / 1P
   1U Intel짰 Core?? Quad ATX/ LGA771 Xeon LV System
PCA-6289 ADVANTECH-PCA-6289 Datasheet
196Kb / 1P
   Socket 604 Dual Xeon짰/LV Xeon Processor Card with VGA/Dual GbE LAN
PCE-5020 ADVANTECH-PCE-5020_11 Datasheet
1Mb / 2P
   LGA775 Intel짰 Core?? Duo SHB with VGA/Dual GbE
PCE-5124 ADVANTECH-PCE-5124_11 Datasheet
1Mb / 2P
   LGA775 Intel짰 Core??2 Quad SHB with VGA/Dual GbE/6 COM Ports
PCE-5020 ADVANTECH-PCE-5020 Datasheet
368Kb / 2P
   LGA775 Intel짰 Core??2 Duo SHB with VGA/Dual GbE
logo
Intel Corporation
313079-001 INTEL-313079-001 Datasheet
3Mb / 104P
   Dual-Core Intel Xeon Processor
314915-002 INTEL-314915-002 Datasheet
2Mb / 102P
   Dual-Core Intel Xeon Processor
logo
Advantech Co., Ltd.
PCE-5125 ADVANTECH-PCE-5125 Datasheet
662Kb / 2P
   Intel Core i7/i5/i3/Xeon SHB with DDR3/Dual GbEs/SATA RAID/Dual Display
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com