Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST25R3914 Datasheet(PDF) 2 Page - STMicroelectronics

Part # ST25R3914
Description  Automotive high performance HF reader / NFC initiator with 1 W output power supporting AAT
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3914 Datasheet(HTML) 2 Page - STMicroelectronics

  ST25R3914_V01 Datasheet HTML 1Page - STMicroelectronics ST25R3914_V01 Datasheet HTML 2Page - STMicroelectronics ST25R3914_V01 Datasheet HTML 3Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Revision history
ST25R3914/5
2/3
DB3075 Rev 2
1
Revision history
Table 1. Document revision history
Date
Revision
Changes
19-Oct-2016
1
Initial release.
25-Jun-2019
2
Updated document title, Features and Description.


Similar Part No. - ST25R3914_V01

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST25R3914 STMICROELECTRONICS-ST25R3914 Datasheet
64Kb / 3P
   Capacitive sensing - Wake-up
October 2016 Rev 1
More results

Similar Description - ST25R3914_V01

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST25R3911 STMICROELECTRONICS-ST25R3911 Datasheet
123Kb / 3P
   High performance HF reader / NFC initiator with 1 W supporting VHBR and AAT
November 2016 Rev 1
ST25R3911B STMICROELECTRONICS-ST25R3911B_V01 Datasheet
1Mb / 116P
   High performance HF reader / NFC initiator with 1.4 W supporting VHBR and AAT
April 2020
ST25R3912 STMICROELECTRONICS-ST25R3912 Datasheet
2Mb / 130P
   High performance HF reader / NFC initiator for payment applications with 1 W output power
April 2022 Rev 9
logo
ams AG
AS3911B AMSCO-AS3911B Datasheet
1Mb / 155P
   NFC Initiator / HF Reader IC
AS3911 AMSCO-AS3911 Datasheet
1Mb / 149P
   NFC Initiator / HF Reader IC
AS3911 AMSCO-AS3911_V01 Datasheet
2Mb / 159P
   NFC Initiator / HF Reader IC
2016-Jun-13
logo
STMicroelectronics
ST25R3911B-DISCO STMICROELECTRONICS-ST25R3911B-DISCO Datasheet
537Kb / 5P
   Discovery kit for the ST25R3911B high performance HF reader / NFC initiator
June 2017 Rev 2
logo
NXP Semiconductors
PR601 NXP-PR601 Datasheet
242Kb / 14P
   High performance NFC integrated reader solution
Rev. 3.3-10 March 2016
logo
ELATEC GmbH
T4BT-FB2BEL2 ELATEC-T4BT-FB2BEL2 Datasheet
226Kb / 4P
   TWN4 MultiTech 2 HF Single-frequency HF RFID reader with NFC support
11/2023
logo
NXP Semiconductors
PN5180A0XX NXP-PN5180A0XX_V01 Datasheet
1Mb / 155P
   High-performance multiprotocol full NFC frontend, supporting all NFC Forum modes
Rev. 4.1 - 13 March 2023
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com