Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST25R3914 Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST25R3914
Description  Automotive high performance HF reader / NFC initiator with 1 W output power supporting AAT
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3914 Datasheet(HTML) 1 Page - STMicroelectronics

  ST25R3914_V01 Datasheet HTML 1Page - STMicroelectronics ST25R3914_V01 Datasheet HTML 2Page - STMicroelectronics ST25R3914_V01 Datasheet HTML 3Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
For further information contact your local STMicroelectronics sales office.
June 2019
DB3075 Rev 2
1/3
ST25R3914
ST25R3915
Automotive high performance HF reader / NFC initiator
with 1 W output power supporting AAT
Data brief
Features
• AEC-Q100 qualified
• ISO 18092 (NFCIP-1) Active P2P
• ISO14443A, ISO14443B, ISO15693 and
FeliCa™
• Support HBR up to 848 kbit/s PICC to PCD and
PCD to PICC framing
• Capacitive sensing - Wake-up
• Automatic antenna tuning system providing
tuning of antenna LC tank (ST25R3914 only)
• Automatic modulation index adjustment
• AM and PM (I/Q) demodulator channels with
automatic selection
• Up to 1 W in case of differential output
• User selectable and automatic gain control
• Transparent and Stream modes to implement
MIFARE™ Classic compliant or other custom
protocols
• Possibility of driving two antennas in single
ended mode
• Oscillator input capable of operating with
13.56 MHz or 27.12 MHz crystal with fast
start-up
• 6 Mbit/s SPI with 96 bytes FIFO
• Wide supply voltage range from 2.4 V to 5.5 V
• Wide temperature range: -40 °C to 125 °C
• ST25R3914: VFQFPN32, 5 mm x 5 mm
package with wettable flanks
• ST25R3915: QFN32, 5 mm x 5 mm package
Description
The ST25R3914/5 are highly integrated NFC
initiators / HF reader ICs for automotive
applications, AEC-Q100 grade 1 qualified,
including the analog front end (AFE) and a highly
integrated data framing system for ISO 18092
(NFCIP-1) initiator, ISO 18092 (NFCIP-1) active
target, ISO 14443A and B reader (including high
bit rates), ISO 15693 reader and FeliCa™ reader.
Implementation of other standard and custom
protocols like MIFARE™ Classic is possible using
the AFE and implementing framing in the external
microcontroller (Stream and Transparent modes).
The ST25R3914/5 are positioned perfectly for the
infrastructure side of the NFC system, where
users need optimal RF performance and flexibility
combined with low power.
Thanks to automatic antenna tuning (AAT)
technology, the devices are optimized for
applications with directly driven antennas. The
ST25R3914/5 are alone in the domain of HF
reader ICs as they contain two differential low
impedance (1 Ω) antenna drivers.
The ST25R3914/5 include several features that
make them very suited for low power applications.
They contain a low power capacitive sensor that
can be used to detect the presence of a card
without switching on the reader field. The
presence of a card can also be detected by
performing a measurement of amplitude or phase
of signal on antenna LC tank, and comparing it to
the stored reference. They also contain a low
power RC oscillator and wake-up timer that can
be used to wake up the system after a defined
time period, and to check for the presence of a
tag using one or more low power detection
techniques (capacitive, phase or amplitude).
The ST25R3914/5 are designed to operate from a
wide (2.4 V to 5.5 V) power supply range;
peripheral interface IO pins support power supply
range from 1.65 V to 5.5 V.
QFN32 / VFQFPN32
www.st.com


Similar Part No. - ST25R3914_V01

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST25R3914 STMICROELECTRONICS-ST25R3914 Datasheet
64Kb / 3P
Capacitive sensing - Wake-up
October 2016 Rev 1
More results

Similar Description - ST25R3914_V01

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST25R3911 STMICROELECTRONICS-ST25R3911 Datasheet
123Kb / 3P
High performance HF reader / NFC initiator with 1 W supporting VHBR and AAT
November 2016 Rev 1
ST25R3911B STMICROELECTRONICS-ST25R3911B_V01 Datasheet
1Mb / 116P
High performance HF reader / NFC initiator with 1.4 W supporting VHBR and AAT
April 2020
ST25R3912 STMICROELECTRONICS-ST25R3912 Datasheet
2Mb / 130P
High performance HF reader / NFC initiator for payment applications with 1 W output power
April 2022 Rev 9
logo
ams AG
AS3911B AMSCO-AS3911B Datasheet
1Mb / 155P
NFC Initiator / HF Reader IC
AS3911 AMSCO-AS3911 Datasheet
1Mb / 149P
NFC Initiator / HF Reader IC
AS3911 AMSCO-AS3911_V01 Datasheet
2Mb / 159P
NFC Initiator / HF Reader IC
2016-Jun-13
logo
STMicroelectronics
ST25R3911B-DISCO STMICROELECTRONICS-ST25R3911B-DISCO Datasheet
537Kb / 5P
Discovery kit for the ST25R3911B high performance HF reader / NFC initiator
June 2017 Rev 2
logo
NXP Semiconductors
PR601 NXP-PR601 Datasheet
242Kb / 14P
High performance NFC integrated reader solution
Rev. 3.3-10 March 2016
logo
ELATEC GmbH
T4BT-FB2BEL2 ELATEC-T4BT-FB2BEL2 Datasheet
226Kb / 4P
TWN4 MultiTech 2 HF Single-frequency HF RFID reader with NFC support
11/2023
logo
NXP Semiconductors
PN5180A0XX NXP-PN5180A0XX_V01 Datasheet
1Mb / 155P
High-performance multiprotocol full NFC frontend, supporting all NFC Forum modes
Rev. 4.1 - 13 March 2023
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com