Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX34440 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX34440
Description  PMBus 6-Channel Power-Supply Manager
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX34440 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX34440_V01 Datasheet HTML 1Page - Maxim Integrated Products MAX34440_V01 Datasheet HTML 2Page - Maxim Integrated Products MAX34440_V01 Datasheet HTML 3Page - Maxim Integrated Products MAX34440_V01 Datasheet HTML 4Page - Maxim Integrated Products MAX34440_V01 Datasheet HTML 5Page - Maxim Integrated Products MAX34440_V01 Datasheet HTML 6Page - Maxim Integrated Products MAX34440_V01 Datasheet HTML 7Page - Maxim Integrated Products MAX34440_V01 Datasheet HTML 8Page - Maxim Integrated Products MAX34440_V01 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 43 page
background image
PMBus 6-Channel Power-Supply Manager
MAX34440
3
Maxim Integrated
TABLE OF CONTENTS (continued)
Sending a DIRECT Format Value ............................................................... 20
Fault Management and Reporting .............................................................. 21
System Watchdog Timer ...................................................................... 21
Temperature Sensor Operation ................................................................. 22
PMBus Commands . .. ... ... .. ... .. ... .. ... ... .. ... .. ... ... ... .. ... .. ... ... .. ... .. ... ... .. ... . 23
PAGE (00h) ................................................................................ 23
OPERATION (01h) ........................................................................... 24
ON_OFF_CONFIG (02h) ...................................................................... 25
CLEAR_FAULTS (03h) ....................................................................... 25
WRITE_PROTECT (10h) ...................................................................... 25
STORE_DEFAULT_ALL (11h) .................................................................. 26
RESTORE_DEFAULT_ALL (12h) ................................................................ 26
CAPABILITY (19h) ........................................................................... 26
VOUT_MODE (20h) .......................................................................... 26
VOUT_MARGIN_HIGH (25h) .................................................................. 26
VOUT_MARGIN_LOW (26h) ................................................................... 27
VOUT_SCALE_MONITOR (2Ah) ................................................................ 27
IOUT_CAL_GAIN (38h) ....................................................................... 27
VOUT_OV_FAULT_LIMIT (40h) ................................................................. 28
VOUT_OV_WARN_LIMIT (42h) ................................................................. 28
VOUT_UV_WARN_LIMIT (43h) ................................................................. 28
VOUT_UV_FAULT_LIMIT (44h) ................................................................. 28
IOUT_OC_WARN_LIMIT (46h) .................................................................29
IOUT_OC_FAULT_LIMIT (4Ah) .................................................................29
OT_FAULT_LIMIT (4Fh) .......................................................................29
OT_WARN_LIMIT (51h) .......................................................................30
POWER_GOOD_ON (5Eh) ....................................................................30
POWER_GOOD_OFF (5Fh) ................................................................... 31
TON_DELAY (60h) .......................................................................... 31
TON_MAX_FAULT_LIMIT (62h) ................................................................ 31
TOFF_DELAY (64h) .......................................................................... 31
STATUS_BYTE (78h) ......................................................................... 32
STATUS_WORD (79h) ........................................................................ 32
STATUS_VOUT (7Ah).........................................................................33
STATUS_CML (7Eh) .........................................................................33
STATUS_MFR_SPECIFIC (80h) ................................................................33
READ_VOUT (8Bh) ..........................................................................34


Similar Part No. - MAX34440_V01

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX34440ETL++ MAXIM-MAX34440ETL+ Datasheet
1Mb / 43P
PMBus 6-Channel Power-Supply Manager
Rev 0; 9/10
MAX34440ETL++ MAXIM-MAX34440ETL+ Datasheet
1Mb / 43P
PMBus 6-Channel Power-Supply Manager
Rev 2; 2/12
MAX34440ETL+T MAXIM-MAX34440ETL+T Datasheet
1Mb / 43P
PMBus 6-Channel Power-Supply Manager
Rev 0; 9/10
MAX34440ETL+T MAXIM-MAX34440ETL+T Datasheet
1Mb / 43P
PMBus 6-Channel Power-Supply Manager
Rev 2; 2/12
MAX34440 MAXIM-MAX34440_12 Datasheet
1Mb / 43P
PMBus 6-Channel Power-Supply Manager
Rev 2; 2/12
More results

Similar Description - MAX34440_V01

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX34440 MAXIM-MAX34440 Datasheet
1Mb / 43P
PMBus 6-Channel Power-Supply Manager
Rev 0; 9/10
MAX34440 MAXIM-MAX34440_12 Datasheet
1Mb / 43P
PMBus 6-Channel Power-Supply Manager
Rev 2; 2/12
logo
Linear Technology
LTC2974CUP-PBF LINER-LTC2974CUP-PBF Datasheet
1Mb / 98P
4-Channel PMBus Power System Manager
logo
Maxim Integrated Produc...
MAX34441 MAXIM-MAX34441 Datasheet
2Mb / 53P
PMBus 5-Channel Power-Supply Manager and Intelligent Fan Controller
Rev 0; 8/10
MAX34441 MAXIM-MAX34441_V01 Datasheet
1Mb / 53P
PMBus 5-Channel Power-Supply Manager and Intelligent Fan Controller
2012
logo
Linear Technology
LTC2979 LINER-LTC2979 Datasheet
243Kb / 20P
16-Channel PMBus Low-Voltage Power System Manager
LTC2972 LINER-LTC2972 Datasheet
2Mb / 112P
2-Channel PMBus Power System Manager Featuring Programmable Power Good Outputs
LTC2978A LINER-LTC2978A Datasheet
891Kb / 80P
8-Channel PMBus Power System Manager Featuring Accurate Output Voltage Measurement
logo
Analog Devices
LTC2977 AD-LTC2977 Datasheet
1Mb / 92P
8-Channel PMBus Power System Manager Featuring Accurate Output Voltage Measurement
Rev. F
logo
Linear Technology
LTC2977 LINER-LTC2977 Datasheet
927Kb / 92P
8-Channel PMBus Power System Manager Featuring Accurate Output Voltage Measurement
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com