Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX34440 Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX34440
Description  PMBus 6-Channel Power-Supply Manager
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX34440 Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX34440_V01 Datasheet HTML 6Page - Maxim Integrated Products MAX34440_V01 Datasheet HTML 7Page - Maxim Integrated Products MAX34440_V01 Datasheet HTML 8Page - Maxim Integrated Products MAX34440_V01 Datasheet HTML 9Page - Maxim Integrated Products MAX34440_V01 Datasheet HTML 10Page - Maxim Integrated Products MAX34440_V01 Datasheet HTML 11Page - Maxim Integrated Products MAX34440_V01 Datasheet HTML 12Page - Maxim Integrated Products MAX34440_V01 Datasheet HTML 13Page - Maxim Integrated Products MAX34440_V01 Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 43 page
background image
PMBus 6-Channel Power-Supply Manager
MAX34440
10
Maxim Integrated
Pin Description
Pin Configuration
TOP VIEW
35
36
34
33
12
11
13
14
12
45
67
27
28
29
30
26
24 23 22
CONTROL
VSS
PWM4
PSEN5
PWM5
MSCL
3
25
37
A1/PG
MSDA
38
39
40
RS-5
RS+5
RS-2
RS+2
EP
A0/MUXSEL
32
15
PSEN4
SCL
31
16
17
18
19
20 PWM3
89
10
21
SDA
FAULT
ALERT
RST
+
TQFN
(6mm × 6mm × 0.75mm)
MAX34440
PIN
NAME
FUNCTION
1
RS-4
Ground Reference for ADC4 Voltage Measurement
2, 21, 36
VSS
Digital-Supply Return Node (Ground)
3
RS+4
Power-Supply ADC Voltage-Sense Input, Measurement Relative to RS-4
4
RS-3
Ground Reference for ADC3 Voltage Measurement
5
RS+3
Power-Supply ADC Voltage-Sense Input, Measurement Relative to RS-3
6
RS+0
Power-Supply ADC Voltage-Sense Input, Measurement Relative to RS-0
7
RS-0
Ground Reference for ADC0 Voltage Measurement
8
RS+1
Power-Supply ADC Voltage-Sense Input, Measurement Relative to RS-1
9
VDD
Supply Voltage. Bypass VDD to VSS with a 0.1FF capacitor.
10
RS-1
Ground Reference for ADC1 Voltage Measurement
11
RS+2
Power-Supply ADC Voltage-Sense Input, Measurement Relative to RS-2
12
RS-2
Ground Reference for ADC2 Voltage Measurement
13
RST
Reset Active-Low Input
14
MSDA
Master I2C Data Input/Output. Open-drain output.
15
MSCL
Master I2C Clock Output. Open-drain output.
16
PWM5
PWM Margin Output #5. High impedance when the margining is disabled. A 100% duty cycle
implies this pin is continuously high.
17
PSEN5
Power-Supply Enable Output #5. Programmable through MFR_MODE for either active high or active
low and either open drain or CMOS push-pull.


Similar Part No. - MAX34440_V01

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX34440ETL++ MAXIM-MAX34440ETL+ Datasheet
1Mb / 43P
PMBus 6-Channel Power-Supply Manager
Rev 0; 9/10
MAX34440ETL++ MAXIM-MAX34440ETL+ Datasheet
1Mb / 43P
PMBus 6-Channel Power-Supply Manager
Rev 2; 2/12
MAX34440ETL+T MAXIM-MAX34440ETL+T Datasheet
1Mb / 43P
PMBus 6-Channel Power-Supply Manager
Rev 0; 9/10
MAX34440ETL+T MAXIM-MAX34440ETL+T Datasheet
1Mb / 43P
PMBus 6-Channel Power-Supply Manager
Rev 2; 2/12
MAX34440 MAXIM-MAX34440_12 Datasheet
1Mb / 43P
PMBus 6-Channel Power-Supply Manager
Rev 2; 2/12
More results

Similar Description - MAX34440_V01

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX34440 MAXIM-MAX34440 Datasheet
1Mb / 43P
PMBus 6-Channel Power-Supply Manager
Rev 0; 9/10
MAX34440 MAXIM-MAX34440_12 Datasheet
1Mb / 43P
PMBus 6-Channel Power-Supply Manager
Rev 2; 2/12
logo
Linear Technology
LTC2974CUP-PBF LINER-LTC2974CUP-PBF Datasheet
1Mb / 98P
4-Channel PMBus Power System Manager
logo
Maxim Integrated Produc...
MAX34441 MAXIM-MAX34441 Datasheet
2Mb / 53P
PMBus 5-Channel Power-Supply Manager and Intelligent Fan Controller
Rev 0; 8/10
MAX34441 MAXIM-MAX34441_V01 Datasheet
1Mb / 53P
PMBus 5-Channel Power-Supply Manager and Intelligent Fan Controller
2012
logo
Linear Technology
LTC2979 LINER-LTC2979 Datasheet
243Kb / 20P
16-Channel PMBus Low-Voltage Power System Manager
LTC2972 LINER-LTC2972 Datasheet
2Mb / 112P
2-Channel PMBus Power System Manager Featuring Programmable Power Good Outputs
LTC2978A LINER-LTC2978A Datasheet
891Kb / 80P
8-Channel PMBus Power System Manager Featuring Accurate Output Voltage Measurement
logo
Analog Devices
LTC2977 AD-LTC2977 Datasheet
1Mb / 92P
8-Channel PMBus Power System Manager Featuring Accurate Output Voltage Measurement
Rev. F
logo
Linear Technology
LTC2977 LINER-LTC2977 Datasheet
927Kb / 92P
8-Channel PMBus Power System Manager Featuring Accurate Output Voltage Measurement
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com