Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX34440 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX34440
Description  PMBus 6-Channel Power-Supply Manager
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX34440 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX34440_V01 Datasheet HTML 2Page - Maxim Integrated Products MAX34440_V01 Datasheet HTML 3Page - Maxim Integrated Products MAX34440_V01 Datasheet HTML 4Page - Maxim Integrated Products MAX34440_V01 Datasheet HTML 5Page - Maxim Integrated Products MAX34440_V01 Datasheet HTML 6Page - Maxim Integrated Products MAX34440_V01 Datasheet HTML 7Page - Maxim Integrated Products MAX34440_V01 Datasheet HTML 8Page - Maxim Integrated Products MAX34440_V01 Datasheet HTML 9Page - Maxim Integrated Products MAX34440_V01 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 43 page
background image
PMBus 6-Channel Power-Supply Manager
MAX34440
6
Maxim Integrated
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
VDD to VSS ...........................................................-0.3V to +5.5V
RS- to VSS ............................................................-0.3V to +0.3V
All Other Pins Except REG18 and
REG25 Relative to VSS ........................ -0.3V to (VDD + 0.3V)*
Continuous Power Dissipation (TA = +70NC)
TQFN (derate 35.7mW/NC above +70NC)...............2857.1mW
Operating Temperature Range.......................... -40NC to +85NC
Storage Temperature Range............................ -55NC to +125NC
Lead Temperature (soldering, 10s) ................................+300NC
Soldering Temperature (reflow) ......................................+260NC
RECOMMENDED OPERATING CONDITIONS
(TA = -40NC to +85NC, unless otherwise noted.)
ABSOLUTE MAXIMUM RATINGS
DC ELECTRICAL CHARACTERISTICS
(VDD = 2.7V to 5.5V, TA = -40NC to +85NC, unless otherwise noted. Typical values are at VDD = 3.3V, TA = +25NC, unless otherwise noted.)
*Subject to not exceeding +5.5V.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Current
ICPU
(Note 3)
2.5
mA
IPROGRAM
8
Brownout Voltage
VBO
Monitors VDD (Note 1)
2.40
2.46
2.55
V
Brownout Hysteresis
VBOH
Monitors VDD (Note 1)
30
mV
Internal System Clock
fMOSC
4.0
MHz
System Clock Error (Note 4)
fERR:MOSC
+25NC P TA P +85NC
-3
+2
%
-40NC P TA P +25NC
-6.5
+1.6
Output Logic-Low
VOL1
IOL = 4mA (Note 1)
0.4
V
Output Logic-High
VOH1
IOH = -2mA (Note 1)
VDD -
0.5
V
PWM, PSEN Pullup Current
IPU
VPIN = VSS, VDD = 3.3V
38
55
107
F
A
ADC Internal Reference
1.225
V
ADC Voltage Measurement Error
VERR
-1
+1
%
ADC Internal Reference
Temperature Drift
-0.5
+0.5
%
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
VDD Operating Voltage Range
VDD
(Note 1)
2.7
5.5
V
Input Logic 1
VIH
0.7 x
VDD
VDD +
0.3
V
Input Logic 0
VIL
0
0.3 x
VDD
V
Input Logic-High: SCL, SDA,
MSCL, MSDA
VI2C_IH
2.7V P VDD P 3.6V (Note 1)
2.1
VDD +
0.3
V
Input Logic-Low: SCL, SDA,
MSCL, MSDA
VI2C_IL
2.7V P VDD P 3.6V (Note 1)
0
+0.8
V
VDD Rise Time
From 0V to 2.7V (Note 2)
4
ms
VDD Source Impedance
(Note 2)
5


Similar Part No. - MAX34440_V01

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX34440ETL++ MAXIM-MAX34440ETL+ Datasheet
1Mb / 43P
PMBus 6-Channel Power-Supply Manager
Rev 0; 9/10
MAX34440ETL++ MAXIM-MAX34440ETL+ Datasheet
1Mb / 43P
PMBus 6-Channel Power-Supply Manager
Rev 2; 2/12
MAX34440ETL+T MAXIM-MAX34440ETL+T Datasheet
1Mb / 43P
PMBus 6-Channel Power-Supply Manager
Rev 0; 9/10
MAX34440ETL+T MAXIM-MAX34440ETL+T Datasheet
1Mb / 43P
PMBus 6-Channel Power-Supply Manager
Rev 2; 2/12
MAX34440 MAXIM-MAX34440_12 Datasheet
1Mb / 43P
PMBus 6-Channel Power-Supply Manager
Rev 2; 2/12
More results

Similar Description - MAX34440_V01

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX34440 MAXIM-MAX34440 Datasheet
1Mb / 43P
PMBus 6-Channel Power-Supply Manager
Rev 0; 9/10
MAX34440 MAXIM-MAX34440_12 Datasheet
1Mb / 43P
PMBus 6-Channel Power-Supply Manager
Rev 2; 2/12
logo
Linear Technology
LTC2974CUP-PBF LINER-LTC2974CUP-PBF Datasheet
1Mb / 98P
4-Channel PMBus Power System Manager
logo
Maxim Integrated Produc...
MAX34441 MAXIM-MAX34441 Datasheet
2Mb / 53P
PMBus 5-Channel Power-Supply Manager and Intelligent Fan Controller
Rev 0; 8/10
MAX34441 MAXIM-MAX34441_V01 Datasheet
1Mb / 53P
PMBus 5-Channel Power-Supply Manager and Intelligent Fan Controller
2012
logo
Linear Technology
LTC2979 LINER-LTC2979 Datasheet
243Kb / 20P
16-Channel PMBus Low-Voltage Power System Manager
LTC2972 LINER-LTC2972 Datasheet
2Mb / 112P
2-Channel PMBus Power System Manager Featuring Programmable Power Good Outputs
LTC2978A LINER-LTC2978A Datasheet
891Kb / 80P
8-Channel PMBus Power System Manager Featuring Accurate Output Voltage Measurement
logo
Analog Devices
LTC2977 AD-LTC2977 Datasheet
1Mb / 92P
8-Channel PMBus Power System Manager Featuring Accurate Output Voltage Measurement
Rev. F
logo
Linear Technology
LTC2977 LINER-LTC2977 Datasheet
927Kb / 92P
8-Channel PMBus Power System Manager Featuring Accurate Output Voltage Measurement
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com