Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TGA2753-SM Datasheet(PDF) 2 Page - Qorvo, Inc

Part # TGA2753-SM
Description  5.9 ??7.1 GHz Power Amplifier
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

TGA2753-SM Datasheet(HTML) 2 Page - Qorvo, Inc

  TGA2753-SM Datasheet HTML 1Page - Qorvo, Inc TGA2753-SM Datasheet HTML 2Page - Qorvo, Inc TGA2753-SM Datasheet HTML 3Page - Qorvo, Inc TGA2753-SM Datasheet HTML 4Page - Qorvo, Inc TGA2753-SM Datasheet HTML 5Page - Qorvo, Inc TGA2753-SM Datasheet HTML 6Page - Qorvo, Inc TGA2753-SM Datasheet HTML 7Page - Qorvo, Inc TGA2753-SM Datasheet HTML 8Page - Qorvo, Inc TGA2753-SM Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
TGA2753-SM
5.9 – 7.1 GHz Power Amplifier
Data Sheet Rev. B, September 2020 | Subject to change without notice
2 of 15
www.qorvo.com
© 2020 Qorvo US, Inc. All rights reserved. Confidential
®
Recommended Operating Conditions
Parameter
Min
Typ
Max
Units
Operating Temp. Range
−40
+25
+85
 °C
VD1, VD2
+6
V
VD3
+28
V
ID1
 + ID2
1000
mA
ID3
190
mA
VG12
−0.65
V
VG3
−2.6
V
ID1
 + ID2 drive
(at +34 dBm Pout)
1040
mA
ID3 drive
(at +34 dBm Pout)
470
mA
Electrical specifications are measured at specified test conditions.
Specifications are not guaranteed over all recommended operating
conditions.
Absolute Maximum Ratings
Parameter
Rating
Drain Voltage,VD1, VD2
+9 V
Drain Voltage,VD3
+32
V
Drain Current, ID1 + ID2
2443 mA
Drain Current, ID3
825 mA
Gate Voltage, VG12
−1.2V / +0.5V
Gate Voltage, VG3
−8V / 0V
Power Dissipation, Driver Stages, PDISS
7.2 W
Power Dissipation, Final Stage, PDISS
17 W
RF Input Power, CW, 50
 Ω, T = 25 °C
+29
 dBm
Mounting Temperature (30 Seconds)
260°C
Storage Temperature
−40 to 150 °C
Exceeding any one or a combination of the Absolute Maximum Rating
conditions may cause permanent damage to the device. Extended
application of Absolute Maximum Rating conditions to the device may
reduce device reliability.
Electrical Specifications
Parameter
Conditions
(1)
Min
Typ
Max
Units
RF Frequency Range
5.9
7.1
GHz
Small Signal Gain
27
31
dB
Input Return Loss, IRL
5
dB
Output Return Loss, ORL
12
dB
Output Power at Pin = +12 dBm
+38
+40
dBm
Power Added Efficiency
30
%
Output Third Order Intercept, TOI @ 30 dBm/Tone
+47
dBm
Gate Leakage
VD3 = 10 V
VG3
= −3.7 V
−4.2
mA
Gain Temperature Coefficient
−0.040
dB
 / °C
Power Temperature Coefficient
−0.013
dB
m / °C
Notes:
1. Test conditions unless otherwise noted: VD1 = VD2 = +6 V, ID1 + ID2 = 1000 mA, VG1 = VG2 = −0.7 V, VD3−= +28 V, ID3 = 190 mA, VG3 = −2.6 V, Temp = +25 °C, Z0 = 50 Ω


Similar Part No. - TGA2753-SM

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA2752-SM TRIQUINT-TGA2752-SM Datasheet
1Mb / 17P
7.1 to 8.5 GHz Power Amplifier
logo
Qorvo, Inc
TGA2752-SM QORVO-TGA2752-SM Datasheet
902Kb / 15P
7.1 ??8.5 GHz Power Amplifier
TGA2752-SM,SAMPLE QORVO-TGA2752-SM,SAMPLE Datasheet
902Kb / 15P
7.1 ??8.5 GHz Power Amplifier
TGA2752-SMEVALBOARD QORVO-TGA2752-SMEVALBOARD Datasheet
902Kb / 15P
7.1 ??8.5 GHz Power Amplifier
TGA2752-SMT/R QORVO-TGA2752-SMT/R Datasheet
902Kb / 15P
7.1 ??8.5 GHz Power Amplifier
More results

Similar Description - TGA2753-SM

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
AM42-0039 MA-COM-AM42-0039 Datasheet
83Kb / 3P
2 Watt C-Band VSAT Power Amplifier 5.9 - 7.1 GHz
AM42-0046 MA-COM-AM42-0046 Datasheet
129Kb / 3P
4 Watt Extended C-Band VSAT Power Amplifier 5.9 - 7.1 GHz
logo
Tyco Electronics
AM42-0046 MACOM-AM42-0046 Datasheet
189Kb / 3P
4 Watt Extended C-Band VSAT Power Amplifier 5.9 - 7.1 GHz
logo
Qorvo, Inc
TGA2752-SM QORVO-TGA2752-SM Datasheet
902Kb / 15P
7.1 ??8.5 GHz Power Amplifier
logo
Tyco Electronics
MAAP-000069-PKG003 MACOM-MAAP-000069-PKG003 Datasheet
207Kb / 4P
Amplifier, Power, 2W 7.1-11.7 GHz
logo
TriQuint Semiconductor
TGA2752-SM TRIQUINT-TGA2752-SM_15 Datasheet
1Mb / 17P
7.1 to 8.5 GHz Power Amplifier
logo
Excelics Semiconductor,...
EMP110 EXCELICS-EMP110 Datasheet
197Kb / 3P
5.9 - 7.9 GHz Power Amplifier MMIC
logo
SIRENZA MICRODEVICES
STA-6033 SIRENZA-STA-6033 Datasheet
203Kb / 8P
4.9 - 5.9 GHz 3.3V Power Amplifier
SZA-5044 SIRENZA-SZA-5044 Datasheet
210Kb / 7P
4.9 - 5.9 GHz 5V Power Amplifier
logo
Excelics Semiconductor,...
EMP107 EXCELICS-EMP107 Datasheet
195Kb / 4P
5.9 - 7.9 GHz Power Amplifier MMIC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com