Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TGA2753-SM Datasheet(PDF) 12 Page - Qorvo, Inc

Part # TGA2753-SM
Description  5.9 ??7.1 GHz Power Amplifier
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

TGA2753-SM Datasheet(HTML) 12 Page - Qorvo, Inc

Back Button TGA2753-SM Datasheet HTML 7Page - Qorvo, Inc TGA2753-SM Datasheet HTML 8Page - Qorvo, Inc TGA2753-SM Datasheet HTML 9Page - Qorvo, Inc TGA2753-SM Datasheet HTML 10Page - Qorvo, Inc TGA2753-SM Datasheet HTML 11Page - Qorvo, Inc TGA2753-SM Datasheet HTML 12Page - Qorvo, Inc TGA2753-SM Datasheet HTML 13Page - Qorvo, Inc TGA2753-SM Datasheet HTML 14Page - Qorvo, Inc TGA2753-SM Datasheet HTML 15Page - Qorvo, Inc  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
TGA2753-SM
5.9 – 7.1 GHz Power Amplifier
Data Sheet Rev. B, September 2020 | Subject to change without notice
12 of 15
www.qorvo.com
© 2020 Qorvo US, Inc. All rights reserved. Confidential
®
Package Marking and Dimensions
MARKING:
PART NUMBER
– TGA2753-SM
LOT CODE
– MXXX
PACKAGE EXPOSED METALLIZATION IS GOLD PLATED
PART IS OVERMOLD ENCAPSULATED
Notes:
1.
All dimensions are in millimeters. Angles are in degrees.
2.
This package is lead-free/RoHS-compliant with a copper alloy base (CDA194), and the plating material on the leads is Ni-Pd-
Au. It is compatible with lead-free (maximum 260 °C reflow temperature) soldering process.


Similar Part No. - TGA2753-SM

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
TGA2753 QORVO-TGA2753 Datasheet
963Kb / 15P
5.9 – 7.1 GHz Power Amplifier
May 20, 2024
More results

Similar Description - TGA2753-SM

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AM42-0046 MACOM-AM42-0046 Datasheet
189Kb / 3P
4 Watt Extended C-Band VSAT Power Amplifier 5.9 - 7.1 GHz
MAAP-000069-PKG003 MACOM-MAAP-000069-PKG003 Datasheet
207Kb / 4P
Amplifier, Power, 2W 7.1-11.7 GHz
logo
SIRENZA MICRODEVICES
STA-6033 SIRENZA-STA-6033 Datasheet
203Kb / 8P
4.9 - 5.9 GHz 3.3V Power Amplifier
SZA-5044 SIRENZA-SZA-5044 Datasheet
210Kb / 7P
4.9 - 5.9 GHz 5V Power Amplifier
logo
Excelics Semiconductor,...
EMP107 EXCELICS-EMP107 Datasheet
195Kb / 4P
5.9 - 7.9 GHz Power Amplifier MMIC
EMP110 EXCELICS-EMP110 Datasheet
197Kb / 3P
5.9 - 7.9 GHz Power Amplifier MMIC
logo
M/A-COM Technology Solu...
AM42-0039 MA-COM-AM42-0039 Datasheet
83Kb / 3P
2 Watt C-Band VSAT Power Amplifier 5.9 - 7.1 GHz
AM42-0046 MA-COM-AM42-0046 Datasheet
129Kb / 3P
4 Watt Extended C-Band VSAT Power Amplifier 5.9 - 7.1 GHz
logo
TriQuint Semiconductor
TGA2752-SM TRIQUINT-TGA2752-SM_15 Datasheet
1Mb / 17P
7.1 to 8.5 GHz Power Amplifier
logo
Qorvo, Inc
TGA2752-SM QORVO-TGA2752-SM Datasheet
902Kb / 15P
7.1 ??8.5 GHz Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com