Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TGA2753-SM Datasheet(PDF) 7 Page - Qorvo, Inc

Part # TGA2753-SM
Description  5.9 ??7.1 GHz Power Amplifier
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

TGA2753-SM Datasheet(HTML) 7 Page - Qorvo, Inc

Back Button TGA2753-SM Datasheet HTML 3Page - Qorvo, Inc TGA2753-SM Datasheet HTML 4Page - Qorvo, Inc TGA2753-SM Datasheet HTML 5Page - Qorvo, Inc TGA2753-SM Datasheet HTML 6Page - Qorvo, Inc TGA2753-SM Datasheet HTML 7Page - Qorvo, Inc TGA2753-SM Datasheet HTML 8Page - Qorvo, Inc TGA2753-SM Datasheet HTML 9Page - Qorvo, Inc TGA2753-SM Datasheet HTML 10Page - Qorvo, Inc TGA2753-SM Datasheet HTML 11Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
TGA2753-SM
5.9 – 7.1 GHz Power Amplifier
Data Sheet Rev. B, September 2020 | Subject to change without notice
7 of 15
www.qorvo.com
© 2020 Qorvo US, Inc. All rights reserved. Confidential
®
Performance Plots
Test conditions unless otherwise noted:
VD1 
= VD2 = +6 V, ID1 + ID2 = 1000 mA, VG1 = VG2 = −0.65 V, VD3−= +28 V, ID3 = 190 mA,
VG3 
= −2.6 V, Temp = +25 °C, Z0 = 50 Ω
24
26
28
30
32
34
36
38
40
42
44
5.5
6
6.5
7
7.5
8
Frequency (GHz)
Psat vs. Frequency vs. Bias (Vd1 and Vd2)
Vd3 = 28 V, Id3 = 190 mA, Vg3 = -2.6 V Typical
5V 1000mA
6V 800mA
6V 1000mA
7V 1000mA
24
26
28
30
32
34
36
38
40
42
44
5.5
6
6.5
7
7.5
8
Frequency (GHz)
Psat vs. Frequency vs. Bias (Vd3)
Vd1 = Vd2 = 6 V, Id1 + Id2 = 1000 mA, Vg12 = -0.7 V Typical
24V 95mA
24V 190mA
28V 95mA
28V 190mA
14
16
18
20
22
24
26
28
30
32
34
5.5
6
6.5
7
7.5
8
Frequency (GHz)
P1dB vs. Frequency vs. Bias (Vd1 and Vd2)
Vd3 = 28 V, Id3 = 190 mA, Vg3 = -2.6 V Typical
5V 1000mA
6V 800mA
6V 1000mA
7V 1000mA
16
18
20
22
24
26
28
30
32
34
36
5.5
6
6.5
7
7.5
8
Frequency (GHz)
P1dB vs. Frequency vs. Bias (Vd3)
Vd1 = Vd2 = 6 V, Id1 + Id2 = 1000 mA, Vg12 = -0.7 V Typical
24V 95mA
24V 190mA
28V 95mA
28V 190mA
32
34
36
38
40
42
44
46
48
50
52
5.5
6
6.5
7
7.5
8
Frequency (GHz)
TOI vs. Frequency vs. Bias (Vd1 and Vd2)
Vd3 = 28 V, Id3 = 190 mA, Vg3 = -2.6 V Typical
5V 1000mA
6V 1000mA
7V 1000mA
34
36
38
40
42
44
46
48
50
52
54
5.5
6
6.5
7
7.5
8
Frequency (GHz)
TOI vs. Frequency vs. Bias (Vd3)
Vd1 = Vd2 = 6 V, Id1 + Id2 = 1000 mA, Vg12 = -0.7 V Typical
24V 95mA
24V 190mA
28V 95mA
28V 190mA


Similar Part No. - TGA2753-SM

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA2752-SM TRIQUINT-TGA2752-SM Datasheet
1Mb / 17P
   7.1 to 8.5 GHz Power Amplifier
logo
Qorvo, Inc
TGA2752-SM QORVO-TGA2752-SM Datasheet
902Kb / 15P
   7.1 ??8.5 GHz Power Amplifier
TGA2752-SM,SAMPLE QORVO-TGA2752-SM,SAMPLE Datasheet
902Kb / 15P
   7.1 ??8.5 GHz Power Amplifier
TGA2752-SMEVALBOARD QORVO-TGA2752-SMEVALBOARD Datasheet
902Kb / 15P
   7.1 ??8.5 GHz Power Amplifier
TGA2752-SMT/R QORVO-TGA2752-SMT/R Datasheet
902Kb / 15P
   7.1 ??8.5 GHz Power Amplifier
More results

Similar Description - TGA2753-SM

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
AM42-0039 MA-COM-AM42-0039 Datasheet
83Kb / 3P
   2 Watt C-Band VSAT Power Amplifier 5.9 - 7.1 GHz
AM42-0046 MA-COM-AM42-0046 Datasheet
129Kb / 3P
   4 Watt Extended C-Band VSAT Power Amplifier 5.9 - 7.1 GHz
logo
Tyco Electronics
AM42-0046 MACOM-AM42-0046 Datasheet
189Kb / 3P
   4 Watt Extended C-Band VSAT Power Amplifier 5.9 - 7.1 GHz
logo
Qorvo, Inc
TGA2752-SM QORVO-TGA2752-SM Datasheet
902Kb / 15P
   7.1 ??8.5 GHz Power Amplifier
logo
Tyco Electronics
MAAP-000069-PKG003 MACOM-MAAP-000069-PKG003 Datasheet
207Kb / 4P
   Amplifier, Power, 2W 7.1-11.7 GHz
logo
TriQuint Semiconductor
TGA2752-SM TRIQUINT-TGA2752-SM_15 Datasheet
1Mb / 17P
   7.1 to 8.5 GHz Power Amplifier
logo
Excelics Semiconductor,...
EMP110 EXCELICS-EMP110 Datasheet
197Kb / 3P
   5.9 - 7.9 GHz Power Amplifier MMIC
logo
SIRENZA MICRODEVICES
STA-6033 SIRENZA-STA-6033 Datasheet
203Kb / 8P
   4.9 - 5.9 GHz 3.3V Power Amplifier
SZA-5044 SIRENZA-SZA-5044 Datasheet
210Kb / 7P
   4.9 - 5.9 GHz 5V Power Amplifier
logo
Excelics Semiconductor,...
EMP107 EXCELICS-EMP107 Datasheet
195Kb / 4P
   5.9 - 7.9 GHz Power Amplifier MMIC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com