Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LSP05240LL Datasheet(PDF) 1 Page - Littelfuse

Part # LSP05240LL
Description  Surge Protection Module LED Lighting Surge Protection Module > LSP05
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

LSP05240LL Datasheet(HTML) 1 Page - Littelfuse

  LSP05240LL Datasheet HTML 1Page - Littelfuse LSP05240LL Datasheet HTML 2Page - Littelfuse LSP05240LL Datasheet HTML 3Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
© 2019 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: 11/04/19
Surge Protection Module
LED Lighting Surge Protection Module > LSP05
Description
Features
Agency Approvals
Absolute Maximum Ratings
• For ratings of individual members of a series, see Device Ratings and Specifications chart
Agency
Standard
Agency File Number
UL1449
E320116
CAUTION: Stresses above those listed in "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress only rating and operation of the device at these or any other conditions above those indicated in
the operational sections of this specification is not implied.
LSP05 Module Series
LSP05 Series
Units
Continous
Steady State Applied Voltage:
Max AC Voltage Range (V
M(AC)RMS)
150 to 510
V
Transient
Maximum Discharge Current 8/20μs Waveform (Imax)
10,000
A
Nominal Discharge Current 8/20µs Waveform (I
n)
5,000
A
Operating Ambient Temperature Range (T
A)
-45 to +85
°C
Storage Temperature Range (T
STG)
-45 to +125
°C
Isolation Voltage Capability (When the thermal disconnect opens)
600
V
Insulation Resistance
>1,000
• Maximum Discharge
Current, 10kA, 8/20us
• Meets ANSI C82.77-
5-2015: Location
Category CM, 10kV/5kA,
1.2/50µS-8/20µS
Combination Wave.
• Meets IEEE C62.41.2:
Location Category CLow,
6kV/3kA, 1.2/50µS-8/20µS
Combination Wave.
• Meets US Dept.
of Energy MSSLC
Model Spec.
• Parallel connected
SPD device
• Thermally protected
Varistor technology
• IP66 Water-proof
and Dust-proof
• Indication wire lead
options for Parallel
connected modules
• UL 1449 Type 4
Component Assembly
Recognition (Type 4CA)
• IEC61643-11 Class II/
EN61643-11 Type
2 Compliant1
• Compact form factor
(48x48x30mm) with
mounting tabs
• 240Vac and 277Vac
voltage ratings are
available for Class I
and Class II installation
based on IEC luminaire
protection classes
• CE - Meets the
requirements of Low
Voltage and RoHS
European Directives.
Applications
• Outdoor and Commercial
LED Lighting
• Roadway lighting
• Traffic lighting
• Digital signage
• Wash wall lighting
• Parking garage/lot lighting
• Flood lighting
• Tunnel lighting
• Street lighting
Notes:
1. Self-declared compliance.
The Littelfuse LSP05 thermally protected Surge Protective
Device is a self-protected device which is specially designed
to be used in outdoor and commercial LED lighting fixtures
for transient overvoltage protection. It is constructed with
Littelfuse thermally protected varistor technology. Its built-in
thermal disconnect function provides additional protection
to prevent catastrophic failure and fire hazard even under the
extreme circumstances of varistor end-of-life or sustaining
over voltage conditions. The LSP05 facilitates customer’s
product compliance to IEEE C62.41.2 Location Category C
Low and US Dept of Energy MSSLC Model Spec.
RoHS
Additional Information
Datasheet
Samples
Resources


Similar Part No. - LSP05240LL

ManufacturerPart #DatasheetDescription
logo
Littelfuse
LSP05240LL LITTELFUSE-LSP05240LL Datasheet
409Kb / 3P
   LED Lighting Surge Protection Module > LSP05
More results

Similar Description - LSP05240LL

ManufacturerPart #DatasheetDescription
logo
Littelfuse
LSP05 LITTELFUSE-LSP05_17 Datasheet
409Kb / 3P
   LED Lighting Surge Protection Module > LSP05
LSP05GI240PX3316 LITTELFUSE-LSP05GI240PX3316 Datasheet
586Kb / 4P
   Surge Protection Module LED Lighting Surge Protection Module > LSP05GI
Revised: 08/22/18
LSP10480P LITTELFUSE-LSP10480P Datasheet
598Kb / 3P
   Surge Protection Module LED Lighting Surge Protection Module > LSP10
Revised: 12/03/19
LSP10GIHP LITTELFUSE-LSP10GIHP Datasheet
447Kb / 4P
   LED Lighting Surge Protection Module
LSP05G240PX3316 LITTELFUSE-LSP05G240PX3316 Datasheet
449Kb / 4P
   Surge Protection Module LED Lighting Surge Protection Module > LSP05G Europe Version
Revised: 02/21/20
LSP LITTELFUSE-LSP_17 Datasheet
606Kb / 3P
   LED Lighting Surge Protection Module > LSP10
LSP05G LITTELFUSE-LSP05G Datasheet
589Kb / 4P
   Surge Protection Module
logo
Bourns Electronic Solut...
4A12P-516-500 BOURNS-4A12P-516-500 Datasheet
647Kb / 1P
   Surge Line Protection Module
4B08B-503-RC BOURNS-4B08B-503-RC_11 Datasheet
351Kb / 1P
   Surge Line Protection Module
4B06B-514-RC BOURNS-4B06B-514-RC_11 Datasheet
306Kb / 1P
   Surge Line Protection Module
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com