Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LSP05240LL Datasheet(PDF) 3 Page - Littelfuse

Part # LSP05240LL
Description  Surge Protection Module LED Lighting Surge Protection Module > LSP05
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

LSP05240LL Datasheet(HTML) 3 Page - Littelfuse

  LSP05240LL Datasheet HTML 1Page - Littelfuse LSP05240LL Datasheet HTML 2Page - Littelfuse LSP05240LL Datasheet HTML 3Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
© 2019 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: 11/04/19
Surge Protection Module
LED Lighting Surge Protection Module > LSP05
L
N
G
SPD
L
L
N/G
or
AC/DC
Pow er
Supp ly
LED Modu le
L
N
+
-
R
LED norma lly on
Parallel Connection
With LED ind icating SPD status
- ON (green): SPD is online
- OFF : SPD needs replacem ent
LS P05 xxx PM
R1
R2
R3
NC
L
N
G
SPD
L
L
N/G
or
L
L
N/G
or
LED Modu le
L
N
+
-
R
Parallel Co nn ection
With LED ind icating SPD status
- OFF : SPD is online
- ON (red): SPD needs replacem ent
LS P05 xxx PM
R1
R2
R3
AC/DC
Pow er
Supp ly
L
N
G
SPD
LED Modu le
L
N
+
-
Parallel Connection
AC/DC
Pow er
Supp ly
L
N
G
SPD
LED Modu le
L
N
+
-
Parallel Co nn ection
(for Class II Unearthed)
~X3316
AC/DC
Pow er
Supp ly
Notes:
1. LED indicator and associated circuitry are not included in the module.
2. R1 must be capped off by wire nut when not connected (NC).
3. R1 and R2 are AC line voltage (hot); R3 is AC neutral voltage.
4. R2 voltage is cut off when SPD needs replacement.
5. R is current limiting resistor; it resistance/wattage is determined by AC line voltage
and desired current driving LED. Example: AC line voltage 240V, LED: 1.6mA, resistor:
150Kohm/0.5W.
LED Normally Off
Part Numbering System
Device Family
Lit telfuse Surge Protection Module
LSP 05 480LL P Xxxxx
Nominal Disc har ge
Cur rent (In )
Oper ating Vo ltag e
Connection mode
LL: fo r L,L,N/G
Blank: L-N, L-G, N-G
P or PM
(P: parallel connection; PM: parallel
connection and with monitor indication wire)
Other non-standar
d option:
X3333: with GND wire connection,
av ailable fo r
240V ac and 277Vac rating with CE Marking
fo r
Class I earthed inst
allation
W ire Color: Line: Bro
wn, Neutral: Blue, Ground/P:
Green with
ye llow stripe
3316: without GND wire connection option
Wire Color: Line: Br
ow n, Neutral: Blue
Application/Installation Schematic
Dimensions
Notes:
1. Black: Line; White: Neutral; Green: Ground (P/N with suffix X3333/X3316: Brown: Line; Blue: Neutral; Green-
Yellow stripe: Ground)
2. Black: R1; Red: R2; Blue: R3
3. Wire Gauge: AWG16 wire Line in, AWG22 Wire for indication; Wire Length: 100mm or customized
LSP05XXXXXP
LSP05XXXXXPM
56.0 ±0.5
10 0 ±20
10 0 ±20
Typical Dimensions (mm)
3 indication wires
all use the AW G22.
2x ø4.8±0.2
64.0 ±1 .5
6 ±2
6 ±2
2.3 ±0.2
48.7±1.5
49.0±1.5
32.5±1.0
Disclaimer Notice - Information furnished is believed to be accurate and reliable. However, users should independently evaluate the suitability of and test each product selected for their own
applications. Littelfuse products are not designed for, and may not be used in, all applications. Read complete Disclaimer Notice at http://www.littelfuse.com/disclaimer-electronics.


Similar Part No. - LSP05240LL

ManufacturerPart #DatasheetDescription
logo
Littelfuse
LSP05240LL LITTELFUSE-LSP05240LL Datasheet
409Kb / 3P
   LED Lighting Surge Protection Module > LSP05
More results

Similar Description - LSP05240LL

ManufacturerPart #DatasheetDescription
logo
Littelfuse
LSP05 LITTELFUSE-LSP05_17 Datasheet
409Kb / 3P
   LED Lighting Surge Protection Module > LSP05
LSP05GI240PX3316 LITTELFUSE-LSP05GI240PX3316 Datasheet
586Kb / 4P
   Surge Protection Module LED Lighting Surge Protection Module > LSP05GI
Revised: 08/22/18
LSP10480P LITTELFUSE-LSP10480P Datasheet
598Kb / 3P
   Surge Protection Module LED Lighting Surge Protection Module > LSP10
Revised: 12/03/19
LSP10GIHP LITTELFUSE-LSP10GIHP Datasheet
447Kb / 4P
   LED Lighting Surge Protection Module
LSP05G240PX3316 LITTELFUSE-LSP05G240PX3316 Datasheet
449Kb / 4P
   Surge Protection Module LED Lighting Surge Protection Module > LSP05G Europe Version
Revised: 02/21/20
LSP LITTELFUSE-LSP_17 Datasheet
606Kb / 3P
   LED Lighting Surge Protection Module > LSP10
LSP05G LITTELFUSE-LSP05G Datasheet
589Kb / 4P
   Surge Protection Module
logo
Bourns Electronic Solut...
4A12P-516-500 BOURNS-4A12P-516-500 Datasheet
647Kb / 1P
   Surge Line Protection Module
4B08B-503-RC BOURNS-4B08B-503-RC_11 Datasheet
351Kb / 1P
   Surge Line Protection Module
4B06B-514-RC BOURNS-4B06B-514-RC_11 Datasheet
306Kb / 1P
   Surge Line Protection Module
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com