Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LSP05240LL Datasheet(PDF) 2 Page - Littelfuse

Part # LSP05240LL
Description  Surge Protection Module LED Lighting Surge Protection Module > LSP05
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

LSP05240LL Datasheet(HTML) 2 Page - Littelfuse

  LSP05240LL Datasheet HTML 1Page - Littelfuse LSP05240LL Datasheet HTML 2Page - Littelfuse LSP05240LL Datasheet HTML 3Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
© 2019 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: 11/04/19
Surge Protection Module
LED Lighting Surge Protection Module > LSP05
Notes:
1. Nominal Discharge Current (In)(A): The nominal discharge current is a measure of the SPDs endurance capability; 15 impulses of discharge current uses the 8/20us current waveform.
2. Maximum Discharge Current (Imax)(A): The maximum discharge current is a measure of the SPDs maximum capability; single impulse of discharge current uses the 8/20us current waveform.
3. MLV – UL1449 Measured limiting voltage; the highest value of residual voltage measurements during the application of impulses of 8/20us nominal discharge current (In); an average voltage value of 15 impulses
4. Up – IEC 61643-11 Voltage protection level; the highest value of residual voltage measurements during the application of impulses of 8/20us nominal discharge current (In); a rounding voltage value of maximum measurement.
5. MCOV/UC: Maximum Continuous Operating Voltage - maximum r.m.s. voltage that could be continuously applied to the SPD.
6. Part Numbers LSP05xxxPM Only.
7. * = - P or PM
8. Repetitive Surge Withstanding: 15 strikes at 5,000A (8/20us) with steady MLV/Up.
LSP05 Series Device Ratings & Specifications
Part Number7
Operating
Voltage
(VAC)
MCOV/Uc
(VAC)5
Maximum
Discharge
Current
(Imax)(A)2
Nominal
Discharge
Current
(In)(A)1
MLV
(V)3
Up
(V)4
Safety Compliance
IEC/EN 61643-116
UL1449
LSP05120*
120
150
10,000
5,000
L-N:680
L-G:680
N-G:630
800
X
LSP05240*
240
275
10,000
5,000
L-N:1070
L-G:1050
N-G:1020
1200
X
X
LSP05277*
277
320
10,000
5,000
L-N:1260
L-G:1280
N-G:1220
1400
X
X
LSP05347*
347
420
10,000
5,000
L-N:1590
L-G:1590
N-G:1570
1700
X
LSP05480*
480
510
10,000
5,000
L-N:1780
L-G:1800
N-G:1740
1900
X
LSP05240LL*
L-L:240
L-L:275
10,000
5,000
L-L:1070
L-L:1200
X
L-N/G:120
L-N/G:150
L-N/G:680
L-N/G:800
X
LSP05480LL*
L-L:480
L-L:510
10,000
5,000
L-L:1780
L-L:1900
X
L-N/G:277
L-N/G:320
L-N/G:1280
L-N/G:1400
X
Figure 1. Repetitive Surge Capability for LSP05
FIGURE 10.
10000
1000
100
10
1
10
1001000
10000
IMPULSE DURATION (s)
MODEL SIZE = 20MM
TA = -55oC TO 85oC
100000
104
105
106
1
2
102
103
15
130 to 625VM(AC) RATING
Pulse Rating
(8x20µSec)
Strikes
Surge
1
10,000A
2
7,000A
15
5,000A
100
1,500A
1,000
700A


Similar Part No. - LSP05240LL

ManufacturerPart #DatasheetDescription
logo
Littelfuse
LSP05240LL LITTELFUSE-LSP05240LL Datasheet
409Kb / 3P
   LED Lighting Surge Protection Module > LSP05
More results

Similar Description - LSP05240LL

ManufacturerPart #DatasheetDescription
logo
Littelfuse
LSP05 LITTELFUSE-LSP05_17 Datasheet
409Kb / 3P
   LED Lighting Surge Protection Module > LSP05
LSP05GI240PX3316 LITTELFUSE-LSP05GI240PX3316 Datasheet
586Kb / 4P
   Surge Protection Module LED Lighting Surge Protection Module > LSP05GI
Revised: 08/22/18
LSP10480P LITTELFUSE-LSP10480P Datasheet
598Kb / 3P
   Surge Protection Module LED Lighting Surge Protection Module > LSP10
Revised: 12/03/19
LSP10GIHP LITTELFUSE-LSP10GIHP Datasheet
447Kb / 4P
   LED Lighting Surge Protection Module
LSP05G240PX3316 LITTELFUSE-LSP05G240PX3316 Datasheet
449Kb / 4P
   Surge Protection Module LED Lighting Surge Protection Module > LSP05G Europe Version
Revised: 02/21/20
LSP LITTELFUSE-LSP_17 Datasheet
606Kb / 3P
   LED Lighting Surge Protection Module > LSP10
LSP05G LITTELFUSE-LSP05G Datasheet
589Kb / 4P
   Surge Protection Module
logo
Bourns Electronic Solut...
4A12P-516-500 BOURNS-4A12P-516-500 Datasheet
647Kb / 1P
   Surge Line Protection Module
4B08B-503-RC BOURNS-4B08B-503-RC_11 Datasheet
351Kb / 1P
   Surge Line Protection Module
4B06B-514-RC BOURNS-4B06B-514-RC_11 Datasheet
306Kb / 1P
   Surge Line Protection Module
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com