Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

09-40-124-9921 Datasheet(PDF) 1 Page - HARTING Technology Group

Part # 09-40-124-9921
Description  Han 24HPR VarioShell Mounting frame
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HARTING [HARTING Technology Group]
Direct Link  https://www.harting.com/US/en
Logo HARTING - HARTING Technology Group

09-40-124-9921 Datasheet(HTML) 1 Page - HARTING Technology Group

  09-40-124-9921 Datasheet HTML 1Page - HARTING Technology Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Product data sheet
09 40 124 9921
Han 24HPR VarioShell Mounting frame
Han 24HPR VarioShell Mounting frame
Image is for illustration purposes only. Please refer to product description.
Part number
09 40 124 9921
Specification
Han 24HPR VarioShell Mounting frame
HARTING eCatalogue
https://b2b.harting.com/09401249921
Identification
Category
Accessories
Type of accessory
Mounting frames
Description of the accessory
Han® HPR VarioShell
Version
Size
24 HPR
Technical characteristics
Tightening torque
12 Nm M8 fixing screws
6 Nm M6 screws for shielding frame and strain relief clamp
Material properties
Material (accessories)
Aluminium die-cast
Commercial data
Packaging size
1
Net weight
864 g
Country of origin
China
European customs tariff number
85389099
eCl@ss
27440210 Fixing element for industrial connectors
Page 1 / 1 | Creation date 2021-10-01 | Please note that the data specified here were taken as extracts from the online catalogue. Please refer to the
user documentation for the complete and up-to-date information and data. Please also note that the user is responsible for validating functionality,
conformity with applicable laws and directives, as well as for the electrical safety in the particular application.
HARTING Electric Stiftung & Co. KG | Wilhelm-Harting-Straße 1 | 32339 Espelkamp | Germany
Phone +49 5772 47-97100 | electric@HARTING.com | www.HARTING.com


Similar Part No. - 09-40-124-9921

ManufacturerPart #DatasheetDescription
logo
HARTING Technology Grou...
09-40-124-9901 HARTING-09-40-124-9901 Datasheet
1Mb / 2P
Han 24HPR VarioShell-Cover
09-40-124-9951 HARTING-09-40-124-9951 Datasheet
501Kb / 1P
Han 24HPR VarioShell-SF-horizontal
2021-10-01
09-40-124-9952 HARTING-09-40-124-9952 Datasheet
496Kb / 1P
Han 24HPR VarioShell-SF-vertical
2021-10-01
More results

Similar Description - 09-40-124-9921

ManufacturerPart #DatasheetDescription
logo
HARTING Technology Grou...
09-40-124-2424 HARTING-09-40-124-2424 Datasheet
874Kb / 2P
Han 24HPR VarioShell-HBMA-SCL-2x24HPR
09-40-124-9901 HARTING-09-40-124-9901 Datasheet
1Mb / 2P
Han 24HPR VarioShell-Cover
10-40-124-1000 HARTING-10-40-124-1000 Datasheet
1Mb / 2P
Han 24HPR VarioShell-2x24HPR-Set0 Hood
10-40-124-1001 HARTING-10-40-124-1001 Datasheet
1Mb / 2P
Han 24HPR VarioShell-2x24HPR-Set1
10-40-124-1002 HARTING-10-40-124-1002 Datasheet
439Kb / 2P
Han 24HPR VarioShell-4xM25-Set2
2021-10-01
09-40-000-9953 HARTING-09-40-000-9953 Datasheet
512Kb / 2P
Mounting Frame Han 24HPR enlarged
2021-10-01
09-40-124-2443 HARTING-09-40-124-2443 Datasheet
438Kb / 2P
Han 24HPR VarioShell-HBMA-SCL-4xM32
2021-10-01
09-40-124-9951 HARTING-09-40-124-9951 Datasheet
501Kb / 1P
Han 24HPR VarioShell-SF-horizontal
2021-10-01
09-40-124-9952 HARTING-09-40-124-9952 Datasheet
496Kb / 1P
Han 24HPR VarioShell-SF-vertical
2021-10-01
09-40-524-9901 HARTING-09-40-524-9901 Datasheet
474Kb / 2P
Han 24HPR-Compact mounting frame
2021-11-30
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com