Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

09-40-034-9942 Datasheet(PDF) 1 Page - HARTING Technology Group

Part # 09-40-034-9942
Description  mounting hood plate 34HPR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HARTING [HARTING Technology Group]
Direct Link  https://www.harting.com/US/en
Logo HARTING - HARTING Technology Group

09-40-034-9942 Datasheet(HTML) 1 Page - HARTING Technology Group

  09-40-034-9942 Datasheet HTML 1Page - HARTING Technology Group 09-40-034-9942 Datasheet HTML 2Page - HARTING Technology Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product data sheet
09 40 034 9942
mounting hood plate 34HPR
mounting hood plate 34HPR
Image is for illustration purposes only. Please refer to product description.
Part number
09 40 034 9942
Specification
mounting hood plate 34HPR
HARTING eCatalogue
https://b2b.harting.com/09400349942
Identification
Category
Accessories
Series of hoods/housings
Han® HPR EasyCon
Type of accessory
Hooking panel
Description of the accessory
for hoods
Version
Size
34 HPR
Details
use with 09 40 134 0601
Material properties
Material (accessories)
Stainless steel
RoHS
compliant
ELV status
compliant
China RoHS
e
REACH Annex XVII substances
No
REACH ANNEX XIV substances
No
REACH SVHC substances
No
Commercial data
Packaging size
1
Net weight
495 g
Country of origin
China
European customs tariff number
85389099
Page 1 / 2 | Creation date 2021-10-01 | Please note that the data specified here were taken as extracts from the online catalogue. Please refer to
the user documentation for the complete and up-to-date information and data. Please also note that the user is responsible for validating functionality,
conformity with applicable laws and directives, as well as for the electrical safety in the particular application.
HARTING Electric Stiftung & Co. KG | Wilhelm-Harting-Straße 1 | 32339 Espelkamp | Germany
Phone +49 5772 47-97100 | electric@HARTING.com | www.HARTING.com


Similar Part No. - 09-40-034-9942

ManufacturerPart #DatasheetDescription
logo
HARTING Technology Grou...
09-40-034-9941 HARTING-09-40-034-9941 Datasheet
490Kb / 2P
mounting panel housing 34HPR
2021-10-01
More results

Similar Description - 09-40-034-9942

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
96-3100 TEC-96-3100 Datasheet
753Kb / 2P
Convenient mounting plate
logo
PHOENIX CONTACT
2741134 PHOENIX-2741134 Datasheet
46Kb / 2P
Mounting plate, short
logo
HARTING Technology Grou...
09-40-134-0601 HARTING-09-40-134-0601 Datasheet
686Kb / 2P
Han 34HPR Hood Protection cover
09-40-034-5405 HARTING-09-40-034-5405 Datasheet
161Kb / 2P
Han 34HPR Hood Cover
09-40-048-0311 HARTING-09-40-048-0311 Datasheet
500Kb / 2P
Han 34HPR Hood Cover
09-40-134-0451 HARTING-09-40-134-0451 Datasheet
690Kb / 2P
Han 34HPR EasyCon-hood
09-40-034-9941 HARTING-09-40-034-9941 Datasheet
490Kb / 2P
mounting panel housing 34HPR
2021-10-01
logo
FIBOX Enclosing innovat...
4850060 FIBOX-4850060 Datasheet
39Kb / 1P
Metal mounting plate
01.08.2023
4850061 FIBOX-4850061 Datasheet
39Kb / 1P
Metal mounting plate
01.08.2023
4850062 FIBOX-4850062 Datasheet
39Kb / 1P
Metal mounting plate
01.08.2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com