Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4617 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX4617
Description  High-Speed, Low-Voltage, CMOS Analog Multiplexers/Switches
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4617 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX4617_V01 Datasheet HTML 1Page - Maxim Integrated Products MAX4617_V01 Datasheet HTML 2Page - Maxim Integrated Products MAX4617_V01 Datasheet HTML 3Page - Maxim Integrated Products MAX4617_V01 Datasheet HTML 4Page - Maxim Integrated Products MAX4617_V01 Datasheet HTML 5Page - Maxim Integrated Products MAX4617_V01 Datasheet HTML 6Page - Maxim Integrated Products MAX4617_V01 Datasheet HTML 7Page - Maxim Integrated Products MAX4617_V01 Datasheet HTML 8Page - Maxim Integrated Products MAX4617_V01 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
(VCC = +3V to +3.6V, V_H = 2.0V, V_L = 0.5V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.) (Note 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX UNITS
ANALOG SWITCH
Analog-Signal Range
VX_, VY_, VZ_,
VX, VY, VZ
C, E
0
VCC
V
Switch On-Resistance
RON
VCC = 3V; IX, IY, IZ = 10mA;
VX, VY, VZ = 1.5V
TA = +25°C
8
20
Ω
C, E
25
X_, Y_, Z_ Off-
Leakage Current
(Note 5)
IX_(OFF),
IY_(OFF),
IZ_(OFF)
VCC = 3.6V; VX_, VY_, VZ_ = 1V, 3V;
VX, VY, VZ = 3V, 1V
TA = +25°C
-1
0.002
1
nA
C, E
-10
10
X, Y, Z Off-Leakage
Current (Note 6)
IX(OFF),
IY(OFF),
IZ(OFF)
VCC = 3.6V; VX_, VY_, VZ_ = 1V, 3V;
VX, VY, VZ = 3V, 1V
TA = +25°C
-1
0.002
1
nA
C, E
-10
10
X, Y, Z On-Leakage
Current (Note 6)
IX(ON),
IY(ON), IZ(ON)
VCC = 3.6V; VX, VY, VZ = 3V, 1V;
VX_, VY_, VZ_ = 3V, 1V, or unconnected
TA = +25°C
-1
0.002
1
nA
C, E
-10
10
DIGITAL I/O
Input Voltage High
VAH, VBH,
VCH,
VENABLEH
C, E
2.0
V
Input Voltage Low
VAL, VBL,
VCL,
VENABLEL
C, E
0.5
V
Input Current High
IAH, IBH, ICH,
IENABLEH
VA, VB, VC = VENABLE = VCC
C, E
-1
0.0003
1
µA
Input Current Low
IAL, IBL, ICL,
IENABLEL
VA, VB, VC = VENABLE = 0
C, E
-1
0.0003
1
µA
SWITCH DYNAMIC CHARACTERISTICS
Enable Turn-On Time
(Note 6)
tON
VX_, VY_, VZ_ = 1.5V; RL = 300Ω;
CL = 35pF; Figure 3
TA = +25°C
9
20
ns
C, E
25
Enable Turn-Off Time
(Note 6)
tOFF
VX_, VY_, VZ_ = 1.5V; RL = 300Ω;
CL = 35pF; Figure 3
TA = +25°C
6
15
ns
C, E
20
Address Transition
Time (Note 6)
tTRANS
VX_, VY_, VZ_ = 1.5V/0; RL = 300Ω;
CL = 35pF; Figure 2
TA = +25°C
9
20
ns
C, E
25
Break-Before-Make
Time (Note 6)
tBBM
VX_, VY_, VZ_ = 1.5V; RL = 300Ω;
CL = 35pF
TA = +25°C
0.2
1.5
ns
Charge Injection
(Note 6)
Q
C = 1nF, RS = 0, VS = 0, Figure 5
TA = +25°C
3
pC
POWER SUPPLY
Power-Supply Current
ICC
VCC = 3.6V,
VA, VB, VC, VENABLE = VCC or 0
TA = +25°C
1
µA
C, E
10
www.analog.com
Analog Devices │ 4
MAX4617/MAX4618/
MAX4619
High-Speed, Low-Voltage, CMOS Analog
Multiplexers/Switches
Electrical Characteristics—Single +3.3V Supply


Similar Part No. - MAX4617_V01

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4617-MAX4619 MAXIM-MAX4617-MAX4619 Datasheet
179Kb / 16P
   High-Speed, Low-Voltage, CMOS Analog Multiplexers/Switches
2012
MAX4617CPE MAXIM-MAX4617CPE Datasheet
179Kb / 16P
   High-Speed, Low-Voltage, CMOS Analog Multiplexers/Switches
2012
MAX4617CPE+T MAXIM-MAX4617CPE+T Datasheet
202Kb / 16P
   High-Speed, Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 3; 12/12
MAX4617CSE MAXIM-MAX4617CSE Datasheet
179Kb / 16P
   High-Speed, Low-Voltage, CMOS Analog Multiplexers/Switches
2012
MAX4617CSE+T MAXIM-MAX4617CSE+T Datasheet
202Kb / 16P
   High-Speed, Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 3; 12/12
More results

Similar Description - MAX4617_V01

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4617 MAXIM-MAX4617 Datasheet
179Kb / 16P
   High-Speed, Low-Voltage, CMOS Analog Multiplexers/Switches
2012
MAX4617 MAXIM-MAX4617_12 Datasheet
202Kb / 16P
   High-Speed, Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 3; 12/12
MAX4782 MAXIM-MAX4782 Datasheet
348Kb / 16P
   High-Speed, Low-Voltage, 0.7OHM CMOS Analog Switches/Multiplexers
Rev 3; 2/05
MAX4581 MAXIM-MAX4581 Datasheet
253Kb / 16P
   Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 1; 10/99
MAX4581 MAXIM-MAX4581_12 Datasheet
198Kb / 17P
   Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 6; 3/12
MAX4581 MAXIM-MAX4581_05 Datasheet
553Kb / 18P
   Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 4; 8/05
MAX4581 MAXIM-MAX4581_07 Datasheet
519Kb / 18P
   Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 5; 6/07
MAX4051 MAXIM-MAX4051 Datasheet
148Kb / 20P
   Low-Voltage, CMOS Analog Multiplexers/Switches
19-0463; Rev 0; 1/96
MAX4581L MAXIM-MAX4581L_07 Datasheet
304Kb / 16P
   Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 1; 6/07
MAX4581L MAXIM-MAX4581L Datasheet
381Kb / 16P
   Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 0; 8/03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com