Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4617 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX4617
Description  High-Speed, Low-Voltage, CMOS Analog Multiplexers/Switches
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4617 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX4617_V01 Datasheet HTML 1Page - Maxim Integrated Products MAX4617_V01 Datasheet HTML 2Page - Maxim Integrated Products MAX4617_V01 Datasheet HTML 3Page - Maxim Integrated Products MAX4617_V01 Datasheet HTML 4Page - Maxim Integrated Products MAX4617_V01 Datasheet HTML 5Page - Maxim Integrated Products MAX4617_V01 Datasheet HTML 6Page - Maxim Integrated Products MAX4617_V01 Datasheet HTML 7Page - Maxim Integrated Products MAX4617_V01 Datasheet HTML 8Page - Maxim Integrated Products MAX4617_V01 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
(VCC = +4.5V to +5.5V, V_H = 2.4V, V_L = 0.8V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.) (Note 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX UNITS
Input Current High
IAH, IBH,ICH,
IENABLE
VA, VB, VC = VENABLE = VCC
C, E
-1
0.0003
1
µA
Input Current Low
IAL, IBL,ICL,
IENABLE
VA, VB, VC = VENABLE = 0
C, E
-1
0.0003
1
µA
SWITCH DYNAMIC CHARACTERISTICS
Enable Turn-On Time
(Note 6)
tON
VX_, VY_, VZ_ = 3V; RL = 300Ω; CL = 35pF;
Figure 3
TA = +25°C
7
15
ns
C, E
18
Enable Turn-Off Time
(Note 6)
tOFF
VX_, VY_, VZ_ = 3V; RL = 300Ω; CL = 35pF;
Figure 3
TA = +25°C
4.5
10
ns
C, E
13
Address Transition
Time (Note 6)
tTRANS
VX_, VY_, VZ_ = 3V; RL = 300Ω; CL = 35pF;
Figure 2
TA = +25°C
7
15
ns
C, E
18
Break-Before-Make Time
(Note 6)
tBBM
VX_, VY_, VZ_ = 3V; RL = 300Ω; CL = 35pF;
Figure 4
TA = +25°C
0.2
1.5
ns
Charge Injection
Q
C = 1nF, RS = 0, VS = 0, Figure 5
TA = +25°C
3
pC
Input Off-Capacitance
CX_(OFF),
CY_(OFF),
CZ_(OFF)
VX_, VY_, VZ_ = 0; f = 1MHz; Figure 7
TA = +25°C
5
pF
Output Off-Capacitance
CX(OFF),
CY(OFF),
CZ(OFF)
VX_, VY_, VZ_ = 0; f = 1MHz;
Figure 7
MAX4617
TA = +25°C
27
pF
MAX4618
15
MAX4619
8.5
Output On-Capacitance
CX(ON),
CY(ON),
CZ(ON)
VX_, VY_, VZ_ = 0; f = 1MHz;
Figure 7
MAX4617
TA = +25°C
32
pF
MAX4618
21
MAX4619
15.5
Off-Isolation
VISO
RL = 50Ω, f = 100kHz, Figure 6
TA = +25°C
-93
dB
Channel-to-Channel
Crosstalk
VCT
RL = 50Ω, f = 100kHz, Figure 6
TA = +25°C
-96
dB
Total Harmonic Distortion
THD
RL = 600Ω, 1VP-P, f = 20Hz to 20kHz
TA = +25°C
0.017
%
POWER SUPPLY
Power-Supply Range
VCC
C, E
+2
+5.5
V
Power-Supply Current
ICC
VCC = 5.5V; VA, VB, VC, VENABLE = VCC
or 0
TA = +25°C
-1
1
µA
C, E
-10
10
www.analog.com
Analog Devices │ 3
MAX4617/MAX4618/
MAX4619
High-Speed, Low-Voltage, CMOS Analog
Multiplexers/Switches
Electrical Characteristics—Single +5V Supply (continued)


Similar Part No. - MAX4617_V01

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4617-MAX4619 MAXIM-MAX4617-MAX4619 Datasheet
179Kb / 16P
High-Speed, Low-Voltage, CMOS Analog Multiplexers/Switches
2012
MAX4617CPE MAXIM-MAX4617CPE Datasheet
179Kb / 16P
High-Speed, Low-Voltage, CMOS Analog Multiplexers/Switches
2012
MAX4617CPE+T MAXIM-MAX4617CPE+T Datasheet
202Kb / 16P
High-Speed, Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 3; 12/12
MAX4617CSE MAXIM-MAX4617CSE Datasheet
179Kb / 16P
High-Speed, Low-Voltage, CMOS Analog Multiplexers/Switches
2012
MAX4617CSE+T MAXIM-MAX4617CSE+T Datasheet
202Kb / 16P
High-Speed, Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 3; 12/12
More results

Similar Description - MAX4617_V01

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4617 MAXIM-MAX4617 Datasheet
179Kb / 16P
High-Speed, Low-Voltage, CMOS Analog Multiplexers/Switches
2012
MAX4617 MAXIM-MAX4617_12 Datasheet
202Kb / 16P
High-Speed, Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 3; 12/12
MAX4782 MAXIM-MAX4782 Datasheet
348Kb / 16P
High-Speed, Low-Voltage, 0.7OHM CMOS Analog Switches/Multiplexers
Rev 3; 2/05
MAX4581 MAXIM-MAX4581 Datasheet
253Kb / 16P
Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 1; 10/99
MAX4581 MAXIM-MAX4581_12 Datasheet
198Kb / 17P
Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 6; 3/12
MAX4581 MAXIM-MAX4581_05 Datasheet
553Kb / 18P
Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 4; 8/05
MAX4581 MAXIM-MAX4581_07 Datasheet
519Kb / 18P
Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 5; 6/07
MAX4051 MAXIM-MAX4051 Datasheet
148Kb / 20P
Low-Voltage, CMOS Analog Multiplexers/Switches
19-0463; Rev 0; 1/96
MAX4581L MAXIM-MAX4581L_07 Datasheet
304Kb / 16P
Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 1; 6/07
MAX4581L MAXIM-MAX4581L Datasheet
381Kb / 16P
Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 0; 8/03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com