![]() |
Electronic Components Datasheet Search |
|
MAX4617 Datasheet(PDF) 2 Page - Maxim Integrated Products |
|
|
MAX4617 Datasheet(HTML) 2 Page - Maxim Integrated Products |
2 / 16 page ![]() Voltages Referenced to GND VCC, A, B, C, or Enable.......................................-0.3V to +6V Voltage into Any Analog Terminal (Note 1)................................................. -0.3V to (VCC + 0.3V) Continuous Current into Any Terminal..............................±75mA Peak Current, X_, Y_, Z_ (pulsed at 1ms, 10% duty cycle) ................................±200mA Continuous Power Dissipation (TA = +70°C) TSSOP (derate 9.4mW/°C above +70°C) ...................755mW Narrow SO (derate 8.70mW/°C above +70°C) ...........696mW Plastic DIP (derate 10.53mW/°C above +70°C)..........842mW Operating Temperature Ranges MAX461_C_ _ ....................................................0°C to +70°C MAX461_E_ _ ................................................ -40°C to +85°C Storage Temperature Range............................ -65°C to +150°C Lead Temperature (soldering, 10sec) .............................+300°C Soldering Temperature (reflow).......................................+260°C (VCC = +4.5V to +5.5V, V_H = 2.4V, V_L = 0.8V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.) (Note 2) PARAMETER SYMBOL CONDITIONS MIN TYP MAX UNITS ANALOG SWITCH Analog-Signal Range VX, VY, VZ C, E 0 VCC V Switch On-Resistance RON VCC = 4.5V; IX, IY, IZ = 10mA; VX, VY, VZ = 3V TA = +25°C 8 10 Ω C, E 13 Switch On-Resistance Match Between Channels (Note 3) ΔRON VCC = 5V; IX, IY, IZ = 10mA; VX, VY, VZ = 3V TA = +25°C 0.2 1 Ω C, E 1.2 Switch On-Resistance Flatness (Note 4) RFLAT(ON) VCC = 5V; IX, IY, IZ = 10mA; VX, VY, VZ = 1V, 2V, 3V C, E 1 Ω X_, Y_, Z_ Off-Leakage Current (Note 5) IX_(OFF), IY_(OFF), IZ_(OFF) VCC = 5.5V; VX_, VY_, VZ_ = 4.5V, 1V; VX, VY, VZ = 1V, 4.5V TA = +25°C -1 0.002 1 nA C, E -10 10 X, Y, Z Off-Leakage Current (Note 5) IX(OFF), IY(OFF), IZ(OFF) VCC = 5.5V; VEE = -5.5V; VX_, VY_, VZ_ = 4.5V, 1V; VX, VY, VZ = 1V, 4.5V TA = +25°C -1 0.002 1 nA C, E -10 10 X, Y, Z On-Leakage Current (Note 5) IX(ON), IY(ON), IZ(ON) VCC = 5.5V; VX, VY, VZ = 1V, 4.5V; VX_, VY_, VZ_ = 1V, 4.5V or unconnected TA = +25°C -1 0.002 1 nA C, E -10 10 DIGITAL I/O Input Voltage High VAH, VBH, VCH, VENABLEH C, E 2.4 V Input Voltage Low VAL, VBL,VCL, VENABLEL C, E 0.8 V www.analog.com Analog Devices │ 2 MAX4617/MAX4618/ MAX4619 High-Speed, Low-Voltage, CMOS Analog Multiplexers/Switches Absolute Maximum Ratings Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. Electrical Characteristics—Single +5V Supply Note 1: Voltages exceeding VCC or GND on any analog signal terminal are clamped by internal diodes. Limit forward-diode current to maximum current rating. |
Similar Part No. - MAX4617_V01 |
|
Similar Description - MAX4617_V01 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |