Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4617 Datasheet(PDF) 14 Page - Maxim Integrated Products

Part # MAX4617
Description  High-Speed, Low-Voltage, CMOS Analog Multiplexers/Switches
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4617 Datasheet(HTML) 14 Page - Maxim Integrated Products

Back Button MAX4617_V01 Datasheet HTML 8Page - Maxim Integrated Products MAX4617_V01 Datasheet HTML 9Page - Maxim Integrated Products MAX4617_V01 Datasheet HTML 10Page - Maxim Integrated Products MAX4617_V01 Datasheet HTML 11Page - Maxim Integrated Products MAX4617_V01 Datasheet HTML 12Page - Maxim Integrated Products MAX4617_V01 Datasheet HTML 13Page - Maxim Integrated Products MAX4617_V01 Datasheet HTML 14Page - Maxim Integrated Products MAX4617_V01 Datasheet HTML 15Page - Maxim Integrated Products MAX4617_V01 Datasheet HTML 16Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
Figure 6. Off-Isolation, On-Loss, and Crosstalk
Figure 7. Capacitance
NOTES: MEASUREMENTS ARE STANDARDIZED AGAINST SHORT AT SOCKET TERMINALS.
OFF ISOLATION IS MEASURED BETWEEN COM AND "OFF" NO TERMINAL ON EACH SWITCH.
ON LOSS IS MEASURED BETWEEN COM AND "ON" NO TERMINAL ON EACH SWITCH.
CROSSTALK (MAX4618/MAX4619) IS MEASURED FROM ONE CHANNEL (A, B, C) TO ALL OTHER CHANNELS.
SIGNAL DIRECTION THROUGH SWITCH IS REVERSED; WORST VALUES ARE RECORDED.
VCC
VOUT
VIN
GND
VCC
VIN
VOUT
MEAS.
NETWORK
ANALYZER
50Ω
50Ω
50Ω
OFF-ISOLATION = 20log
ON-LOSS = 20log
CROSSTALK = 20log
50Ω
REF.
B
VOUT
VIN
VOUT
VIN
A
CHANNEL
SELECT
C
ENABLE
X_, Y_, Z_
X, Y, Z
10nF
MAX4617
MAX4618
MAX4619
VCC
GND
VCC
B
A
CHANNEL
SELECT
1MHz
CAPACITANCE
ANALYZER
C
ENABLE
X_, Y_, Z_
X, Y, Z
MAX4617
MAX4618
MAX4619
www.analog.com
Analog Devices │ 14
MAX4617/MAX4618/
MAX4619
High-Speed, Low-Voltage, CMOS Analog
Multiplexers/Switches
Test Circuits/Timing Diagrams (continued)


Similar Part No. - MAX4617_V01

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4617-MAX4619 MAXIM-MAX4617-MAX4619 Datasheet
179Kb / 16P
High-Speed, Low-Voltage, CMOS Analog Multiplexers/Switches
2012
MAX4617CPE MAXIM-MAX4617CPE Datasheet
179Kb / 16P
High-Speed, Low-Voltage, CMOS Analog Multiplexers/Switches
2012
MAX4617CPE+T MAXIM-MAX4617CPE+T Datasheet
202Kb / 16P
High-Speed, Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 3; 12/12
MAX4617CSE MAXIM-MAX4617CSE Datasheet
179Kb / 16P
High-Speed, Low-Voltage, CMOS Analog Multiplexers/Switches
2012
MAX4617CSE+T MAXIM-MAX4617CSE+T Datasheet
202Kb / 16P
High-Speed, Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 3; 12/12
More results

Similar Description - MAX4617_V01

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4617 MAXIM-MAX4617 Datasheet
179Kb / 16P
High-Speed, Low-Voltage, CMOS Analog Multiplexers/Switches
2012
MAX4617 MAXIM-MAX4617_12 Datasheet
202Kb / 16P
High-Speed, Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 3; 12/12
MAX4782 MAXIM-MAX4782 Datasheet
348Kb / 16P
High-Speed, Low-Voltage, 0.7OHM CMOS Analog Switches/Multiplexers
Rev 3; 2/05
MAX4581 MAXIM-MAX4581 Datasheet
253Kb / 16P
Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 1; 10/99
MAX4581 MAXIM-MAX4581_12 Datasheet
198Kb / 17P
Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 6; 3/12
MAX4581 MAXIM-MAX4581_05 Datasheet
553Kb / 18P
Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 4; 8/05
MAX4581 MAXIM-MAX4581_07 Datasheet
519Kb / 18P
Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 5; 6/07
MAX4051 MAXIM-MAX4051 Datasheet
148Kb / 20P
Low-Voltage, CMOS Analog Multiplexers/Switches
19-0463; Rev 0; 1/96
MAX4581L MAXIM-MAX4581L_07 Datasheet
304Kb / 16P
Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 1; 6/07
MAX4581L MAXIM-MAX4581L Datasheet
381Kb / 16P
Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 0; 8/03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com