Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4617 Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX4617
Description  High-Speed, Low-Voltage, CMOS Analog Multiplexers/Switches
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4617 Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX4617_V01 Datasheet HTML 8Page - Maxim Integrated Products MAX4617_V01 Datasheet HTML 9Page - Maxim Integrated Products MAX4617_V01 Datasheet HTML 10Page - Maxim Integrated Products MAX4617_V01 Datasheet HTML 11Page - Maxim Integrated Products MAX4617_V01 Datasheet HTML 12Page - Maxim Integrated Products MAX4617_V01 Datasheet HTML 13Page - Maxim Integrated Products MAX4617_V01 Datasheet HTML 14Page - Maxim Integrated Products MAX4617_V01 Datasheet HTML 15Page - Maxim Integrated Products MAX4617_V01 Datasheet HTML 16Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Figure 4. Break-Before-Make Interval
Figure 5. Charge Injection
50%
V+
0
VX, VY, VZ
VOUT
VA, VB, VC
0
80%
tBBM
VCC
VOUT
VA, VB, VC
VA, VB
VA, VB, VC
GND
VCC
B
A
C
ENABLE
X0–X7
X
VCC
MAX4617
300Ω
50Ω
35pF
VCC
VOUT
GND
VCC
B
A
ENABLE
X0–X3,
Y0–Y3
X, Y
VCC
MAX4618
300Ω
35pF
VCC
VOUT
GND
VCC
A, B, C
ENABLE
X0, X1, Y0,
Y1, Z0, Z1
X, Y, Z
VCC
MAX4619
300Ω
35pF
50Ω
50Ω
TEST EACH SECTION INDIVIDUALLY.
tR < 20ns
tF < 20ns
0
VCC
VENABLE
∆ VOUT IS THE MEASURED VOLTAGE DUE TO CHARGE-
TRANSFER ERROR Q WHEN THE CHANNEL TURNS OFF.
∆ VOUT
TEST EACH SECTION INDIVIDUALLY.
Q = ∆ VOUT · CL
VOUT
VCC
VOUT
VENABLE
GND
VCC
B
A
CHANNEL
SELECT
C
ENABLE
X_, Y_, Z_
X, Y, Z
MAX4617
MAX4618
MAX4619
50Ω
CL
1000pF
www.analog.com
Analog Devices │ 13
MAX4617/MAX4618/
MAX4619
High-Speed, Low-Voltage, CMOS Analog
Multiplexers/Switches
Test Circuits/Timing Diagrams (continued)


Similar Part No. - MAX4617_V01

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4617-MAX4619 MAXIM-MAX4617-MAX4619 Datasheet
179Kb / 16P
   High-Speed, Low-Voltage, CMOS Analog Multiplexers/Switches
2012
MAX4617CPE MAXIM-MAX4617CPE Datasheet
179Kb / 16P
   High-Speed, Low-Voltage, CMOS Analog Multiplexers/Switches
2012
MAX4617CPE+T MAXIM-MAX4617CPE+T Datasheet
202Kb / 16P
   High-Speed, Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 3; 12/12
MAX4617CSE MAXIM-MAX4617CSE Datasheet
179Kb / 16P
   High-Speed, Low-Voltage, CMOS Analog Multiplexers/Switches
2012
MAX4617CSE+T MAXIM-MAX4617CSE+T Datasheet
202Kb / 16P
   High-Speed, Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 3; 12/12
More results

Similar Description - MAX4617_V01

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4617 MAXIM-MAX4617 Datasheet
179Kb / 16P
   High-Speed, Low-Voltage, CMOS Analog Multiplexers/Switches
2012
MAX4617 MAXIM-MAX4617_12 Datasheet
202Kb / 16P
   High-Speed, Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 3; 12/12
MAX4782 MAXIM-MAX4782 Datasheet
348Kb / 16P
   High-Speed, Low-Voltage, 0.7OHM CMOS Analog Switches/Multiplexers
Rev 3; 2/05
MAX4581 MAXIM-MAX4581 Datasheet
253Kb / 16P
   Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 1; 10/99
MAX4581 MAXIM-MAX4581_12 Datasheet
198Kb / 17P
   Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 6; 3/12
MAX4581 MAXIM-MAX4581_05 Datasheet
553Kb / 18P
   Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 4; 8/05
MAX4581 MAXIM-MAX4581_07 Datasheet
519Kb / 18P
   Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 5; 6/07
MAX4051 MAXIM-MAX4051 Datasheet
148Kb / 20P
   Low-Voltage, CMOS Analog Multiplexers/Switches
19-0463; Rev 0; 1/96
MAX4581L MAXIM-MAX4581L_07 Datasheet
304Kb / 16P
   Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 1; 6/07
MAX4581L MAXIM-MAX4581L Datasheet
381Kb / 16P
   Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 0; 8/03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com