Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4617 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX4617
Description  High-Speed, Low-Voltage, CMOS Analog Multiplexers/Switches
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4617 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX4617_V01 Datasheet HTML 1Page - Maxim Integrated Products MAX4617_V01 Datasheet HTML 2Page - Maxim Integrated Products MAX4617_V01 Datasheet HTML 3Page - Maxim Integrated Products MAX4617_V01 Datasheet HTML 4Page - Maxim Integrated Products MAX4617_V01 Datasheet HTML 5Page - Maxim Integrated Products MAX4617_V01 Datasheet HTML 6Page - Maxim Integrated Products MAX4617_V01 Datasheet HTML 7Page - Maxim Integrated Products MAX4617_V01 Datasheet HTML 8Page - Maxim Integrated Products MAX4617_V01 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
General Description
The MAX4617/MAX4618/MAX4619 are high-speed,
low-voltage, CMOS analog ICs configured as an
8-channel multiplexer (MAX4617), two 4-channel multi-
plexers (MAX4618), and three single-pole/double-throw
(SPDT) switches (MAX4619).
These CMOS devices can operate continuously with a
+2V to +5.5V single supply. Each switch can handle rail-
to-rail analog signals. The off-leakage current is only 1nA
at TA = +25°C and 10nA at TA = +85°C.
All digital inputs have 0.8V to 2.4V logic thresholds,
ensuring TTL/CMOS-logic compatibility when using a
single +5V supply.
Applications
● Battery-Operated Equipment
● Audio/Video Signal Routing
● Low-Voltage Data-Acquisition Systems
● Communications Circuits
Features
● Fast Switching Times
• 15ns tON
• 10ns tOFF
● Pin Compatible with Industry-Standard
74HC4051/74HC4052/74HC4053 and
MAX4581/MAX4582/MAX4583
● Guaranteed On-Resistance
• 10Ω max (+5V Supply)
• 20Ω max (+3V Supply)
● Guaranteed 1Ω On-Resistance Match Between
Channels (Single +5V supply)
● Guaranteed Low Off-Leakage Current:
1nA at +25°C
● Guaranteed Low On-Leakage Current:
1nA at +25°C
● +2V to +5.5V Single-Supply Operation
● TTL/CMOS-Logic Compatible
● Low Crosstalk: <-96dB
● High Off-Isolation: <-93dB
● Low Distortion: <0.017% (600Ω)
19-1502; Rev 4; 2/21
Ordering Information continued at end of data sheet.
+Denotes a lead(Pb)-free/RoHS-compliant package.
T = Tape and reel.
PART
TEMP RANGE
PIN-PACKAGE
MAX4617CUE+T
0°C to +70°C
16 TSSOP
MAX4617CSE+T
0°C to +70°C
16 Narrow SO
MAX4617CPE+T
0°C to +70°C
16 Plastic DIP
16
15
14
13
12
11
10
9
2
3
4
5
6
7
8
VCC
X2
X1
X0
X3
A
B
C
X4
X6
X
X7
X5
ENABLE
N.C.
GND
TOP VIEW
MAX4617
DIP/SO/TSSOP
LOGIC
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
VCC
Y
X
X1
X0
A
B
C
Y1
Y0
Z1
Z
Z0
ENABLE
N.C.
GND
MAX4619
DIP/SO/TSSOP
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
VCC
X2
X1
X
X0
X3
A
B
Y0
Y2
Y
Y3
Y1
ENABLE
N.C.
GND
MAX4618
DIP/SO/TSSOP
LOGIC
+
+
+
High-Speed, Low-Voltage, CMOS Analog
Multiplexers/Switches
MAX4617/MAX4618/
MAX4619
Evaluation Kit
Available
Design
Resources
Tools
and Models
Support
One Analog Way, Wilmington, MA 01887 U.S.A. |
Tel: 781.329.4700
|
© 2022 Analog Devices, Inc. All rights reserved.
© 2022 Analog Devices, Inc. All rights reserved. Trademarks and registered trademarks are the property of their respective owners.
Click here to ask an associate for production status of specific part numbers.
Pin Configurations/Functional Diagrams
Ordering Information


Similar Part No. - MAX4617_V01

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4617-MAX4619 MAXIM-MAX4617-MAX4619 Datasheet
179Kb / 16P
   High-Speed, Low-Voltage, CMOS Analog Multiplexers/Switches
2012
MAX4617CPE MAXIM-MAX4617CPE Datasheet
179Kb / 16P
   High-Speed, Low-Voltage, CMOS Analog Multiplexers/Switches
2012
MAX4617CPE+T MAXIM-MAX4617CPE+T Datasheet
202Kb / 16P
   High-Speed, Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 3; 12/12
MAX4617CSE MAXIM-MAX4617CSE Datasheet
179Kb / 16P
   High-Speed, Low-Voltage, CMOS Analog Multiplexers/Switches
2012
MAX4617CSE+T MAXIM-MAX4617CSE+T Datasheet
202Kb / 16P
   High-Speed, Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 3; 12/12
More results

Similar Description - MAX4617_V01

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4617 MAXIM-MAX4617 Datasheet
179Kb / 16P
   High-Speed, Low-Voltage, CMOS Analog Multiplexers/Switches
2012
MAX4617 MAXIM-MAX4617_12 Datasheet
202Kb / 16P
   High-Speed, Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 3; 12/12
MAX4782 MAXIM-MAX4782 Datasheet
348Kb / 16P
   High-Speed, Low-Voltage, 0.7OHM CMOS Analog Switches/Multiplexers
Rev 3; 2/05
MAX4581 MAXIM-MAX4581 Datasheet
253Kb / 16P
   Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 1; 10/99
MAX4581 MAXIM-MAX4581_12 Datasheet
198Kb / 17P
   Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 6; 3/12
MAX4581 MAXIM-MAX4581_05 Datasheet
553Kb / 18P
   Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 4; 8/05
MAX4581 MAXIM-MAX4581_07 Datasheet
519Kb / 18P
   Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 5; 6/07
MAX4051 MAXIM-MAX4051 Datasheet
148Kb / 20P
   Low-Voltage, CMOS Analog Multiplexers/Switches
19-0463; Rev 0; 1/96
MAX4581L MAXIM-MAX4581L_07 Datasheet
304Kb / 16P
   Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 1; 6/07
MAX4581L MAXIM-MAX4581L Datasheet
381Kb / 16P
   Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 0; 8/03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com