Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4617 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX4617
Description  High-Speed, Low-Voltage, CMOS Analog Multiplexers/Switches
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4617 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX4617_V01 Datasheet HTML 2Page - Maxim Integrated Products MAX4617_V01 Datasheet HTML 3Page - Maxim Integrated Products MAX4617_V01 Datasheet HTML 4Page - Maxim Integrated Products MAX4617_V01 Datasheet HTML 5Page - Maxim Integrated Products MAX4617_V01 Datasheet HTML 6Page - Maxim Integrated Products MAX4617_V01 Datasheet HTML 7Page - Maxim Integrated Products MAX4617_V01 Datasheet HTML 8Page - Maxim Integrated Products MAX4617_V01 Datasheet HTML 9Page - Maxim Integrated Products MAX4617_V01 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
(VCC = +5V, GND = 0, TA = +25°C, unless otherwise noted.)
0
2.5
3.0
1.5
2.0
0.5
1.0
3.5
4.0
4.5
5.0
0
2.0
1.5
0.5 1.0
2.5 3.0 3.5 4.0 4.5 5.0
ON-RESISTANCE vs.
VX, VY, VZ AND TEMPERATURE
VX, VY, VZ (V)
TA = +85°C
TA = +70°C
TA = +25°C
TA = 0°C
TA = -40°C
1000
0.01
-40
100
0
20
40
60
80
-20
OFF-LEAKAGE vs. TEMPERATURE
10
1
0.1
100
TEMPERATURE (°C)
IX, IY, IZ
IX_, IY_, IZ_
0.1
1
10
100
-40
0
-20
20
40
60
80 100
ON-LEAKAGE vs. TEMPERATURE
TEMPERATURE (°C)
0
4
2
6
8
14
16
18
12
10
20
0
1.0 1.5 2.0 2.5
0.5
3.0 3.5 4.0 4.5 5.0
CHARGE INJECTION vs. VX, VY, VZ
VX, VY, VZ (V)
SUPPLY CURRENT vs. TEMPERATURE
VA, VB, VC, VENABLE = 0, 5V
10,000
1
-40
20
60
40
-20
0
100
80
10
TEMPERATURE (°C)
100
1000
25
20
15
10
5
0
0
2.5 3.0 3.5 4.0 4.5
0.5 1.0 1.5 2.0
5.0
ON-RESISTANCE vs. VX, VY, VZ
VX, VY, VZ (V)
VCC = +2V
VCC = +2.5V
VCC = +5V
VCC = +3V
0
SUPPLY CURRENT vs.
LOGIC VOLTAGE
2.5
VA, VB, VC, VENABLE (V)
2.0
1.5
0.5
1.0
0
5.0
2.0
1.0
0.5
1.5
3.5
3.0
2.5
4.5
4.0
VCC = +5V
VCC = +2V
VCC = +3V
Analog Devices │ 6
www.analog.com
MAX4617/MAX4618/
MAX4619
High-Speed, Low-Voltage, CMOS Analog
Multiplexers/Switches
Typical Operating Characteristics


Similar Part No. - MAX4617_V01

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4617-MAX4619 MAXIM-MAX4617-MAX4619 Datasheet
179Kb / 16P
   High-Speed, Low-Voltage, CMOS Analog Multiplexers/Switches
2012
MAX4617CPE MAXIM-MAX4617CPE Datasheet
179Kb / 16P
   High-Speed, Low-Voltage, CMOS Analog Multiplexers/Switches
2012
MAX4617CPE+T MAXIM-MAX4617CPE+T Datasheet
202Kb / 16P
   High-Speed, Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 3; 12/12
MAX4617CSE MAXIM-MAX4617CSE Datasheet
179Kb / 16P
   High-Speed, Low-Voltage, CMOS Analog Multiplexers/Switches
2012
MAX4617CSE+T MAXIM-MAX4617CSE+T Datasheet
202Kb / 16P
   High-Speed, Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 3; 12/12
More results

Similar Description - MAX4617_V01

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4617 MAXIM-MAX4617 Datasheet
179Kb / 16P
   High-Speed, Low-Voltage, CMOS Analog Multiplexers/Switches
2012
MAX4617 MAXIM-MAX4617_12 Datasheet
202Kb / 16P
   High-Speed, Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 3; 12/12
MAX4782 MAXIM-MAX4782 Datasheet
348Kb / 16P
   High-Speed, Low-Voltage, 0.7OHM CMOS Analog Switches/Multiplexers
Rev 3; 2/05
MAX4581 MAXIM-MAX4581 Datasheet
253Kb / 16P
   Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 1; 10/99
MAX4581 MAXIM-MAX4581_12 Datasheet
198Kb / 17P
   Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 6; 3/12
MAX4581 MAXIM-MAX4581_05 Datasheet
553Kb / 18P
   Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 4; 8/05
MAX4581 MAXIM-MAX4581_07 Datasheet
519Kb / 18P
   Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 5; 6/07
MAX4051 MAXIM-MAX4051 Datasheet
148Kb / 20P
   Low-Voltage, CMOS Analog Multiplexers/Switches
19-0463; Rev 0; 1/96
MAX4581L MAXIM-MAX4581L_07 Datasheet
304Kb / 16P
   Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 1; 6/07
MAX4581L MAXIM-MAX4581L Datasheet
381Kb / 16P
   Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 0; 8/03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com