Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LN242RPX Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # LN242RPX
Description  5.0 mm X 2.0 mm Series
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

LN242RPX Datasheet(HTML) 1 Page - Panasonic Semiconductor

  LN242RPX Datasheet HTML 1Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Unit: mm
1: Anode
2: Cathode
193
PD(mW) IF(mA) IFP(mA)VR(V) Topr(°C)
Tstg(°C)
Lighting Color
Red
Green
Amber
Orange
70
90
90
90
25
30
30
30
150
150
150
150
4
4
4
3
−25 ∼ +85 −30 ∼ +100
Square Type
□ 5.0 mm
× 2.0 mm Series
s Absolute Maximum Ratings (T
a = 25°C)
Conventional Part No.
Global Prat No.
Lighting Color
LN242RPX ················ LNG242RKR ············ Red
LN342GPX ··············· LNG342GKG ··········· Green
LN442YPX ··············· LNG442YKX ··········· Amber
LN842RPX ················ LNG842RKD ············ Orange
★ IFPの条件は,duty 10%,Pulse width 1 msec. The condition of IFP is duty 10%, Pulse width 1 msec
−30 ∼ +100
−30 ∼ +100
−30 ∼ +100
LN242RPX
LN342GPX
LN442YPX
LN842RPX
Unit
Red
Green
Amber
Orange
Red Diffused
Green Diffused
Amber Diffused
Red Diffused
0.4
0.15
15
2.2
2.8
700
100
20
5
4
1.5
0.50
20
2.2
2.8
565
30
20
10
4
2.0
0.75
20
2.2
2.8
590
30
20
10
4
2.5
1.00
20
2.1
2.8
630
40
20
10
3
mcd
mcd
mA
V
V
nm
nm
mA
µAV
s Electro
−Optical Characteristics (T
a = 25°C)
Conventional
Part No.
Lighting
Color
Lens Color
IO
VF
Typ
Min
Typ
IF
Max
Typ
Typ
IF
Max
VR
λ
P
∆λ
IR
−25 ∼ +85
−25 ∼ +85
−25 ∼ +85
12
2
− 0.7 Max
2
− 0.5 Max
2.54
2.2
± 0.2
5.2
± 0.2
5.0
± 0.2
2.0
± 0.2
0.45
± 0.1
IO Ta
500
300
100
10
Ambient Temperature
0
−20
80
100
60
40
20
1.6
1.8
2.0
2.4
2.2
3
1
5
10
50
100
30
100
50
30
5
3
10
1
10
5
3
0.5
0.3
1
0.1
Forward Current
Directive Characteristics
Ambient Temperature
Wavelength
IF VF
20
°
30
°
40
°
50
°
10
°
0
°
60
°
70
°
80
°
90
°
90
°
80
°
20
°
30
°
40
°
50
°
10
°
60
°
70
°
80
°
20
°
40
°
60
°
0
20
20
10
30
40
50
40
60
80
100
100
600
500
700
800
80
60
40
20
0
IF Ta
Forward Voltage
Relative Luminous Intensity
Wavelength Characteristics
IO IF
30
0
50
LN242RPX
LN242RPX
LN342GPX
LN342GPX
LN342GPX
LN842RPX
LN842RPX
LN842RPX
LN442YPX
LN442YPX
LN242RPX
LN242RPX
LN342GPX
LN342GPX
LN442YPX
LN442YPX
LN842RPX
LN842RPX
LN842RPX
LN242RPX
LN242RPX
LN842RPX
LN842RPX
LN842RPX
LN
442Y
PX
LN442YPX
LN
442Y
PX
LN342GPX
LN342GPX
LN242RPX
LN242RPX
LN242RPX
0
20406080
100
20
40
60
80
100
Relative Luminous Intensity


Similar Part No. - LN242RPX

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
LN242RP PANASONIC-LN242RP Datasheet
44Kb / 2P
5.0 mm 쨈 2.0 mm Series
LN242RPH PANASONIC-LN242RPH Datasheet
32Kb / 1P
5.0 mm X 2.0 mm Series
LN242RPH PANASONIC-LN242RPH Datasheet
315Kb / 3P
Light Emitting Diodes
LN242RPH PANASONIC-LN242RPH_08 Datasheet
315Kb / 3P
Light Emitting Diodes
More results

Similar Description - LN242RPX

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
LN242RPH PANASONIC-LN242RPH Datasheet
32Kb / 1P
5.0 mm X 2.0 mm Series
LN248WAL PANASONIC-LN248WAL Datasheet
29Kb / 1P
5.0 mm 횞 2.0 mm Series
LN342GP PANASONIC-LN342GP Datasheet
44Kb / 2P
5.0 mm 쨈 2.0 mm Series
LN224RP PANASONIC-LN224RP Datasheet
31Kb / 1P
5.0 mm X 1.0 mm Series
LN229RPH PANASONIC-LN229RPH Datasheet
31Kb / 1P
5.0 mm X 1.5 mm Series
LN229RP PANASONIC-LN229RP Datasheet
31Kb / 1P
5.0 mm X 1.5 mm Series
LN224RPX PANASONIC-LN224RPX Datasheet
30Kb / 1P
5.0 mm X 1.0 mm Series
LN224RPH PANASONIC-LN224RPH Datasheet
31Kb / 1P
5.0 mm X 1.0 mm Series
logo
List of Unclassifed Man...
C85F ETC2-C85F Datasheet
87Kb / 4P
7.0 mm x 5.0 mm XO
logo
HK TO-GRACE TECHNOLOGY ...
KAAF-5050RGBS-13 TO-GRACE-KAAF-5050RGBS-13 Datasheet
1Mb / 5P
5.0 mm x 5.0 mm Surface Mount LED Lamp
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com