Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GPLHDRX Datasheet(PDF) 1 Page - IOGEAR

Part # GPLHDRX
Description  Video Over Powerline PRO Receiver
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IOGEAR [IOGEAR]
Direct Link  https://www.iogear.com/
Logo IOGEAR - IOGEAR

GPLHDRX Datasheet(HTML) 1 Page - IOGEAR

  GPLHDRX Datasheet HTML 1Page - IOGEAR GPLHDRX Datasheet HTML 2Page - IOGEAR  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GPLHDRX
Video Over Powerline PRO
Receiver
HDMI over Powerline up to 984ft
IOGEAR's HDMI Over Powerline PRO Receiver is an extension or add-on to the HDMI Over Powerline PRO Kit (GPLHDPROK).
Using this kit, transmit high-definition video and audio at astonishing distances up to 984ft over your home and Small Office / Home
Office's (SOHO) existing power outlets without having to incur the expense of rewiring. Enjoy content from your Blu-ray, set-top box
or PC at resolutions up to 1080p.
Note: This product requires an electrical power environment where the electrical wiring is on the same power phase (100~240V AC
grid) and should not be connected through an extension cord, power strip or surge protector. For optimal performance, plug directly
into a wall socket and to the same unbroken circuit.
How Does Powerline Work?
Powerline is an incredibly simple and straightforward means to set up devices that uses your environment's power cables instead of
Ethernet, saving you on the hassles of running wires between rooms and the cost of professional A/V installation. This technology
offers an alternative means of transmitting high-definition video and audio, installs easily and provides a reliable form of data
transmission at ultra-long distances. Powerline technology takes advantage of the electrical wiring that already exists within your
home or office to transmit data from one power outlet to another.
Transmitter and receiver(s) must be connected to the same unbroken circuit. It is highly recommended to plug all units directly into a
wall outlet without extension cords, power strips, surge protectors or uninterruptible power supplies. Connection issues may arise if
GPLHDPROK is connected to an electrical circuit with a Ground Fault Circuit Interrupter (GFCI) or Arc Fault Circuit Interrupter (AFCI)
and if electrical outlet is located near to an appliance with high power consumption such as a washer or dryer.
Adds another HDMI Over Powerline Receiver up to 984ft (300m) from
an existing HDMI Over Powerline Pro Kit
Supports High Definition video resolutions of up to 1080p@60fps
Supports IR Remote signal transmission to control source device
Plug-N-Play Solution
HDMI 1.3 and HDCP Compliant
*Requires the HDMI Over Powerline Pro Transmitter and Receiver Kit (Part
#: GPLHDPROK) to operate additional receivers


Similar Part No. - GPLHDRX

ManufacturerPart #DatasheetDescription
logo
IOGEAR
GPLHDPROK IOGEAR-GPLHDPROK Datasheet
158Kb / 2P
   Video Over Powerline PRO Kit for 2 TVs
GPLHDPROK2 IOGEAR-GPLHDPROK2 Datasheet
152Kb / 2P
   Video Over Powerline PRO Kit for 3 TVs
GPLHDPROK3 IOGEAR-GPLHDPROK3 Datasheet
162Kb / 2P
   Video Over Powerline PRO Kit for 4 TVs
GPLHDPROK4 IOGEAR-GPLHDPROK4 Datasheet
152Kb / 2P
   Video Over Powerline PRO Kit for 5 TVs
More results

Similar Description - GPLHDRX

ManufacturerPart #DatasheetDescription
logo
IOGEAR
GPLHDPROK IOGEAR-GPLHDPROK Datasheet
158Kb / 2P
   Video Over Powerline PRO Kit for 2 TVs
GPLHDPROK3 IOGEAR-GPLHDPROK3 Datasheet
162Kb / 2P
   Video Over Powerline PRO Kit for 4 TVs
GPLHDPROK4 IOGEAR-GPLHDPROK4 Datasheet
152Kb / 2P
   Video Over Powerline PRO Kit for 5 TVs
GPLHDPROK2 IOGEAR-GPLHDPROK2 Datasheet
152Kb / 2P
   Video Over Powerline PRO Kit for 3 TVs
logo
Yamar Electronics Ltd.
SIG60 YAMAR-SIG60_17 Datasheet
815Kb / 16P
   UART over Powerline
DCAN500 YAMAR-DCAN500 Datasheet
466Kb / 6P
   CAN over Powerline Communication
DCAN500 YAMAR-DCAN500_V01 Datasheet
3Mb / 30P
   CAN Over Powerline Transceiver
R 0.83
logo
IOGEAR
GWHDRX01 IOGEAR-GWHDRX01 Datasheet
167Kb / 3P
   Long-Range Wireless Video 5x2 Matrix PRO Receiver
logo
Tripp Lite. All Rights ...
B126-1A1-PLHD TRIPPLITE-B126-1A1-PLHD Datasheet
160Kb / 4P
   HDMI over Powerline Extender Kit, Transmitter/Receiver for Video/Audio, IR Control, Up to 300M (984.25 ft.)
logo
Yamar Electronics Ltd.
DMX250 YAMAR-DMX250 Datasheet
2Mb / 28P
   DMX/RDM Over Powerline Transceiver
R 0.80
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com