Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX14850AEE+T Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX14850AEE+T
Description  Six-Channel Digital Isolator
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14850AEE+T Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX14850AEE+T Datasheet HTML 1Page - Maxim Integrated Products MAX14850AEE+T Datasheet HTML 2Page - Maxim Integrated Products MAX14850AEE+T Datasheet HTML 3Page - Maxim Integrated Products MAX14850AEE+T Datasheet HTML 4Page - Maxim Integrated Products MAX14850AEE+T Datasheet HTML 5Page - Maxim Integrated Products MAX14850AEE+T Datasheet HTML 6Page - Maxim Integrated Products MAX14850AEE+T Datasheet HTML 7Page - Maxim Integrated Products MAX14850AEE+T Datasheet HTML 8Page - Maxim Integrated Products MAX14850AEE+T Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
(VCCA - VGNDA = 3.0V to 5.5V, VCCB - VGNDB = 3.0V to 5.5V, TA = -40°C to +125°C, unless otherwise noted. Typical values are at
VCCA - VGNDA = 3.3V, VCCB - VGNDB = 3.3V, and TA = +25°C.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
Pulse-Width Distortion
|tDPLH – tDPHL|
(Notes 2, 7)
PWD
INA1 TO OUTB1, INA2
TO OUTB2, INB1 TO
OUTA1, INB2 TO OUTA2,
RL = 1MΩ,
CL = 15pF, Figure 1
VCCA = VCCB =
3.3V
7
ns
VCCA = VCCB = 5V
7
I/OA1 to I/OB1, I/OA2 to
I/OB2, R1 = 1.6kΩ,
R2 = 180Ω, CL1 = CL2 =
15pF, Figure 2
VCCA = VCCB =
3.3V
12
VCCA = VCCB = 5V
12
I/OB1 to I/OA1, I/OB2 to
I/OA2, R1 = 1kΩ,
R2 = 120Ω, CL1 = CL2 =
15pF, Figure 2
VCCA = VCCB =
3.3V
60
VCCA = VCCB = 5V
50
Channel-to-Channel
Skew (Notes 2, 7)
tDSKEWCC
OUTB1 to OUTB2 output
skew, Figure 1
VCCA = VCCB =
3.3V
3
ns
VCCA = VCCB = 5V
3
OUTA1 to OUTA2 output
skew, Figure 1
VCCA = VCCB =
3.3V
3
VCCA = VCCB = 5V
3
I/OB1 to I/OB2 output
skew, Figure 2
VCCA = VCCB =
3.3V
6
VCCA = VCCB = 5V
5
I/OA1 to I/OA2 output
skew, Figure 2
VCCA = VCCB =
3.3V
20
VCCA = VCCB = 5V
20
Part-to-Part Skew
(Notes 2, 7)
tDSKEWPP
∆tDPLH, ∆tDPHL
8
ns
Rise Time (Note 2)
tR
OUTA1, OUTA2, OUTB1, OUTB2, 10% to 90%,
Figure 1
5
ns
Fall Time (Note 2)
tF
OUTA1, OUTA2, OUTB1, OUTB2, 90% to 10%,
Figure 1
5
ns
I/OA1, I/OA2, 90% to
10%, R1 = 1.6kΩ,
R2 = 180Ω, CL1 = CL2 =
15pF, Figure 2
VCCA = VCCB =
3.3V
30
60
VCCA = VCCB = 5V
40
80
I/OB1, I/OB2, 90% to
10%, R1 = 1kΩ,
R2 = 120Ω, CL1 = CL2 =
15pF, Figure 2
VCCA = VCCB =
3.3V
3
6
VCCA = VCCB = 5V
3
5
Electrical Characteristics (continued)
MAX14850
Six-Channel Digital Isolator
www.maximintegrated.com
Maxim Integrated │ 5


Similar Part No. - MAX14850AEE+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14850ASE++ MAXIM-MAX14850ASE+ Datasheet
2Mb / 16P
   Six-Channel Digital Isolator
Rev 0; 3/12
More results

Similar Description - MAX14850AEE+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14850 MAXIM-MAX14850_14 Datasheet
899Kb / 17P
   Six-Channel Digital Isolator
Rev 2; 11/14
MAX14850 MAXIM-MAX14850 Datasheet
2Mb / 16P
   Six-Channel Digital Isolator
Rev 0; 3/12
logo
Silicon Laboratories
SI846X SILABS-SI846X Datasheet
1Mb / 36P
   LOW POWER SIX-CHANNEL DIGITAL ISOLATOR
SI8660 SILABS-SI8660 Datasheet
944Kb / 43P
   Low Power Six-Channel Digital Isolator
logo
Skyworks Solutions Inc.
SI846X SKYWORKS-SI846X Datasheet
1Mb / 35P
   LOW POWER SIX-CHANNEL DIGITAL ISOLATOR
Rev. 1.6
SI866X SKYWORKS-SI866X Datasheet
990Kb / 42P
   Low Power Six-Channel Digital Isolator
July 26, 2022
logo
Silicon Laboratories
SI8660BA-B-IS1 SILABS-SI8660BA-B-IS1 Datasheet
493Kb / 40P
   LOW POWER SIX-CHANNEL DIGITAL ISOLATOR
SI8460 SILABS-SI8460 Datasheet
451Kb / 36P
   LOW POWER SIX-CHANNEL DIGITAL ISOLATOR
SI8065 SILABS-SI8065 Datasheet
1Mb / 9P
   THREE TO SIX CHANNEL DIGITAL ISOLATOR EVALUATION BOARD USERS GUIDE
logo
STMicroelectronics
STISO621 STMICROELECTRONICS-STISO621 Datasheet
398Kb / 21P
   Dual channel digital isolator
May 2022 Rev 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com