Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX14850AEE+T Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX14850AEE+T
Description  Six-Channel Digital Isolator
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14850AEE+T Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX14850AEE+T Datasheet HTML 1Page - Maxim Integrated Products MAX14850AEE+T Datasheet HTML 2Page - Maxim Integrated Products MAX14850AEE+T Datasheet HTML 3Page - Maxim Integrated Products MAX14850AEE+T Datasheet HTML 4Page - Maxim Integrated Products MAX14850AEE+T Datasheet HTML 5Page - Maxim Integrated Products MAX14850AEE+T Datasheet HTML 6Page - Maxim Integrated Products MAX14850AEE+T Datasheet HTML 7Page - Maxim Integrated Products MAX14850AEE+T Datasheet HTML 8Page - Maxim Integrated Products MAX14850AEE+T Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
(VCCA - VGNDA = 3.0V to 5.5V, VCCB - VGNDB = 3.0V to 5.5V, TA = -40°C to +125°C, unless otherwise noted. Typical values are at
VCCA - VGNDA = 3.3V, VCCB - VGNDB = 3.3V, and TA = +25°C.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
DC CHARACTERISTICS
Supply Voltage
VCCA
Relative to GNDA
3.0
5.5
V
VCCB
Relative to GNDB
3.0
5.5
Supply Current
ICCA,
ICCB
Unidirectional inputs at
DC or 2Mbps;
bidirectional inputs at DC
or switching at 2Mbps,
no load
VCCA = 5V,
VCCB = 5V
7.2
11
mA
VCCA = 3.3V,
VCCB = 3.3V
6.2
9.5
All inputs switching at
max data rate. No load.
(Note 2)
VCCA
= 5V,
VCCB =
5V
TA =
+25°C
15
22
TA =
+125°C
17
24
VCCA
= 3.3V,
VCCB =
3.3V
TA =
+25°C
10
16
TA =
+125°C
11
18
Undervoltage Lockout
Threshold
VUVLO
VCCA - VGNDA, VCCB - VGNDB (Note 3)
2
V
Undervoltage Lockout
Hysteresis
VUVLOHYS
VCCA - VGNDA, VCCB - VGNDB (Note 3)
0.1
V
ISOLATION CHARACTERISTICS
Isolation Voltage
VISO
t = 60s (Note 4)
600
VRMS
Working Isolation
Voltage
VIOWM
VGNDB - VGNDA continuous (Note 2), 50-year life
expectancy (Figure 4)
200
VRMS
ESD Protection
All pins
±2.5
kV
LOGIC INPUTS AND OUTPUTS
Input Threshold Voltage
VIT
I/OA1, I/OA2, relative to GNDA
0.5
0.7
V
Input Logic-High Voltage
VIH
INA1, INA2, relative to GNDA
0.7 x VCCA
V
INB1, INB2, relative to GNDB
0.7 x VCCB
I/OA1, I/OA2, relative to GNDA
0.7
I/OB1, I/OB2, relative to GNDB
0.7 x VCCB
Input Logic-Low Voltage
VIL
INA1, INA2, relative to GNDA
0.8
V
INB1, INB2, relative to GNDB
0.8
I/OA1, I/OA2, relative to GNDA
0.5
I/OB1, I/OB2, relative to GNDB
0.3 x VCCB
Electrical Characteristics
MAX14850
Six-Channel Digital Isolator
www.maximintegrated.com
Maxim Integrated │ 3


Similar Part No. - MAX14850AEE+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14850ASE++ MAXIM-MAX14850ASE+ Datasheet
2Mb / 16P
   Six-Channel Digital Isolator
Rev 0; 3/12
More results

Similar Description - MAX14850AEE+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14850 MAXIM-MAX14850_14 Datasheet
899Kb / 17P
   Six-Channel Digital Isolator
Rev 2; 11/14
MAX14850 MAXIM-MAX14850 Datasheet
2Mb / 16P
   Six-Channel Digital Isolator
Rev 0; 3/12
logo
Silicon Laboratories
SI846X SILABS-SI846X Datasheet
1Mb / 36P
   LOW POWER SIX-CHANNEL DIGITAL ISOLATOR
SI8660 SILABS-SI8660 Datasheet
944Kb / 43P
   Low Power Six-Channel Digital Isolator
logo
Skyworks Solutions Inc.
SI846X SKYWORKS-SI846X Datasheet
1Mb / 35P
   LOW POWER SIX-CHANNEL DIGITAL ISOLATOR
Rev. 1.6
SI866X SKYWORKS-SI866X Datasheet
990Kb / 42P
   Low Power Six-Channel Digital Isolator
July 26, 2022
logo
Silicon Laboratories
SI8660BA-B-IS1 SILABS-SI8660BA-B-IS1 Datasheet
493Kb / 40P
   LOW POWER SIX-CHANNEL DIGITAL ISOLATOR
SI8460 SILABS-SI8460 Datasheet
451Kb / 36P
   LOW POWER SIX-CHANNEL DIGITAL ISOLATOR
SI8065 SILABS-SI8065 Datasheet
1Mb / 9P
   THREE TO SIX CHANNEL DIGITAL ISOLATOR EVALUATION BOARD USERS GUIDE
logo
STMicroelectronics
STISO621 STMICROELECTRONICS-STISO621 Datasheet
398Kb / 21P
   Dual channel digital isolator
May 2022 Rev 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com