Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX14850AEE+T Datasheet(PDF) 12 Page - Maxim Integrated Products

Part # MAX14850AEE+T
Description  Six-Channel Digital Isolator
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14850AEE+T Datasheet(HTML) 12 Page - Maxim Integrated Products

Back Button MAX14850AEE+T Datasheet HTML 8Page - Maxim Integrated Products MAX14850AEE+T Datasheet HTML 9Page - Maxim Integrated Products MAX14850AEE+T Datasheet HTML 10Page - Maxim Integrated Products MAX14850AEE+T Datasheet HTML 11Page - Maxim Integrated Products MAX14850AEE+T Datasheet HTML 12Page - Maxim Integrated Products MAX14850AEE+T Datasheet HTML 13Page - Maxim Integrated Products MAX14850AEE+T Datasheet HTML 14Page - Maxim Integrated Products MAX14850AEE+T Datasheet HTML 15Page - Maxim Integrated Products MAX14850AEE+T Datasheet HTML 16Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
Detailed Description
The MAX14850 is a six-channel digital isolator. The
device is rated for 600VRMS isolation voltage for 60
seconds. This digital isolator offers a low-power, low-cost,
high electromagnetic interference (EMI) immunity, and sta-
ble temperature performance through Maxim’s proprietary
process technology. The device uses a monolithic solution
to isolate different ground domains and block high-voltage/
high-current transients from sensitive or human interface
circuitry. Four of the six channels are unidirectional, two
in each direction. All four unidirectional channels support
data rates of up to 50Mbps. The other two channels are
bidirectional with data rates up to 2Mbps.
Isolation of I2C, SPI/MICROWIRE®, and other serial
busses can be achieved with the MAX14850. The
device features two supply inputs, VCCA and VCCB, that
independently set the logic levels on either side of the
device. VCCA and VCCB are referenced to GNDA and
GNDB, respectively. The MAX14850 features a refresh
mode to ensure accuracy of data when the inputs are DC.
Digital Isolation
The MAX14850 provides galvanic isolation for digital
signals that are transmitted between two ground domains.
Up to 200VRMS of continuous isolation is supported as
well as transient differences of up to 850V.
MICROWIRE is a registered trademark of Texas Instruments.
PIN
NAME
FUNCTION
REFERENCE
11
I/OB1
Bidirectional Input/Output 1 on Side B. I/OB1 is translated to/from I/OA1
and is a open-drain output.
GNDB
12
INB2
Logic Input 2 on Side B. INB2 is translated to OUTA2.
GNDB
13
INB1
Logic Input 1 on Side B. INB1 is translated to OUTA1.
GNDB
14
OUTB2
Logic Output 2 on Side B. OUTB2 is a push-pull output.
GNDB
15
OUTB1
Logic Output 1 on Side B. OUTB1 is a push-pull output.
GNDB
16
VCCB
Supply Voltage of Logic Side B. Bypass VCCB with a 0.1µF ceramic
capacitor to GNDB.
GNDB
Pin Description (continued)
Functional Diagram
MAX14850
INA1
VCCA
VCCB
GNDA
GNDB
600VRMS
DIGITAL
ISOLATOR
INA2
OUTA1
OUTA2
I/OA1
I/OA2
OUTB1
OUTB2
INB1
INB2
I/OB1
I/OB2
MAX14850
Six-Channel Digital Isolator
www.maximintegrated.com
Maxim Integrated │ 12


Similar Part No. - MAX14850AEE+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14850ASE++ MAXIM-MAX14850ASE+ Datasheet
2Mb / 16P
   Six-Channel Digital Isolator
Rev 0; 3/12
More results

Similar Description - MAX14850AEE+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14850 MAXIM-MAX14850_14 Datasheet
899Kb / 17P
   Six-Channel Digital Isolator
Rev 2; 11/14
MAX14850 MAXIM-MAX14850 Datasheet
2Mb / 16P
   Six-Channel Digital Isolator
Rev 0; 3/12
logo
Silicon Laboratories
SI846X SILABS-SI846X Datasheet
1Mb / 36P
   LOW POWER SIX-CHANNEL DIGITAL ISOLATOR
SI8660 SILABS-SI8660 Datasheet
944Kb / 43P
   Low Power Six-Channel Digital Isolator
logo
Skyworks Solutions Inc.
SI846X SKYWORKS-SI846X Datasheet
1Mb / 35P
   LOW POWER SIX-CHANNEL DIGITAL ISOLATOR
Rev. 1.6
SI866X SKYWORKS-SI866X Datasheet
990Kb / 42P
   Low Power Six-Channel Digital Isolator
July 26, 2022
logo
Silicon Laboratories
SI8660BA-B-IS1 SILABS-SI8660BA-B-IS1 Datasheet
493Kb / 40P
   LOW POWER SIX-CHANNEL DIGITAL ISOLATOR
SI8460 SILABS-SI8460 Datasheet
451Kb / 36P
   LOW POWER SIX-CHANNEL DIGITAL ISOLATOR
SI8065 SILABS-SI8065 Datasheet
1Mb / 9P
   THREE TO SIX CHANNEL DIGITAL ISOLATOR EVALUATION BOARD USERS GUIDE
logo
STMicroelectronics
STISO621 STMICROELECTRONICS-STISO621 Datasheet
398Kb / 21P
   Dual channel digital isolator
May 2022 Rev 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com