Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX14850AEE+T Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX14850AEE+T
Description  Six-Channel Digital Isolator
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14850AEE+T Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX14850AEE+T Datasheet HTML 2Page - Maxim Integrated Products MAX14850AEE+T Datasheet HTML 3Page - Maxim Integrated Products MAX14850AEE+T Datasheet HTML 4Page - Maxim Integrated Products MAX14850AEE+T Datasheet HTML 5Page - Maxim Integrated Products MAX14850AEE+T Datasheet HTML 6Page - Maxim Integrated Products MAX14850AEE+T Datasheet HTML 7Page - Maxim Integrated Products MAX14850AEE+T Datasheet HTML 8Page - Maxim Integrated Products MAX14850AEE+T Datasheet HTML 9Page - Maxim Integrated Products MAX14850AEE+T Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
Note 1: All units are production tested at TA = +25°C. Specifications over temperature are guaranteed by design. All voltages of side
A are referenced to GNDA. All voltages of side B are referenced to GNDB, unless otherwise noted.
Note 2: Guaranteed by design. Not production tested.
Note 3: The undervoltage lockout threshold and hysteresis guarantee that the outputs are in a known state during a slump in the
supplies. See the Detailed Description section for more information.
Note 4: The isolation is guaranteed for t = 60s, and tested at 120% of the guaranteed value for 1s.
Note 5: ΔVTOL = VOL – VIL. This is the minimum difference between the output logic-low voltage and the input logic threshold for
the same I/O pin. This ensures that the I/O channels are not latched low when any of the I/O inputs are driven low (see the
Bidirectional Channels section).
Note 6: The common-mode transient immunity guarantees that the device will hold its outputs stable when the isolation voltage
changes at the specified rate.
Note 7: Pulse-width distortion is defined as the difference in propagation delay between low-to-high and high-to-low transitions on
the same channel. Channel-to-channel skew is defined as the difference in propagation delay between different channels on
the same device. Part-to-part skew is defined as the difference in propagation delays (for unidirectional channels) between
different devices, when both devices operate with the same supply voltage, at the same temperature and have identical
package and test circuits.
PARAMETER
SYMBOL
CONDITIONS
VALUE
UNIT
IEC INSULATION AND SAFETY RELATED FOR SPECIFICATIONS FOR SOIC-16
External Tracking (Creepage)
CPG
IEC 60664-1
SOIC-16
4.2
mm
QSOP-16
3.81
mm
External Air Gap (Clearance)
CLR
IEC 60664-1
SOIC-16
4.2
mm
QSOP-16
3.81
mm
Minimum Internal Gap
Insulation Thickness
0.0026
mm
Tracking Resistance (Comparative
Tracking Index)
CTI
IEC 112 / VDE 030 Part 1
175
V
Insulation Resistance Across
Barrier
RISO
1
GΩ
Capacitance Across Isolation
Barrier
CIO
f = 1MHz
12
pF
VDE IEC INSULATION CHARACTERISTICS
Surge Isolation Voltage
VIOSM
IEC 60747-17, section 5.3.1.6 and 5.4.6 for basic
insulation
1
kVpeak
Repetitive Peak Isolation Voltage
VIORM
IEC 60747-17, section 5.3.1.3
282
Vpeak
Rated Transient Isolation Voltage
VIOTM
IEC 60747-17, section 5.3.1.4
850
Vpeak
Safety Limiting Temperature
TS
IEC 60747-17, section 7.2.1
150
°C
Safety Limiting Side A Power
Dissipation
PSA
IEC 60747-17, section 7.2.1
0.75
W
Safety Limiting Side B Power
Dissipation
PSB
IEC 60747-17, section 7.2.1
0.75
W
Apparent Charge Method
qpd
IEC 60747-17, section 7.4, method a & b
5
pC
Overvoltage Category
IEC 60664-1, single or three phase 50V DC or AC
I,II
Overvoltage Category
IEC 60664-1, single or three phase 100V DC or AC
I
Climatic Category
40/125/21
Pollution Degree
DIN VDE 0110, Table 1
2
Insulation and Safety Characteristics
MAX14850
Six-Channel Digital Isolator
www.maximintegrated.com
Maxim Integrated │ 6


Similar Part No. - MAX14850AEE+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14850ASE++ MAXIM-MAX14850ASE+ Datasheet
2Mb / 16P
   Six-Channel Digital Isolator
Rev 0; 3/12
More results

Similar Description - MAX14850AEE+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14850 MAXIM-MAX14850_14 Datasheet
899Kb / 17P
   Six-Channel Digital Isolator
Rev 2; 11/14
MAX14850 MAXIM-MAX14850 Datasheet
2Mb / 16P
   Six-Channel Digital Isolator
Rev 0; 3/12
logo
Silicon Laboratories
SI846X SILABS-SI846X Datasheet
1Mb / 36P
   LOW POWER SIX-CHANNEL DIGITAL ISOLATOR
SI8660 SILABS-SI8660 Datasheet
944Kb / 43P
   Low Power Six-Channel Digital Isolator
logo
Skyworks Solutions Inc.
SI846X SKYWORKS-SI846X Datasheet
1Mb / 35P
   LOW POWER SIX-CHANNEL DIGITAL ISOLATOR
Rev. 1.6
SI866X SKYWORKS-SI866X Datasheet
990Kb / 42P
   Low Power Six-Channel Digital Isolator
July 26, 2022
logo
Silicon Laboratories
SI8660BA-B-IS1 SILABS-SI8660BA-B-IS1 Datasheet
493Kb / 40P
   LOW POWER SIX-CHANNEL DIGITAL ISOLATOR
SI8460 SILABS-SI8460 Datasheet
451Kb / 36P
   LOW POWER SIX-CHANNEL DIGITAL ISOLATOR
SI8065 SILABS-SI8065 Datasheet
1Mb / 9P
   THREE TO SIX CHANNEL DIGITAL ISOLATOR EVALUATION BOARD USERS GUIDE
logo
STMicroelectronics
STISO621 STMICROELECTRONICS-STISO621 Datasheet
398Kb / 21P
   Dual channel digital isolator
May 2022 Rev 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com